delta p/n : mpt1040-e1 series mechanical dimensions electrical characteristics part no. lo @0a (uh) 20% ir(adc) isat(adc) dcr (m ) mpt1040-r36e1 0.36 40.0 40.0 0.76 5% MPT1040-R45E1 0.45 35.0 38.0 1.0 7% mpt1040-r56e1 0.56 30.0 35.0 1.4 7% mpt1040-r68e1 0.68 28.0 33.0 1.6 7% mpt1040-r88e1 0.88 27.0 32.0 2.3 7% mpt1040-1r0e1 1.0 25.0 30.0 2.3 7% notes: (1) all test data is referenced to 25 ambient. (2) ir is the dc current which cause the surface temperature of the part increse approximate 40 (3) isat is the dc current which cause the inductance drop approximate 30% of lo. (4) operating temperature range -55 to 125 . (the part temperature should be keepped under 125 when the worse operating condition apply on it. circuit design, component placement, pwb tracesize and thickness, airflow and other cooling provision may affect the part temperature. part temperature should be veri fied in the end application.) (5) the rated current is depended on ir and isat which one is lower. unit : mm a? 11.15 0.35 a 10 0 0.3 b 3.8 0.2 c 2.0 0.5 c? 2.5 0.1 d 3.0 0.5 d? 5.0 0.2 e 0~0.15 f 4.1 g 5.4 h 13.6
|