Part Number Hot Search : 
PBTR05 AT1461 D2016UK XXXDN 0441106 AP03N70 18TRU 5B17AG
Product Description
Full Text Search
 

To Download MP101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  21201 itasca st. chatsworth, ca 91311 phone: (818) 701-4933 fax: (818) 701-4939 mp1005 thru MP1010 10 amp single phase bridge rectifier 50 to 1000 volts pb-6 features ? low forward voltage drop ? plastic case with internal metal heat sink ? any mounting position ? surge rating of 150 amps dimensions inches mm dim min max min max note a .580 .620 14.70 15.70 2pl b .230 .270 5.8 6.9 c --- .750 --- 19.20 d .405 .444 10.30 11.30 2pl e .038 .042 .97 1.10 4pl/typ g .145 --- 3.70 --- ? maximum ratings ? operating temperature: -65 c to +125 c ? storage temperature: -65 c to +150 c microsemi part number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage mp1005 50v 35v 50v MP101 100v 70v 100v mp102 200v 140v 200v mp104 400v 280v 400v mp106 600v 420v 600v mp108 800v 560v 800v MP1010 1000v 700v 1000v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 10.0a t j = 75 c peak forward surge current i fsm 150a 8.3ms, half sine maximum forward voltage drop per element v f 1.1v i fm = 5.0a per element; t a = 25 c* maximum dc reverse current at rated dc blocking voltage i r 10 a 2.0ma t a = 25 c t a = 100 c *pulse test: pulse width 300 sec, duty cycle 1% b c e d a ac + - a ac g
instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts average forward rectified current - amperes versus case temperature - c figure 3 forward derating curve 50 75 125 150 175 25 0 2 4 6 single phase, half wave 60hz resistive or inductive load amps c 100 8 10 12 instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics volts 4 6 20 10 amps .2 1.2 .4 .6 .8 1.0 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c 40 60 100 1.4 figure 2 typical reverse characteristics volts .4 .6 2 1 amps 20 120 40 60 80 100 .001 .002 .00 4 .00 6 .0 1 .02 .04 .06 .1 .2 4 6 10 140 t j =25 c 1100 4 0 25 50 75 8 figure 4 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 100 125 150 mp1005 thru MP1010


▲Up To Search▲   

 
Price & Availability of MP101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X