Part Number Hot Search : 
61132 CY14B ON1272 C74AC 00TTS JANTX2N HMC203 100LVE
Product Description
Full Text Search
 

To Download MMBT2907 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  0.4 +0.1 -0.1 2.9 +0.1 -0.1 0.95 +0.1 -0.1 1.9 +0.1 -0.1 2 . 4 + 0 . 1 - 0 . 1 1 . 3 + 0 . 1 - 0 . 1 0 - 0 . 1 0 . 3 8 + 0 . 1 - 0 . 1 0 . 9 7 + 0 . 1 - 0 . 1 0 . 5 5 0 . 4 1.base 2.emitter 3.collector 1 2 3 unit: mm sot-23 0.1 +0.05 -0.01 features collector current to continuous :i c =-600ma pow er diss ipation : p d =250mw absolute maxim um ratings t a = 25 paramet er sym bol rating unit collector-base volt age v cbo -60 v collector-em itt er voltage v ceo -40 v em itt er-base voltage v ebo -5 v collector curr ent - continuous i c -600 m a total device diss ipation p d 250 m w thermal resist ance, j unction t o am bient r ja 500 / w oper ating and storage juncti on tem pera ture rang e t j , t stg -55 to +150 sales@twtysemi.com 1 of 2 http://www.twtysemi.com mm bt2 90 7 product specification 4008-318-123
el ectrical characteris tics t a = 2 5 paramet er sym bol test c onditons min ma x unit collector-base breakdow n voltage v (br)cbo i c = -10 a, i e = 0 -60 v collector-em itt er breakdow n voltage* v (br)ceo i c = -10 m a, i b = 0 -40 v em itt er- base b reakdow n voltage v (br)ebo i e = -10 a, i c = 0 -5 v collector cut-off c urr ent i v cb =-50 v i e =0 -100 na em itt er cut-off curren t i v ce =-3v i c =0 -100 na i c = -0.1 m a, v ce = -10 v 35 i c = -1.0 m a, v ce = -10 v 50 i c = -10 m a, v ce = -10 v 75 i c = -150 m a, v ce = -10 v 100 300 i c = -500 m a, v ce = -10 v 30 i c = -150 m a, i b = -15 m a -0.4 v i c = -500 m a, i b = -50 m a -1.6 v i c = -150 m a, i b = -15 m a -1.3 v i c = -500 m a, i b = -50 m a -2.6 v cur rent gain - bandw idth product f t i c = -50 m a, v ce = -20 v, f = 100 m hz 200 mh z output capa cit ance c obo v cb = -10 v, i e = 0,f = 100 khz 8.0 pf input capacitance c i bo v eb = -2.0 v , i c = 0,f = 100 khz 30 pf turn- on tim e t on 45 ns delay tim e t d 10 ns rise tim e t r 40 ns turn- off tim e t off 100 ns storage tim e t s 80 ns fall tim e t f 30 ns v cc = -30 v, i c = -150 m a,i b1 = -15 m a v cc = -6.0 v , i c = -150 m a,i b1 = i b2 = -15 m a v be(sat) base-em itt er saturation voltage v ce(sat) collector-em itt er saturation voltage* dc cu rre nt gain h fe mm bt2 90 7 cbo eb o mark ing mar king m2b sales@twtysemi.com 2 of 2 http://www.twtysemi.com product specification 4008-318-123


▲Up To Search▲   

 
Price & Availability of MMBT2907

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X