percent rated load (%) ambient temperature (c) features : - thin film passivated nicr resistor - very tight tolerance from 0.01 %-1 % - extremely low tcr from 5~50 ppm/c - wide r-value range - power rating: 1/10w - operating temp. range: -55c~+155c - max. operating voltage: 100v - max. overloading voltage: 200v - tcr (ppm/c): 25, 50 rohs compliant recommended land pattern spc t e c h n o l o g y rohs compliant tape & reel dimension
mfg. p/n resistance voltage range unit of measure quantity mctf0805btc1000 100ohm 100v tr/tc spool of 5,000/ ea. mctf0805btc1001 1kohm 100v tr/tc spool of 5,000/ ea. mctf0805btc1002 10kohm 100v tr/tc spool of 5,000/ ea. mctf0805btc1003 100kohm 100v tr/tc spool of 5,000/ ea. mctf0805btc1004 1mohm 100v tr/tc spool of 5,000/ ea. mctf0805btc1202 12kohm 100v tr/tc spool of 5,000/ ea. mctf0805btc1501 1.5kohm 100v tr/tc spool of 5,000/ ea. mctf0805btc1502 15kohm 100v tr/tc spool of 5,000/ ea. mctf0805btc1503 15kohm 100v tr/tc spool of 5,000/ ea. mctf0805btc2001 2kohm 100v tr/tc spool of 5,000/ ea. mctf0805btc2002 20kohm 100v tr/tc spool of 5,000/ ea. mctf0805btc2003 200kohm 100v tr/tc spool of 5,000/ ea. mctf0805btc3001 3kohm 100v tr/tc spool of 5,000/ ea. mctf0805btc4991 4.99kohm 100v tr/tc spool of 5,000/ ea. mctf0805btc4992 49.9kohm 100v tr/tc spool of 5,000/ ea. mctf0805dtc1000 100ohm 100v tr/tc spool of 5,000/ ea. mctf0805dtc1001 1kohm 100v tr/tc spool of 5,000/ ea. mctf0805dtc1002 10kohm 100v tr/tc spool of 5,000/ ea. mctf0805dtc1003 100kohm 100v tr/tc spool of 5,000/ ea. mctf0805dtc2001 2kohm 100v tr/tc spool of 5,000/ ea. mctf0805dtc49r9 49.9ohm 100v tr/tc spool of 5,000/ ea. mctf0805atx1202 12kohm 100v tape & reel spool of 1,000 mctf0805atx1501 1.5kohm 100v tape & reel spool of 1,000 mctf0805atx1502 15kohm 100v tape & reel spool of 1,000 mctf0805atx1503 150kohm 100v tape & reel spool of 1,000 mctf0805atx2002 20kohm 100v tape & reel spool of 1,000 mctf0805atx2003 200kohm 100v tape & reel spool of 1,000 mctf0805atx3001 3kohm 100v tape & reel spool of 1,000 mctf0805atx499 499ohm 50v tape & reel spool of 1,000 mctf0805atx750 75ohm 100v tape & reel spool of 1,000 mctf0805aty1202 12kohm 100v tape & reel spool of 1,000 mctf0805aty1503 150kohm 100v tape & reel spool of 1,000 mctf0805aty2001 2kohm 100v tape & reel spool of 1,000 mctf0805aty2002 20kohm 100v tape & reel spool of 1,000 mctf0805aty2003 200kohm 100v tape & reel spool of 1,000 mctf0805aty499 49.9ohm 100v tape & reel spool of 1,000 mctf0805aty4991 4.99kohm 100v tape & reel spool of 1,000 mctf0805aty4992 49.9kohm 100v tape & reel spool of 1,000 mctf0805atz1202 12kohm 100v tape & reel spool of 1,000 mctf0805atz1502 15kohm 100v tape & reel spool of 1,000 mctf0805atz2001 2kohm 100v tape & reel spool of 1,000 mctf0805atz2002 20kohm 100v tape & reel spool of 1,000 mctf0805atz499 49.9ohm 50v tape & reel spool of 1,000 mctf0805ttx1000 100ohm 100v tape & reel spool of 1,000 mctf0805ttx1001 1kohm 100v tape & reel spool of 1,000 mctf0805ttx1002 10kohm 100v tape & reel spool of 1,000 mctf0805ttx1003 100kohm 100v tape & reel spool of 1,000 mctf0805tty1000 100ohm 100v tape & reel spool of 1,000 mctf0805tty1001 1kohm 100v tape & reel spool of 1,000 mctf0805tty1002 10kohm 100v tape & reel spool of 1,000 MCTF0805TTY1003 100kohm 100v tape & reel spool of 1,000 mctf0805ttz1000 100ohm 100v tape & reel spool of 1,000 mctf0805ttz1001 1kohm 100v tape & reel spool of 1,000 mctf0805ttz1002 10kohm 100v tape & reel spool of 1,000 rohs compliant
|