Part Number Hot Search : 
LBS11520 2SC33 FAN7544M CEEH64 Y7C14 5LN01S SFBUX16 200EMS
Product Description
Full Text Search
 

To Download MC79L05ACHX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mc79l05a / lm79l05a ? 3-terminal 0.1 a negative voltage regulator ? 2004 fairchild semiconductor corporation www.fairchildsemi.com mc79l05a / lm79l05a rev. 1.1.0 1 december 2012 mc79l05a / lm79l05a 3-terminal 0.1 a negative voltage regulator features ? output current up to 100 ma ? no external components ? internal thermal over load protection ? internal short-circuit current limiting ? output voltage offered in 5% tolerance ? output voltage: -5 v ordering information block diagram figure 1. block diagram part number operating tem- perature range top mark package packing method MC79L05ACHX 0 ~ +125 c 9a sot-89 tape and reel mc79l05acp mc79l05acp to-92 bulk lm79l05acz lm79l05acz to-92 bulk q1 q2 q3 q4 q5 q6 q7 q8 q9 q10 q11 q12 q13 q14 q15 q16 q17 r1 r2 r3 r4 r5 r6 r7 r15 r16 r17 r18 r26 r22 r24 r25 r29 r r28 r23+r21 r27 d3 d2 d1 c1 gnd output input description these regulators employ internal current limiting and thermal shutdown. to-92 1.gnd 2.input 3.output 1 sot-89 1
mc79l05a / lm79l05a ? 3-terminal 0.1 a negative voltage regulator ? 2004 fairchild semiconductor corporation www.fairchildsemi.com mc79l05a / lm79l05a rev. 1.1.0 2 absolute maximum ratings stresses exceeding the absolute maximum ratings may damage the device. the device may not function or be opera- ble above the recommended operating conditions and stressing the parts to these levels is not recommended. in addi- tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. the absolute maximum ratings are stress ratings only. values are at t a = 25c unless otherwise noted. electrical characteristics v i = -10 v, i o = 40 ma, c i = 0.33 f, c o = 0.1 f, 0 c t j +125c, unless otherwise specified. note: 1. load and line regulation are specified at constant junction temperature. changes in v o due to heating effects must be taken into account separately. pulse testing with low duty is used. symbol parameter value unit v i input voltage -30 v t opr operating temperature range 0 ~ +125 c t stg storage temperature range -65 ~ +150 c symbol parameter conditions min. typ. max. unit v o output voltage t j = +25 c -4.8 -5.0 -5.2 v v o line regulation (1) t j =+25 c -7.0 v v i -20 v 15 150 mv -8 v v i -20 v 100 mv v o load regulation (1) t j =+25 c 1.0 ma i o 100 ma 20 60 mv 1.0 ma i o 40 ma 10 30 mv v o output voltage -7.0 v v i -20 v, 1.0 ma i o 40 ma -4.75 -5.25 v v i = -10 v, 1.0 ma i o 70 ma -4.75 -5.25 v i q quiescent current t j = +25 c2.05.5 ma t j = +125 c6.0 i q quiescent current change with line -8 v v i -20 v 1.5 ma i q with load 1.0 ma i o 40 ma 0.1 ma v n output noise voltage t a = +25 c,10 hz f 100 khz 30 v rr ripple rejection f = 120 hz, -8 v v i -18 v, t j = +25 c41 60 db v d dropout voltage t j = +25 c1.7v
mc79l05a / lm79l05a ? 3-terminal 0.1 a negative voltage regulator ? 2004 fairchild semiconductor corporation www.fairchildsemi.com mc79l05a / lm79l05a rev. 1.1.0 3 typical application design considerations the mc79l05a / lc79l05a fixed-voltage regulators are designed with thermal overload protection that shuts down the circuit when subjected to an excessive power overload condition. internal short-circuit protection limits the maxi- mum current the circuit will pass. in many low-current applications, compensation capacitors are not required. how- ever, it is recommended that the regulator input be bypassed with a capacitor if the regulator is connected to the power supply filter with long wire lengths, or if the output load capacitance is large. an input bypass capacitor should be selected to provide good high-frequency characteristics to ensure stable operation under all load conditions. a 0.33 f or larger tantalum, mylar, or other capacitor having low internal impedance at high frequencies should be chosen. the bypass capacitor should be mounted with the shortest possible leads directly across the regulator's input terminals. good construction techniques should be used to minimize ground loops and lead resistance drops since the regulator has no external sense lead. bypassing the output is also recommended. a common ground is required between the input and the output voltages. the input voltage must remain typically 2.0 v above the output voltage, even during the low point on the input ripple voltage. * c i is required if regulator is located an appreciable distance from power supply filter. ** c o improves stability and transient response. figure 2. positive and negative regulator figure 3. typical application lm78l05a mc78l05a lm79l05a mc79l05a i mc79l05a lm79l05a
mc79l05a / lm79l05a ? 3-terminal 0.1 a negative voltage regulator ? 2004 fairchild semiconductor corporation www.fairchildsemi.com mc79l05a / lm79l05a rev. 1.1.0 4 physical dimensions figure 4. 3-lead, sot-89, jedec to-243, option aa package drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the drawing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/ . for current tape and reel specifications, visit fairchild semiconductor?s online packaging area: http://www.fairchildsemi.com/products/discrete/pdf/sot89_tr.pdf . sot-89 2.00 min 0.50 45 x 5.30 min 1.50 2.23 min 0.96 min 0.90 min 2x 3.00 min 90 4.50 3.90 c 1.30 0.89 0.54 1.50 0.52 0.30 (2x) c 4.70 4.30 c 1.87 1.50 c 1.40 2.70 2.30 c 3.00 0.30 45 x 123 1 3 0.10 m c ab a b 1.70 1.30 c seating plane c 2.70 0.35 0.60 0.40 c 0.50 0.35 2.29 2.13 notes: unless otherwise specified. a. reference to jedec to-243 variation aa. b. all dimensions are in millimeters. c does not comply jedec standard value. d. dimensions are exclusive of burrs, mold flash and tie bar protrusion. e. dimension and tolerance as per asme y14.5-1994. f. drawing file name: ma03crev2 land pattern recommendation c l symm 13 2
mc79l05a / lm79l05a ? 3-terminal 0.1 a negative voltage regulator ? 2004 fairchild semiconductor corporation www.fairchildsemi.com mc79l05a / lm79l05a rev. 1.1.0 5 physical dimensions (continued) figure 5. 3-lead, to-92, molded, standard straight lead package drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the drawing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/packaging/ . d to-92 bulk type
? fairchild semiconductor corporation www.fairchildsemi.com trademarks the following includes registered and unregistered trademarks and service marks, owned by fairchild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. 2cool accupower ax-cap * bitsic build it now coreplus corepower crossvolt ctl current transfer logic deuxpeed ? dual cool? ecospark ? efficientmax esbc fairchild ? fairchild semiconductor ? fact quiet series fact ? fast ? fastvcore fetbench fps f-pfs frfet ? global power resource sm greenbridge green fps green fps e-series g max gto intellimax isoplanar making small speakers sound louder and better? megabuck microcoupler microfet micropak micropak2 millerdrive motionmax mwsaver optohit optologic ? optoplanar ? ? powertrench ? powerxs? programmable active droop qfet ? qs quiet series rapidconfigure saving our world, 1mw/w/kw at a time? signalwise smartmax smart start solutions for your success spm ? stealth superfet ? supersot -3 supersot -6 supersot -8 supremos ? syncfet sync-lock? ? * the power franchise ? tinyboost tinybuck tinycalc tinylogic ? tinyopto tinypower tinypwm tinywire transic trifault detect truecurrent ? * p serdes uhc ? ultra frfet unifet vcx visualmax voltageplus xs? * trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function, or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. anti-counterfeiting policy fairchild semiconductor corporation's anti-counterfeiting policy. fairchild's anti-counterfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support. counterfeiting of semiconductor parts is a growing problem in the industry. all manufacturers of semiconductor products are exp eriencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substa ndard performance, failed applications, and increased cost of production and manufacturing delays. fairchild is taking strong measures to protect ourselv es and our customers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fa irchild or from authorized fairchild distributors who are listed by country on our web page cited above. products customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fairchild's quality standards for handling and storage and provide access to fa irchild's full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and will appropriately addr ess any warranty issues that may arise. fairchild will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. fairchild is c ommitted to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors . product status definitions definition of terms datasheet identification product status definition advance information formative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product that is discontinued by fairchild semiconductor. the datasheet is for reference information only. rev. i63 ?


▲Up To Search▲   

 
Price & Availability of MC79L05ACHX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X