Part Number Hot Search : 
OP181GP GBU6A BAV20 PE2N2D TIC225A BAV20 2SD209 HV9930
Product Description
Full Text Search
 

To Download MBRD350G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2012 january, 2012 ? rev. 8 1 publication order number: mbrd320/d mbrd320g, sbrd8320g, mbrd330g, sbrd8330g, mbrd340g, sbrd8340g, MBRD350G, sbrd8350g, mbrd360g, sbrd8360g mbrd320, mbrd340 and mbrd360 are preferred devices switchmode power rectifiers dpak surface mount package these state ? of ? the ? art devices are designed for use as output rectifiers, free wheeling, protection and steering diodes in switching power supplies, inverters and other inductive switching circuits. features ? extremely fast switching ? extremely low forward drop ? platinum barrier with avalanche guardrings ? aec ? q101 qualified and ppap capable ? sbrd8 prefix for automotive and other applications requiring unique site and control change requirements ? all packages are pb ? free* mechanical characteristics: ? case: epoxy, molded ? weight: 0.4 gram (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead and mounting surface temperature for soldering purposes; 260 ? c max. for 10 seconds ? esd ratings: ? machine model = c ? human body model = 3b *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. schottky barrier rectifiers 3.0 amperes, 20 ? 60 volts preferred devices are recommended choices for future use and best overall value. 1 3 4 http://onsemi.com see detailed ordering and shipping information in the package dimensions section on p age 2 of this data sheet. ordering information y = year ww = work week b3x0 = device code x = 2, 3, 4, 5, or 6 g = pb ? free package dpak case 369c marking diagram yww b 3x0g
mbrd320g, sbrd8320g, mbrd330g, sbrd8330g, mbrd340g, sbrd8340g, MBRD350G, sbrd8350g, mbrd360g, sbrd8360g http://onsemi.com 2 maximum ratings rating symbol mbrd/sbrd8 unit 320 330 340 350 360 peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 20 30 40 50 60 v average rectified forward current (t c = +125 ? c, rated v r ) i f(av) 3 a peak repetitive forward current, t c = +125 ? c (rated v r , square wave, 20 khz) i frm 6 a nonrepetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 75 a peak repetitive reverse surge current (2  s, 1 khz) i rrm 1 a operating junction temperature range (note 1) t j ? 65 to +175 ? c storage temperature range t stg ? 65 to +175 ? c voltage rate of change (rated v r ) dv/dt 10,000 v/  s stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. the heat generated must be less than the thermal conductivity from junction ? to ? ambient: dp d /dt j < 1/r  ja . thermal characteristics characteristic symbol value unit maximum thermal resistance, junction ? to ? case r  jc 6 ? c/w maximum thermal resistance, junction ? to ? ambient (note 2) r  ja 80 ? c/w 2. rating applies when surface mounted on the minimum pad size recommended. electrical characteristics characteristic symbol value unit maximum instantaneous forward voltage (note 3) i f = 3 amps, t c = +25 ? c i f = 3 amps, t c = +125 ? c i f = 6 amps, t c = +25 ? c i f = 6 amps, t c = +125 ? c v f 0.6 0.45 0.7 0.625 v maximum instantaneous reverse current (note 3) (rated dc voltage, t c = +25 ? c) (rated dc voltage, t c = +125 ? c) i r 0.2 20 ma 3. pulse test: pulse width = 300  s, duty cycle ? 2.0%. ordering information device package shipping ? mbrd320g dpak (pb ? free) 75 units / rail sbrd8320g dpak (pb ? free) 75 units / rail mbrd320rlg dpak (pb ? free) 1,800 tape & reel mbrd320t4g dpak (pb ? free) 2,500 tape & reel sbrd8320t4g dpak (pb ? free) 2,500 tape & reel mbrd330g dpak (pb ? free) 75 units / rail sbrd8330g dpak (pb ? free) 75 units / rail
mbrd320g, sbrd8320g, mbrd330g, sbrd8330g, mbrd340g, sbrd8340g, MBRD350G, sbrd8350g, mbrd360g, sbrd8360g http://onsemi.com 3 ordering information device shipping ? package mbrd330rlg dpak (pb ? free) 1,800 tape & reel mbrd330t4g dpak (pb ? free) 2,500 tape & reel sbrd8330t4g dpak (pb ? free) 2,500 tape & reel mbrd340g dpak (pb ? free) 75 units / rail sbrd8340g dpak (pb ? free) 75 units / rail mbrd340rlg dpak (pb ? free) 1,800 tape & reel mbrd340t4g dpak (pb ? free) 2,500 tape & reel sbrd8340t4g dpak (pb ? free) 2,500 tape & reel MBRD350G dpak (pb ? free) 75 units / rail sbrd8350g dpak (pb ? free) 75 units / rail mbrd350rlg dpak (pb ? free) 1,800 tape & reel sbrd8350rlg dpak (pb ? free) 1,800 tape & reel mbrd350t4g dpak (pb ? free) 2,500 tape & reel sbrd8350t4g dpak (pb ? free) 2,500 tape & reel mbrd360g dpak (pb ? free) 75 units / rail sbrd8360g dpak (pb ? free) 75 units / rail mbrd360rlg dpak (pb ? free) 1,800 tape & reel sbrd8360rlg dpak (pb ? free) 1,800 tape & reel mbrd360t4g dpak (pb ? free) 2,500 tape & reel sbrd8360t4g dpak (pb ? free) 2,500 tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
mbrd320g, sbrd8320g, mbrd330g, sbrd8330g, mbrd340g, sbrd8340g, MBRD350G, sbrd8350g, mbrd360g, sbrd8360g http://onsemi.com 4 typical characteristics figure 1. typical forward voltage figure 2. typical reverse current figure 3. average power dissipation 0.7 1.0 0.1 v f , instantaneous voltage (volts) 100 10 v r , reverse voltage (volts) 40 70 0 20 0.1 0.04 0.001 i f(av) , average forward current (amps) 1.0 0 10 8.0 6.0 4.0 2.0 0 2.0 i f , instantaneous forward current (amps) i p f(av) , average power dissipation (watts) 1.0 0.4 0.2 0.3 0.5 0.6 0.8 0.9 50 60 10 20 30 10 40 100 3.0 4.0 5.0 6.0 7.0 10 0.1 1.1 8.0 9.0 9.0 7.0 5.0 3.0 1.0 , reverse current (ma) r 0.2 0.4 1.0 0.02 0.01 0.004 0.002 t j = 25 ? c 150 ? c 125 ? c 75 ? c t j = 150 ? c i pk /i av = 20 sine wave square wave dc 10 5 t j = 150 ? c *the curves shown are typical for the highest voltage device in the voltage grouping. t ypical reverse current for lower voltage selections can be estimated from these curves if v r is sufficient below rated v r . 125 ? c 4.0 2.0 100 ? c 75 ? c 25 ? c
mbrd320g, sbrd8320g, mbrd330g, sbrd8330g, mbrd340g, sbrd8340g, MBRD350G, sbrd8350g, mbrd360g, sbrd8360g http://onsemi.com 5 typical characteristics figure 4. current derating, case figure 5. current derating, ambient figure 6. typical capacitance 140 80 t c , case temperature ( ? c) 8.0 7.0 5.0 6.0 4.0 t a , ambient temperature ( ? c) 100 160 0 2.0 1.0 0.5 0 60 0 v r , reverse voltage (volts) 100 70 50 30 20 10 70 i f(av) , average forward current (amps) c, capacitance (pf) 3.0 2.0 1.0 110 90 100 120 130 150 160 120 140 20 40 60 80 1.5 2.5 3.0 10 20 30 40 50 0 3.5 4.0 i f(av) , average forward current (amps) 200 300 500 700 1 k t j = 25 ? c rated voltage applied t j = 150 ? c r  jc = 6 ? c/w dc sine wave or square wave t j = 150 ? c t j = 150 ? c t j = 125 ? c r  ja = 80 ? c/w surface mounted on min. pad size recommended square wave or sine wave v r = 25 v dc
mbrd320g, sbrd8320g, mbrd330g, sbrd8330g, mbrd340g, sbrd8340g, MBRD350G, sbrd8350g, mbrd360g, sbrd8360g http://onsemi.com 6 package dimensions dpak (single gauge) case 369c ? 01 issue d b d e b3 l3 l4 b2 e m 0.005 (0.13) c c2 a c c z dim min max min max millimeters inches d 0.235 0.245 5.97 6.22 e 0.250 0.265 6.35 6.73 a 0.086 0.094 2.18 2.38 b 0.025 0.035 0.63 0.89 c2 0.018 0.024 0.46 0.61 b2 0.030 0.045 0.76 1.14 c 0.018 0.024 0.46 0.61 e 0.090 bsc 2.29 bsc b3 0.180 0.215 4.57 5.46 l4 ??? 0.040 ??? 1.01 l 0.055 0.070 1.40 1.78 l3 0.035 0.050 0.89 1.27 z 0.155 ??? 3.93 ??? notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: inches. 3. thermal pad contour optional within di- mensions b3, l3 and z. 4. dimensions d and e do not include mold flash, protrusions, or burrs. mold flash, protrusions, or gate burrs shall not exceed 0.006 inches per side. 5. dimensions d and e are determined at the outermost extremes of the plastic body. 6. datums a and b are determined at datum plane h. 12 3 4 5.80 0.228 2.58 0.102 1.60 0.063 6.20 0.244 3.00 0.118 6.17 0.243  mm inches  scale 3:1 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* h 0.370 0.410 9.40 10.41 a1 0.000 0.005 0.00 0.13 l1 0.108 ref 2.74 ref l2 0.020 bsc 0.51 bsc a1 h detail a seating plane a b c l1 l h l2 gauge plane detail a rotated 90 cw  on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 mbrd320/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MBRD350G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X