|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
www.irf.com 1 12/06/08 IRFS4227PBF irfsl4227pbf notes through are on page 8 * r jc (end of life) for d 2 pak and to-262 = 0.65c/w. this is the maximum measured value after 1000 temperature cycles from -55 to 150c and is accounted for by the physical wearout of the die attach medium. v ds max 200 v v ds (avalanche) typ. 240 v r ds(on) typ. @ 10v 22 m i rp max @ t c = 100c 130 a t j max 175 c key parameters features advanced process technology key parameters optimized for pdp sustain, energy recovery and pass switch applications low e pulse rating to reduce power dissipation in pdp sustain, energy recovery and pass switch applications low q g for fast response high repetitive peak current capability for reliable operation short fall & rise times for fast switching 175c operating junction temperature for improved ruggedness repetitive avalanche capability for robustness and reliability gds gate drain source s d g d 2 pak IRFS4227PBF to-262 irfsl4227pbf s d g s d g d d absolute maximum ratings parameter units v gs gate-to-source voltage v i d @ t c = 25c continuous drain current, v gs @ 10v i d @ t c = 100c continuous drain current, v gs @ 10v i dm pulsed drain current i rp @ t c = 100c repetitive peak current p d @t c = 25c power dissipation p d @t c = 100c power dissipation linear derating factor w/c t j operating junction and t stg storage temperature range soldering temperature for 10 seconds mounting torque, 6-32 or m3 screw n thermal resistance parameter typ. max. units r jc junction-to-case ??? 0.45* r ja junction-to-ambient (pcb mounted) d 2 pak ??? 40 a w c 130 300 -40 to + 175 10lbf in (1.1n m) 330 190 2.2 max. 44 260 62 30 hexfet ? power mosfet mosfet ! " mosfet #$%&' ( ) * * ) mosfet * * description 2 www.irf.com s d g electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units bv dss drain-to-source breakdown voltage 200 ??? ??? v ? v dss / ? t j breakdown voltage temp. coefficient ??? 170 ??? mv/c r ds(on) static drain-to-source on-resistance ??? 22 26 m ? v gs(th) gate threshold voltage 3.0 ??? 5.0 v ? v gs(th) / ? t j gate threshold voltage coefficient ??? -13 ??? mv/c i dss drain-to-source leakage current ??? ??? 20 a ??? ??? 200 a i gss gate-to-source forward leakage ??? ??? 100 na gate-to-source reverse leakage ??? ??? -100 g fs forward transconductance 49 ??? ??? s q g total gate charge ??? 70 98 nc q gd gate-to-drain charge ??? 23 ??? t d(on) turn-on delay time ??? 33 ??? t r rise time ??? 20 ??? ns t d(off) turn-off delay time ??? 21 ??? t f fall time ??? 31 ??? t st shoot through blocking time 100 ??? ??? ns e pulse energy per pulse j c iss input capacitance ??? 4600 ??? c oss output capacitance ??? 460 ??? pf c rss reverse transfer capacitance ??? 91 ??? c oss eff. effective output capacitance ??? 360 ??? l d internal drain inductance ??? 4.5 ??? between lead, nh 6mm (0.25in.) l s internal source inductance ??? 7.5 ??? from package avalanche characteristics parameter units e as single pulse avalanche energy mj e ar repetitive avalanche energy mj v ds(avalanche) repetitive avalanche voltage v i as avalanche current a diode characteristics parameter min. typ. max. units i s @ t c = 25c continuous source current (body diode) a i sm pulsed source current (body diode) v sd diode forward voltage ??? ??? 1.3 v t rr reverse recovery time ??? 100 150 ns q rr reverse recovery charge ??? 430 640 nc 62 260 ??? ??? ??? ??? mosfet symbol v ds = 25v, i d = 46a v dd = 100v, i d = 46a, v gs = 10v conditions and center of die contact v dd = 160v, v gs = 15v, r g = 4.7 ? v ds = 160v, r g = 4.7 ?, t j = 25c l = 220nh, c= 0.4f, v gs = 15v v ds = 160v, r g = 4.7 ?, t j = 100c v ds = 25v v ds = v gs , i d = 250a v ds = 200v, v gs = 0v v gs = 0v, v ds = 0v to 160v v ds = 200v, v gs = 0v, t j = 125c v gs = 20v v gs = -20v v gs = 0v l = 220nh, c= 0.4f, v gs = 15v conditions v gs = 0v, i d = 250a reference to 25c, i d = 1ma v gs = 10v, i d = 46a t j = 25c, i f = 46a, v dd = 50v di/dt = 100a/s t j = 25c, i s = 46a, v gs = 0v showing the integral reverse p-n junction diode. typ. max. ? = 1.0mhz, ??? 140 46 37 ??? ??? 240 ??? ??? 570 ??? ??? 910 ??? v dd = 100v, v gs = 10v i d = 46a r g = 2.5 ? see fig. 22 www.irf.com 3 fig 6. typical e pulse vs. drain current fig 5. typical e pulse vs. drain-to-source voltage fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics fig 4. normalized on-resistance vs. temperature 3.0 4.0 5.0 6.0 7.0 8.0 v gs , gate-to-source voltage (v) 0.1 1.0 10.0 100.0 1000.0 i d , d r a i n - t o - s o u r c e c u r r e n t ( ) v ds = 25v 60s pulse width t j = 25c t j = 175c -60 -40 -20 0 20 40 60 80 100 120 140 160 180 t j , junction temperature (c) 0.0 1.0 2.0 3.0 4.0 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 46a v gs = 10v 130 140 150 160 170 180 190 i d, peak drain current (a) 0 200 400 600 800 1000 e n e r g y p e r p u l s e ( j ) l = 220nh c = variable 100c 25c 110 120 130 140 150 160 170 v ds, drain-to -source voltage (v) 100 200 300 400 500 600 700 800 900 1000 e n e r g y p e r p u l s e ( j ) l = 220nh c = 0.4f 100c 25c 0.1 1 10 v ds , drain-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 60s pulse width tj = 175c 7.0v vgs top 15v 10v 8.0v bottom 7.0v 0.1 1 10 v ds , drain-to-source voltage (v) 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 60s pulse width tj = 25c 7.0v vgs top 15v 10v 8.0v bottom 7.0v 4 www.irf.com fig 11. maximum drain current vs. case temperature fig 8. typical source-drain diode forward voltage fig 12. maximum safe operating area fig 7. typical e pulse vs.temperature fig 10. typical gate charge vs.gate-to-source voltage fig 9. typical capacitance vs.drain-to-source voltage 25 50 75 100 125 150 temperature (c) 0 200 400 600 800 1000 1200 1400 e n e r g y p e r p u l s e ( j ) l = 220nh c= 0.4f c= 0.3f c= 0.2f 0.2 0.4 0.6 0.8 1.0 1.2 v sd , source-to-drain voltage (v) 0.1 1.0 10.0 100.0 1000.0 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 175c v gs = 0v 1 10 100 1000 v ds , drain-to-source voltage (v) 0 2000 4000 6000 8000 c , c a p a c i t a n c e ( p f ) coss crss ciss v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 0 20 40 60 80 100 120 q g total gate charge (nc) 0 4 8 12 16 20 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 160v v ds = 100v v ds = 40v i d = 46a 1 10 100 1000 v ds , drain-to-source voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) tc = 25c tj = 175c single pulse 1sec 10sec operation in this area limited by r ds (on) 100sec 25 50 75 100 125 150 175 t c , casetemperature (c) 0 10 20 30 40 50 60 70 i d , d r a i n c u r r e n t ( a ) www.irf.com 5 1e-006 1e-005 0.0001 0.001 0.01 0.1 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 t h e r m a l r e s p o n s e ( z t h j c ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc fig 17. maximum effective transient thermal impedance, junction-to-case fig 15. threshold voltage vs. temperature fig 14. maximum avalanche energy vs. temperature fig 13. on-resistance vs. gate voltage fig 16. typical repetitive peak current vs. case temperature ri (c/w) i (sec) 0.08698 0.000074 0.2112 0.001316 0.1506 0.009395 j j 1 1 2 2 3 3 r 1 r 1 r 2 r 2 r 3 r 3 c ci i / ri ci= i / ri -75 -50 -25 0 25 50 75 100 125 150 175 t j , temperature ( c ) 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 v g s ( t h ) g a t e t h r e s h o l d v o l t a g e ( v ) i d = 250a 25 50 75 100 125 150 175 case temperature (c) 0 40 80 120 160 200 r e p e t i t i v e p e a k c u r r e n t ( a ) ton= 1s duty cycle = 0.25 half sine wave square pulse 5 6 7 8 9 10 v gs , gate-to-source voltage (v) 0.00 0.04 0.08 0.12 0.16 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( ? ) t j = 25c t j = 125c i d = 46a 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 100 200 300 400 500 600 e a s , s i n g l e p u l s e a v a l a n c h e e n e r g y ( m j ) i d top 8.5a 14a bottom 37a 6 www.irf.com fig 18. for n-channel hexfet power mosfets ? ? ? p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - - ? ? !"!! ? # $$ ? !"!!%" fig 19b. unclamped inductive waveforms fig 19a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v v gs fig 20a. gate charge test circuit fig 20b. gate charge waveform vds vgs id vgs(th) qgs1 qgs2 qgd qgodr 1k vcc dut 0 l www.irf.com 7 fig 21a. t st and e pulse test circuit fig 21b. t st test waveforms fig 21c. e pulse test waveforms fig 22a. switching time test circuit fig 22b. switching time waveforms &' 1 ( # 0.1 % + - v ds 90% 10% v gs t d(on) t r t d(off) t f 8 www.irf.com (dimensions are shown in millimeters (inches)) ! " "# $%!&' &%#(&&' ) !&*'' "%&+,-.- "& / ' ' 01 / / or note: for the most current drawing please refer to ir website at: http://www.irf.com/package/ www.irf.com 9 to-262 part marking information to-262 package outline dimensions are shown in millimeters (inches) |