Part Number Hot Search : 
SMB2EZ91 20M100 74CDCV85 3EZ51 STD2NA50 STD2NA50 TA114 GMS30012
Product Description
Full Text Search
 

To Download FZT1049A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sot-223 unit: mm 3.00 +0.1 -0.1 0.70 +0.1 -0.1 2.9 4.6 6.50 +0.2 -0.2 3.50 +0.2 -0.2 0.90 +0.2 -0.2 7.00 +0.3 -0.3 1.65 +0.15 -0.15 0 .1max 0.90 +0.05 -0.05 12 4 3 1 base 2 collector 3 emitter FZT1049A features v ceo = 30v. 5 amp continuous current. 20 amp pulse current. low saturation voltage. high gain. extremely low equivalent on-resistance; r ce(sat) = 50m at 5a. absolute maximum ratings ta = 25 parameter symbol rating unit collector-base voltage v cbo 80 v collector-emitter voltage v ceo 30 v emitter-base voltage v ebo 5v peak pulse current i c 5a continuous collector current i cm 20 a base current i b 500 ma power dissipation p tot 2.5 w operating and storage temperature range t j, t stg -55to+150 smd type transistors smd type transistors smd type transistors smd type product specification sales@twtysemi.com 1 of 2 http://www.twtysemi.com 4008-318-123
smd type transistors electrical characteristics ta = 25 parameter symbol testconditons min typ max unit collector-base breakdown voltage v (br)cbo i c =100a 80 130 v collector-emitter breakdown voltage * v (br)ceo i c =10ma 30 40 v emitter-base breakdown voltage v (br)ebo i e =100a 5 9 v collector cut-off current i cbo v cb =35v 0.3 10 na collector-emitter cut-off current i ces v ce =35v 0.3 10 na emitter cut-off current i ebo v eb =4v 0.3 10 na collector-emitter saturation voltage * v ce( sat) i c =0.5a, i b =10ma i c =1a, i b =10ma i c =3a, i b =30ma i c =5a, i b =50ma 35 70 180 250 60 100 250 330 mv base-emitter saturation voltage * v be( sat) i c =5a, i b =50ma 950 1050 mv base-emitter on voltage * v be(on )i c =5a, v ce =2v 900 1000 mv i c =10ma, v ce =2v* 280 440 i c =0.5a, v ce =2v* 300 450 i c =1a, v ce =2v* 300 450 1200 i c =5a, v ce =2v* 180 280 i c =20a, v ce =2v* 40 80 transitional frequency f t i c =50ma, v ce =10v f=100mhz 180 mhz output capacitance c obo v cb =10v, f=1mhz 45 60 pf turn-on time t (on) i c =4a, v cc =10v 125 ns turn-off time t (off) i b1 =i b2 =40ma 380 ns * pulse test: tp = 300 s; d 0.02. static forward current transfer ratio h fe FZT1049A smd type transistors smd type transistors smd type transistors smd type product specification sales@twtysemi.com 2 of 2 http://www.twtysemi.com 4008-318-123


▲Up To Search▲   

 
Price & Availability of FZT1049A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X