characteristic typical min/max ta= 25 oc ta = -55 oc to +85 oc frequency 5 - 500 mhz 5 - 500 mhz typical intermodulation performance at 25 o c second order harmonic intercept point ...... +42 dbm (typ.) second order two tone intercept point ....... +36 dbm (typ.) third order two tone intercept point ........... +20 dbm (typ.) legend + 25 oc + 85 oc - - - - - - -55 oc power vdc +15 +15 ma 35 38 max. rf amplifier model tm6719 available as: tm6719, 4 pin to-8 (t4) tn6719, 4 pin surface mount (sm3) FP6719, 4 pin flatpack (fp4) bx6719, connectorized housing (h1) features low noise figure: <1.7 db typical medium output power: +9 dbm typical operating temp. - 55 oc to + 85 oc environmental screening available note: care should always be taken to effectively ground the case of each unit. noise figure (db) 1.7 2.0 max. vswr in <1.75:1 2.0:1 max. out <1.5:1 2.0:1 max. reverse isolation (db) -42 -40 max. power @ 1 db comp. (dbm) +9 +8.0 min. gain (db) 33 31.0 min. specifications typical performance data maximum ratings ambient operating temperature .............. -55oc to + 100 oc storage temperature ............................... -62oc to + 125 oc case temperature ................................................. + 125 oc dc voltage ......................................................... + 18 volts continuous rf input power ................................... + 6 dbm short term rf input power...... 50 milliwatts (1 minute max.) maximum peak power ................... 0.5 watt (3 sec max.) 3/17/03 2.0 1.5 1.0 2.0 1.5 1.0 1 3 2 35 33 31 + 12 + 11 + 10 + 9 + 8 - 10 - 20 - 30 - 40 - 50 32 34 start 5 mhz stop 500 mhz start 5 mhz stop 500 mh z start 5 mhz stop 500 mh z start 5 mhz stop 500 mhz start 5 mhz stop 500 mhz start 5 mhz stop 500 mhz gain (db) reverse isolation (db) noise figure (db) 1 db comp. (dbm) input vswr output vswr spectrum microwave 2144 franklin drive n.e. palm bay, florida 32905 ph (888) 553-7531 fax (888) 553-7532 spectrum microwave (europe) 2707 black lake place philadelphia, pa. 19154 ph (215) 464-4000 fax (215) 464-4001 www.spectrummicrowave.com
|