Part Number Hot Search : 
WV512 PVN012 64333 3T040 SPM3501 ZM4741A 82454NX CENB1121
Product Description
Full Text Search
 

To Download ETMA360555U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cui .com date 08/13/2012 page 1 of 5 series: etma 200w description: medical ac-dc power supply model output voltage output current output power ripple 1 ef ciency level (vdc) max (a) max (w) max (mvp-p) etma1201666u 12 16.66 200 240 v etma1601250u 16 12.5 200 300 v etma1901053u 19 10.53 200 300 v etma2001000u 20 10 200 300 v etma240833u 24 8.33 200 300 v ETMA360555U 36 5.55 200 300 v etma480416u 48 4.16 200 300 v notes: 1. at full load, 100 ~ 240 vac input, 20 mhz bandwidth oscilloscope, each output terminated with 10 f aluminum electrolytic and 0.1 f ceramic capacitors. features ? up to 200 w power ? universal input (90~264 vac) ? single regulated output from 12~48 v ? over voltage, overload and short circuit protections ? full medical safety approvals ? active pfc ? level v efficiency ? custom designs available part number key etma1201666u c - p51 - wp - cxx dc plug type factory designation base number example of 12 vdc, 16.66 a reserved for custom con gurations input cable: c = included blank = no cable rohs ? iec 60601-1 en 60601-1
cui .com date 08/13/2012 page 2 of 5 cui inc series: etma 200w description: medical ac-dc power supply input parameter conditions/description min typ max units voltage 90 264 vac frequency 47 63 hz current at 90 vac, 60 hz 3a inrush current at 230 vac, cold start 150 a no load power consumption 0.5 w output parameter conditions/description min typ max units line regulation 1 % load regulation 5 % hold-up time at 115 vac 16 ms temperature coef cient 0.05 %/c protections parameter conditions/description over voltage protection 12 v output 16, 20 v outputs 19 v output 24, 36 v outputs 48 v output 110 110 111 110 110 133 130 137 125 120 % % % % % overload protection shutdown and auto restart 110 160 % short circuit protection continuous, auto restart safety & compliance parameter conditions/description min typ max units isolation voltage input to output for 2 seconds input to frame ground for 2 seconds 5,656 2,121 vdc vdc insulation resistance input to output, at 500 vdc input to frame ground, at 500 vdc 20 20 m m safety approvals ul/cul (ul 60601-1), en 60601-1, iec 60601-1 emi/emc fcc 47 cfr part 18, ce, en 61000-3-(2, 3), en 55011, iec 61000-4-(2, 3, 4, 5, 6, 8, 11) leakage current earth, at 264 vac enclosure, at 264 vac 190 10 300 100 a a mtbf at 25c, max. load 140,000 hours rohs compliant yes environmental parameter conditions/description min typ max units operating temperature 050c storage temperature -10 70 c humidity non-condensing 20 90 %
cui .com date 08/13/2012 page 3 of 5 cui inc series: etma 200w description: medical ac-dc power supply mechanical drawing 104.5 0.5 188.5 0.5 60.0 0.5 units: mm mechanical parameter conditions/description min typ max units dimensions 7.42 x 4.11 x 2.36 (188.5 x 104.5 x 60 mm) inch input plug iec320 / c14 weight 1.06 kg
cui .com date 08/13/2012 page 4 of 5 cui inc series: etma 200w description: medical ac-dc power supply ac cord specification: 1) length: 1.83m 2) color: black 3) plug: sl-22 (a)10 (v)125 approval: ul/cul 4) connector: sl-3(a)10 (v)125 approval: ul/cul 5) cable: sjt 18awg/3c approval: ul/csa (nema 5-15p hospital grade) 1835cm (iec 320 c13) 202cm dc cord core 14.2*8.0*28.5mm 4p power din front view pin 1 red (+vo) pin 3 yellow (+vo) pin 2 blue (gnd) pin 4 black (gnd) d.w. (gnd) [2464#16awg 4c+1(16awg)] sectional drawing black+blue+d.w. yellow+red terminal ?3.2*2 4pin power din ul heat shrinkable tube component list 1. cable: color black, ul/csa 2464 80/90c 300v 16 awg x 4c+aluminum shield (16awg) 2. pvc wire: color: blue/black/yellow/red 3. connector: 4pin power din or eq 4. 4pin power din (female) mdp-002-4pin (p530600004f0001)
date 08/13/2012 page 5 of 5 cui inc series: etma 200w description: medical ac-dc power supply this device complies with part 15 of the fcc rules. operation is subject to the following two conditions: (1) this device may not cause harmful interference, and (2) this device must accept any interference received, including interference that may cause undesired operation. cui offers a two (2) year limited warranty. complete warranty information is listed on our website. cui reserves the right to make changes to the product at any time without notice. information provided by cui is believed to b e accurate and reliable. however, no responsibility is assumed by cui for its use, nor for any infringements of patents or other rights of third parties which may result from its use . cui products are not authorized or warranted for use as critical components in equipment that requires an extremely high level of reliability. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. headquarters 20050 sw 112th ave. tualatin, or 97062 800.275.4899 fax 503.612.2383 cui .com techsupport@cui.com rev. description date 1.0 initial release 03/05/2012 1.01 v-in nity branding removed, safety and emi/emc data updated 08/13/2012 the revision history provided is for informational purposes only and is believed to be accurate. revision history


▲Up To Search▲   

 
Price & Availability of ETMA360555U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X