miniature aluminum electrolytic capacitors long life, downsized, 125 c cat. no. e1001k l' 15min. 4min. fd' fd fp0.5 vent fp0.5 sleeve (pet : orange) @ for automobile modules and other high temperature applications @ downsize, long life, low impedance and better low temperature characteristics @ endurance with ripple current : 2,000 to 5,000 hours at 125 c @ solvent resistant type except 63 to 450v (see precautions and guidelines) @rohs compliant ? specifications items characteristics (at 20c, 120hz) (at 20c, 1 minute) (at 20c, 120hz) (at 120hz) category temperature range rated voltage range capacitance tolerance leakage current dissipation factor (tane) low temperature characteristics (max. impedance ratio) endurance shelf life - 40 to +125c (10 to 250v dc ) - 25 to +125c (350 to 450v dc ) 10 to 450v dc p20% (m) 10 to 100v dc i=0.03cv or 4ma, whichever is greater. where, i : max. leakage current (ma), c : nominal capacitance (mf), v : rated voltage (v) rated voltage (v dc ) tane (max.) when nominal capacitance exceeds 1,000 mf, add 0.02 to the above value for each 1,000mf increase. rated voltage (v dc ) z( - 25c)/z(+20c) z( - 40c)/z(+20c) the following specifications shall be satisfied when the capacitors are restored to 20 c after subjected to dc voltage with the rated ripple current is applied for the specified time at 125c . time f 8 : 2,000hours f 10 : 3,000hours f 12.5 & f 16 : 5,000hours 2,000hours capacitance change [p30% of the initial value [p20% of the initial value d.f. (tane) [300% of the initial specified value [200% of the initial specified value leakage current [the initial specified value [the initial specified value the following specifications shall be satisfied when the capacitors are restored to 20c after exposing them for 1,000 hours (500 hours for 350 to 450v dc ) at 125c without voltage applied. before the measurement, the capacitor shall be preconditioned by applying voltage according to item 4.1 of jis c 5101-4. capacitance change [p30% of the initial value [p20% of the initial value d.f. (tane) [300% of the initial specified value [200% of the initial specified value leakage current [the initial specified value [500% of the initial specified value 10v 0.20 10v 3 6 16v 0.16 16v 2 4 25v 0.14 25v 2 4 35v 0.12 35v 2 4 50v 0.10 50v 2 4 63v 0.10 63v 2 4 80v 0.08 80v 2 4 100v 0.08 100v 2 4 160 to 250v 0.20 160 to 250v 3 6 350 to 450v 0.24 350 to 450v 6 - 160 to 450v dc cv[ 1,000 i=0.1cv+40 cv>1,000 i=0.04cv+100 10 to 100v dc 160 to 450v dc 10 to 100v dc 160 to 450v dc ? dimensions [mm] ? part numbering system 8 0.6 3.5 fd fd f fd' l' 10 0.6 5.0 12.5 0.6 5.0 16 0.8 7.5 fd+0.5max. l+2.0max. downsized higher ripple current gxe gpa ( f 8 & f 10) ( f 12.5 & f 16) gas escape end seal @ terminal code : e supplement code size code capacitance tolerance code capacitance code (ex. 4.7mf:4r7,10mf:100,100mf:101) lead forming taping code terminal code voltage code (ex. 10v:100,100v:101) series code category e g x e a a a e a a a a a a a a n m 134 26 7 8 9 1 0 51 2 1 3 11 16 17 18 1514 please refer to "product code guide (radial lead type)" (1/2)
miniature aluminum electrolytic capacitors long life, downsized, 125 c cat. no. e1001k ? standard ratings ? rated ripple current multipliers @(10 to 100v dc ) frequency mul ti pli ers 120 0.40 0.50 0.60 0.75 0.85 10k 0.90 0.94 0.95 0.95 0.98 100k 1.00 1.00 1.00 1.00 1.00 1k 0.75 0.85 0.87 0.90 0.95 capacitance (mf) frequency (hz) 4.7 to 100 220 to 470 1,000 2,200 to 3,300 4,700 @(160 to 450v dc ) frequency mul ti pli ers 50 0.75 0.80 120 1.00 1.00 300 1.25 1.15 10k 1.75 1.40 100k 1.80 1.50 1k 1.50 1.30 capacitance (mf) frequency (hz) 4.7 to 33 47 to 150 wv (v dc ) cap (mf) case size fdbl(mm) impedance (omax/ 20c, 100khz) rated ripple current (marms/ 125c, note1) part no. 10 220 8 b 12 0.32 340 egxe100e ss221mh12d 330 10 b 12.5 0.15 620 egxe100e ss331mjc5s 470 10 b 12.5 0.15 620 egxe100e ss471mjc5s 1,000 10 b 20 0.075 950 egxe100e ss102mj20s 2,200 12.5 b 25 0.040 1,350 egxe100e ss222mk25s 3,300 16 b 25 0.031 1,620 egxe100e ss332ml25s 4,700 16 b 31.5 0.025 1,860 egxe100e ss472mln3s 16 100 8 b 12 0.32 340 egxe160e ss101mh12d 220 10 b 12.5 0.15 620 egxe160e ss221mjc5s 330 10 b 12.5 0.15 620 egxe160e ss331mjc5s 470 10 b 16 0.094 790 egxe160e ss471mj16s 1,000 12.5 b 20 0.058 1,080 egxe160e ss102mk20s 2,200 16 b 25 0.031 1,620 egxe160e ss222ml25s 3,300 16 b 31.5 0.025 1,860 egxe160e ss332mln3s 25 100 8 b 12 0.32 340 egxe250e ss101mh12d 220 10 b 12.5 0.15 620 egxe250e ss221mjc5s 330 10 b 16 0.094 790 egxe250e ss331mj16s 470 10 b 20 0.075 950 egxe250e ss471mj20s 1,000 12.5 b 25 0.040 1,350 egxe250e ss102mk25s 2,200 16 b 31.5 0.025 1,860 egxe250e ss222mln3s 35 100 8 b 12 0.32 340 egxe350e ss101mh12d 100 10 b 12.5 0.15 620 egxe350e ss101mjc5s 220 10 b 16 0.094 790 egxe350e ss221mj16s 330 10 b 20 0.075 950 egxe350e ss331mj20s 470 12.5 b 20 0.058 1,080 egxe350e ss471mk20s 1,000 16 b 25 0.031 1,620 egxe350e ss102ml25s 50 10 8 b 12 0.75 180 egxe500e ss100mh12d 22 8 b 12 0.50 250 egxe500e ss220mh12d 33 8 b 12 0.50 280 egxe500e ss330mh12d 47 8 b 12 0.50 280 egxe500e ss470mh12d 100 10 b 12.5 0.20 520 egxe500e ss101mjc5s 220 10 b 20 0.098 880 egxe500e ss221mj20s 330 12.5 b 20 0.081 990 egxe500e ss331mk20s 470 12.5 b 25 0.059 1,150 egxe500e ss471mk25s 1,000 16 b 31.5 0.032 1,590 egxe500e ss102mln3s 63 33 8 b 12 1.5 150 egxe630e ss330mh12d 47 10 b 12.5 0.59 530 egxe630e ss470mjc5s 100 10 b 16 0.41 690 egxe630e ss101mj16s 220 12.5 b 20 0.16 1,050 egxe630e ss221mk20s 330 12.5 b 25 0.12 1,290 egxe630e ss331mk25s 470 12.5 b 30 0.097 1,460 egxe630e ss471mk30s 1,000 16 b 31.5 0.059 1,850 egxe630e ss102mln3s 80 22 8 b 12 1.5 150 egxe800e ss220mh12d 33 10 b 12.5 0.8 480 egxe800e ss330mjc5s wv (v dc ) cap (mf) case size fdbl(mm) impedance (omax/ 20c, 100khz) rated ripple current (marms/ 125c, note1) part no. 80 47 10 b 12.5 0.80 480 egxe800e ss470mjc5s 100 10 b 20 0.39 790 egxe800e ss101mj20s 220 12.5 b 25 0.18 1,240 egxe800e ss221mk25s 330 12.5 b 30 0.16 1,390 egxe800e ss331mk30s 470 16 b 25 0.11 1,500 egxe800e ss471ml25s 100 4.7 8 b 12 2.0 130 egxe101e ss4r7mh12d 10 8 b 12 1.5 150 egxe101e ss100mh12d 22 10 b 12.5 0.80 480 egxe101e ss220mjc5s 33 10 b 12.5 0.80 480 egxe101e ss330mjc5s 47 10 b 16 0.55 630 egxe101e ss470mj16s 100 12.5 b 20 0.25 990 egxe101e ss101mk20s 220 16 b 25 0.11 1,500 egxe101e ss221ml25s 330 16 b 31.5 0.079 1,790 egxe101e ss331mln3s 160 22 10 b 20 - 115 egxe161e ss220mj20s 33 10 b 25 - 154 egxe161e ss330mj25s 47 12.5 b 20 - 187 egxe161e ss470mk20s 68 12.5 b 25 - 245 egxe161e ss680mk25s 100 16 b 25 - 329 egxe161e ss101ml25s 150 16 b 31.5 - 434 egxe161e ss151mln3s 200 10 10 b 20 - 78 egxe201e ss100mj20s 22 10 b 25 - 126 egxe201e ss220mj25s 33 12.5 b 20 - 157 egxe201e ss330mk20s 47 12.5 b 25 - 204 egxe201e ss470mk25s 68 16 b 20 - 250 egxe201e ss680ml20s 100 16 b 25 - 329 egxe201e ss101ml25s 250 10 10 b 20 - 78 egxe251e ss100mj20s 22 12.5 b 20 - 128 egxe251e ss220mk20s 33 12.5 b 25 - 171 egxe251e ss330mk25s 47 16 b 25 - 225 egxe251e ss470ml25s 68 16 b 31.5 - 292 egxe251e ss680mln3s 350 4.7 10 b 20 - 53 egxe351e ss4r7mj20s 10 10 b 25 - 85 egxe351e ss100mj25s 22 12.5 b 25 - 139 egxe351e ss220mk25s 33 16 b 25 - 189 egxe351e ss330ml25s 47 16 b 31.5 - 243 egxe351e ss470mln3s 400 4.7 10 b 20 - 53 egxe401e ss4r7mj20s 10 10 b 25 - 86 egxe401e ss100mj25s 22 12.5 b 30 - 142 egxe401e ss220mk30s 33 16 b 25 - 189 egxe401e ss330ml25s 47 16 b 31.5 - 243 egxe401e ss470mln3s 450 4.7 10 b 25 - 58 egxe451e ss4r7mj25s 10 12.5 b 20 - 86 egxe451e ss100mk20s 22 16 b 25 - 154 egxe451e ss220ml25s 33 16 b 31.5 - 203 egxe451e ss330mln3s ss : enter the appropriate lead forming or taping code. (note1) ripple current frequency 10 to 100v = 100khz 160 to 450v = 120hz is not solvent resistant. the endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5 c rise. when long life performance is required in actual use, the rms ripple current has to be reduced. (2/2)
|