Part Number Hot Search : 
ZSA5MA27 B1504 MX7541 204B651 TLHK4200 CS5368 MX510 CSC3114T
Product Description
Full Text Search
 

To Download DTC123-JCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dtc123 je/jua/jca/jsa npn small signal transistor small signal diode package packing marking sot-523 3k / 7" reel e42 sot-323 3k / 7" reel e42 sot-23 3k / 7" reel e42 to-92s 3k / 7" reel jsa 300 mw v v ma c notes:1. valid provided that electrodes are kept at ambient temperature symbol min typ max unit v i(off) 0.5 v i(on) 1.1 v o(on) 0.1 0.3 v i i 3.6 ma i o off) 0.5 a g i 80 r 1 1.54 2.2 2.86 k ? r 2 /r 1 17 21 26 f t 250 mhz v cc 50 supply voltage symbol 200 power dissipation value jua jca 150 je pd part no. dtc123 je dtc123 jua output current dtc123 jca dtc123 jsa type number output voltage -5 12 input voltage i o /i i =5ma/0.25ma condtion v cc =5v,i o =100 a i o i c(max) 100 v in v maximum ratings and electrical characteristics rating at 25c ambient temperature unless otherwise specified. junction and storage temperature range tj, t stg -55 to + 150 parameter input voltage 100 units v i =5v v cc =50v,v i =0 v o =5v,i o =10ma v o =0.3v,i o =5ma orderin g information v o =10v,i o =5ma,f=100mhz input resistance resistance ratio transition frequency output current dc current gain input current features ? built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistor (see equivalent circuit). ? green compound (halogen free) with suffix "g" on packing code and prefix "g" on date code. ? only the on/off conditions need to be set for operation,marking device design easy. ? the bias resistors consist of thin -film resistors with complete isolation to allow negative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects. version:a12
dtc123 je/jua/jca/jsa npn small signal transistor version:a12
dtc123 je/jua/jca/jsa npn small signal transistor aa c c min max min max min max min max 2.80 3.00 0.11 0.12 1.90 2.10 0.07 0.08 1.20 1.40 0.05 0.06 1.15 1.35 0.05 0.05 0.30 0.50 0.01 0.02 0.25 0.35 0.01 0.01 1.80 2.00 0.07 0.08 1.20 1.40 0.05 0.06 2.25 2.55 0.09 0.10 2.00 2.20 0.08 0.09 0.90 1.20 0.04 0.04 0.80 1.00 0.03 0.04 a a c c min max min max min max min max 1.50 1.70 0.06 0.07 1.15 1.25 0.05 0.05 0.70 0.80 0.03 0.03 0.75 0.85 0.03 0.03 0.25 0.35 0.01 0.01 0.17 0.27 0.01 0.01 0.90 1.10 0.04 0.04 1.50 1.70 0.06 0.07 1.15 1.25 0.05 0.05 0.70 0.90 0.03 0.04 0.50 0.02 a e bg f c min max min max 3.85 4.15 0.15 0.16 3.01 3.31 0.12 0.13 15.10 15.50 0.59 0.61 0.38 0.55 0.01 0.02 1.42 1.62 0.06 0.06 d 0.66 0.86 0.03 0.03 0.36 0.51 0.01 0.02 e f g a b c d e f to-92s dimensions unit (mm) unit (inch) c d 0.8 typ 0.31typ unit (mm) unit (inch) a b d e f sot-723 unit (inch) a b c dimensions f sot-523 dimensions unit (mm) 0.550 ref 0.022 ref f g unit (inch) a b c unit (inch) a b c dimensions unit (mm) sot-323 d e sot-23 dimensions unit (mm) d e b d f e g b d f e b d f e b d f e version:a12


▲Up To Search▲   

 
Price & Availability of DTC123-JCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X