Part Number Hot Search : 
BAR6404W EA09310 UPA507TE FX202QAK 55GN01FA R1EX24 15400 ST92F120
Product Description
Full Text Search
 

To Download DFP16112K00GS1420 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dfp vishay dale thick film resistor networks, flat pack www.vishay.com for technical questions, contact: ff2aresistors@vishay.com document number: 31513 416 revision: 03-mar-10 features ? isolated and bussed schematics available ? 0.065" (1.65 mm) height for high density packaging ? low temperature coefficient (- 55 c to + 125 c) 100 ppm/c ? hot solder dipped leads ? highly stable thick film ? wide resistance range ? all devices are capable of passing the mil-std-202, method 210, condition c ?resistance to soldering heat? test notes ? consult factory for stocked values. (1) temperature range: - 55 c to + 125 c. (2) 2 % standard, 1 % and 5 % available. (3) continuous working voltage shall be or maximum working voltage, whichever is less. standard electrical specifications global model power rating circuit schematic maximum working voltage (3) v dc temperature (1) coefficient ppm/c tolerance (2) % resistance range tcr tracking ppm/c element p 25 c w pac kage p 25 c w dfp 0.25 0.15 0.65 0.65 11 12 75 75 100 100 1, 2, 5 1, 2, 5 10 to 1m 10 to 1m 50 50 p x r technical specifications 11 schematic 7 or 8 isolated resistors the dfpxx11 provides the user with 7 or 8 nominally equal resistors with each resistor isolated from all ot hers. commonly used in the following applications: ? ?wired or? pull-up ? long-line impedance balancing ? power driven pull-up ? led current limiting ? power gate pull-up ? ecl output pull-down ? line termination ? ttl input pull-down 12 schematic 13 or 15 resistors with one pin common the dfpxx12 provides the user with a choice of 13 or 15 nominally equal resistors, each connected to a comm on pin (14 or 16). commonly used in the following applications: ? mos/rom pull-up/pull-do wn ? ttl input pull-down ? open collector pull-up ? digital pulse squaring ? ?wired or? pull-up ? ttl unused gate pull-up ? power driven pull-up ? high speed parallel pull-up global part number information new global part numbering: dfp14121k00gd05 (preferred part number information) global model pin count schematic resistance value tolerance code pac k ag i n g special dfp 14 16 11 = isolated 12 = bussed r = k = k m = m 10r0 = 10 680k = 680 k 1m00 = 1.0 m f = 1 % g = 2 % j = 5 % e05 = lead (pb)-free, tube d05 = tin/lead, tube blank = standard (dash number) (up to 3 digits) from 1 to 999 as applicable historical part number example: dfp1412102g (will continue to be accepted) dfp 14 12 102 g d05 historical model pin count schematic resistance value tolerance code packaging pin #1 dfp1411 dfp1611 ? ? ? ? ? ? ? ? pin #1 dfp1412 dfp1612 5 0 d g 0 0 k 1 2 1 4 1 p f d
document number: 31513 for technical questions, contact: ff2aresistors@vishay.com www.vishay.com revision: 03-mar-10 417 dfp thick film resistor networks, flat pack vishay dale dimensions in inches (millimeters) global model dimension a dfp14 0.037 0.010 (0.94 0.25) dfp16 0.012 0.010 (0.30 0.25) pin #1 0.050 (1.27) typ. 0.019 0.006 (0.4 8 0.15) 0.265 (6.73) max. 0.365 (9.27) min. 0.3 8 5 (9.7 8 ) max. a 0.250 (6.35) min. 0.250 (6.35) min. 0.065 (1.65) max. 0. 8 25 (20.96) max. 0.005 + 0.004 - 0.002 (0.127 + 0.102 - 0.051) technical specifications parameter unit dfp14/16 isolation resistance 11 schematic m > 100 voltage coefficient of re sistance ppm/v < 50 typical maximum operating voltage v dc 75 operating temperature range c - 55 to + 125 storage temperature range c - 55 to + 150 mechanical specifications marking model number, schematic number, value tolerance, pin 1 indicator, date code marking resistance to solvents permanency testing per mil-std-202, method 215 solderability per mil-std-202, method 208e terminals per mil-std-1276 dfpxx11, dfpxx12 = type g (hot solder dipped). hot solder dipped leads supplied as standard finish. body epoxy filled ceramic sandwich 11 schematic deratin g - 55 + 25 + 70 + 125 + 150 0.65 0.50 0.25 pow er r atin g (w ) ambient temperature c packa g e sin g le resistor 12 schematic - 55 + 25 + 70 + 125 + 150 0.65 0.50 0.15 packa g e sin g le resistor deratin g pow er ratin g (w ) ambient temperature c performance test conditions max. r (typical test lots) power conditioning 1.5 x rated power, applied 1.5 h ?on? and 0.5 h ?off? for 100 h 4 h at + 25 c ambient temperature 0.50 % r thermal shock 5 cycles between - 65 c and + 125 c 0.50 % r short time overload 2.5 x rated working voltage, 5 s 0.25 % r low temperature operation 45 min at full rated working voltage at - 65 c 0.25 % r moisture resistance 240 h with humidity ranging from 80 % rh to 98 % rh 0.50 % r resistance to soldering heat leads immersed in + 260 c solder to within 1/16" of body for 10 s 0.25 % r shock total of 18 shocks at 100 g 's 0.25 % r vibration 12 h at maximum of 20 g 's between 10 hz and 2000 hz 0.25 % r load life 1000 h at + 70 c, rated power applied 1.5 h ?on?, 0.5 h ?off? for full 1000 h period. derated according to the curve. 0.50 % r terminal strength 1.5 pound pull for 30 s 0.25 % r insulation resistance 10 000 m (minimum) - dielectric withstanding voltage no ev idence of arcing or damage (200 v rms for 1 min) -
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of DFP16112K00GS1420

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X