Part Number Hot Search : 
GP1S37 SCL4014B 78DL05P SK810 1E101 OM8507SF MC68HC9 38225
Product Description
Full Text Search
 

To Download DCR3220A55 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dcr3220a65 phase control thyristor preliminary information ds5933 - 3 .0 august 2010 (ln 27489 ) 1 /10 www.dynexsemi.com features ? double side cooling ? high surge capability applications ? high power drives ? high voltage power supplies ? static switches voltage ratings part and ordering number repetitive peak voltages v drm and v rrm v conditions dcr3220a65* dcr3220a60 DCR3220A55 6500 6000 5500 t vj = - 40c to 125c, i drm = i rrm = 300ma, v drm , v rrm t p = 10ms, v dsm & v rsm = v drm & v rrm + 100v respectively lower voltage grades available. *6200v @ - 40 o c, 6500v @ 0 o c ordering information when ordering, select the required part number shown in the voltage ratings selection table. for example: dcr3220a65 note: please use the complete part number when ordering and quote this number in any future correspondence relating to your order. key parameters v drm 6500v i t(av) 3310a i tsm 44200a dv/dt* 2000v/s di/dt 200a/s * higher dv/dt selections available outline type code: a (see package details for further information) fig. 1 package outline
semiconductor dcr3220a65 2 /10 www.dynexsemi.com current ratings t case = 60c unless stated otherwise symbol parameter test conditions max. units double side cooled i t(av) mean on - state current half wave resistive load 3220 a i t(rms) rms value - 5058 a i t continuous (direct) on - state current - 4655 a surge ratings symbol parameter test conditions max. units i tsm surge (non - repetitive) on - state current 10ms half sine, t case = 125c 43.0 ka i 2 t i 2 t for fusing v r = 0 9.25 ma 2 s thermal and mechanical ratings symbol parameter test conditions min. max. units r th(j - c) thermal resistance C junction to case double side cooled dc - 0.00603 c/w single side cooled anode dc - 0.01024 c/w cathode dc - 0.01467 c/w r th(c - h) thermal resistance C case to heatsink clamping force 83.0kn double side - 0.001 c/w (with mounting compound) single side - 0.002 c/w t vj virtual junction temperature blocking v drm / v rrm - 12 5 c t stg storage temperature range - 55 125 c f m clamping force 74.0 91.0 kn
semiconductor dcr3220a65 3 /10 www.dynexsemi.com dynamic characteristics symbol parameter test conditions min. max. units i rrm /i drm peak reverse and off - state current at v rrm /v drm , t case = 125c - 300 ma dv/dt max. linear rate of rise of off - state voltage to 67% v drm , t j = 125c, gate open - 2000 v/s di/dt rate of rise of on - state current from 67% v drm to 2x i t(av) repetitive 50hz - 200 a/s gate source 30v, 10 ? , non - repetitive - 500 a/s t r < 0.5s, t j = 125c v t(to) threshold voltage C low level 500 to 1900a at t case = 125c - 1.01 v threshold voltage C high level 1900 to 6000a at t case = 125c - 1.08 v r t on - state slope resistance C low level 500a to 1900a at t case = 125c - 0.3 m ? on - state slope resistance C high level 1600a to 6000a at t case = 125c - 0.2643 m ? t gd delay time v d = 67% v drm , gate source 30v, 10 ? - 3 s t r = 0.5s, t j = 25c t q turn - off time i t = 3000a, t j = 125c, v r = 200v, di/dt = 1a/s, 500 s dv dr /dt = 20v/s linear q s stored charge i t = 3000a, t j = 125c, di/dt C 1a/s, v rpeak ~3900v, v r ~ 2600v 3830 6430 c i rr reverse recovery current 45 60 a i l latching current t j = 25c, v d = 5v - 3 a i h holding current t j = 25c, r g - k = ? , i tm = 500a, i t = 5a - 300 ma
semiconductor dcr3220a65 4 /10 www.dynexsemi.com gate trigger characteristics and ratings symbol parameter test conditions max. units v gt gate trigger voltage v drm = 5v, t case = 25c 1.5 v v gd gate non - trigger voltage at 50% v drm, t case = 125c 0.4 v i gt gate trigger current v drm = 5v, t case = 25c 300 ma i gd gate non - trigger current at 50% v drm, t case = 125c 10 ma curves fig.2 maximum & minimum on - state characteristics v tm equation where a = - 0.645429 b = 0.3001939 v tm = a + bln (i t ) + c.i t +d. ? i t c = 0.000276 d = - 0.01259 these values are valid for t j = 125c for i t 500a to 6000a 0 1000 2000 3000 4000 5000 6000 7000 8000 0 1 2 3 4 instantaneous on-state voltage, v t - (v) instantaneous on-state current, i t - (a) min 125oc max 125oc min 25oc max 25oc
semiconductor dcr3220a65 5 /10 www.dynexsemi.com fig.3 on - state power dissipation C sine wave fig.4 maximum permissible case temperature, double side cooled C sine wave fig.5 maximum permissible heatsink temperature, double side cooled C sine wave fig.6 on - state power dissipation C rectangular wave
semiconductor dcr3220a65 6 /10 www.dynexsemi.com fig.7 maximum permissible case temperature, double side cooled C rectangular wave fig.8 maximum permissible heatsink temperature, double side cooled C rectangular wave fig.9 maximum (limit) transient thermal impedance C junction to case (c/kw) )] / exp( 1 ( [ 4 1 i i i i th t t r z ? ? ? ? ? ? 1 2 3 4 r i (c/kw) 3.01541 1.048955 0.983519 0.983519 0.703874 1.904794 0.059 0.059 r i (c/kw) 3.156003 4.092806 1.556555 1.623962 2.69023 13.79162 0.059 0.205916 r i (c/kw) 7.077369 3.483481 1.745839 2.634274 6.648601 8.436484 1.762119 0.08069 double side cooled anode side cooled cathode side cooled t i (s) t i (s) t i (s) ? r th(j-c) conduction tables show the increments of thermal resistance r th(j-c) when the device operates at conduction angles other than d.c. double side cooling anode side cooling cathode sided cooling ? z th (z) ? z th (z) ? z th (z) ? sine. rect. ? sine. rect. ? sine. rect. 180 0.44 0.31 180 0.42 0.30 180 0.42 0.30 120 0.49 0.43 120 0.47 0.41 120 0.47 0.41 90 0.55 0.49 90 0.52 0.46 90 0.52 0.46 60 0.60 0.55 60 0.57 0.52 60 0.57 0.52 30 0.64 0.61 30 0.61 0.58 30 0.60 0.58 15 0.66 0.64 15 0.62 0.61 15 0.62 0.60
semiconductor dcr3220a65 7 /10 www.dynexsemi.com fig.10 multi - cycle surge current fig.11 single - cycle surge current fig.12 stored charge fig.13 reverse recovery current
semiconductor dcr3220a65 8 /10 www.dynexsemi.com fig14 gate characteristics fig. 15 gate characteristics 0 1 2 3 4 5 6 7 8 9 10 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 gate trigger voltage, v gt - (v) gate trigger current i gt , - (a) tj = 125 o c tj = 25 o c tj = - 40 o c preferred gate drive area upper limit lower limit 0 5 10 15 20 25 30 0 1 2 3 4 5 6 7 8 9 10 gate trigger voltage, v gt - (v) gate trigger current, i gt - (a) lower limit upper limit 5w 10w 20w 50w 100w 150w - 40c 50 100 400 100 150 150 150 200 150 150 125 500 150 150 100 1000 150 100 25 10000 20 - - pulse width us frequency hz pulse power p gm (watts)
semiconductor dcr3220a65 9 /10 www.dynexsemi.com package details for further package information, please contact customer services. all dimensions in mm, unless stated otherwise. do not scale. lead length: 420mm lead terminal connector: m4 ring package outline type code: a fig.16 package outline
semiconductor dcr3220a65 10 /10 www.dynexsemi.com important information: this publication is provided for information only and not for resale. the products and information in this publication are intended for use by appropriately trained technical personnel. due to the diversity of product applications, the information contained herein is provided as a general guide only and does not constitute any guarantee of suitability for use in a specific application . the user must evaluate the suitability of the product and the completeness of the product data for the application. the user is responsible for product selection and ensuri ng all safety and any warning requirements are met. should additional product information be needed please contact customer service. although we have endeavoured to carefully compile the information in this publication it may contain inaccuracies or typog raphical errors. the information is provided without any warranty or guarantee of any kind. this publication is an uncontrolled document and is subject to change without notice. when referring to it please ensure that it is the most up to date version and has not been superseded. the products are not intended for use in applications where a failure or malfunction may cause loss of life, injury or damage to property. the user must ensure that appropriate safety precautions are taken to prevent or mitigate the consequences of a product failure or malfunction. the products must not be touched when operating because there is a danger of electrocution or severe burning. always use protective safety equipment such as appropriate shields for the product and wear safety glasses. even when disconnected any electric charge remaining in the product must be discharged and allowed to cool before safe handling using protective gloves. extended exposure to conditions outside the product ratings may affect reliability le ading to premature product failure. use outside the product ratings is likely to cause permanent damage to the product. in extreme conditions, as with all semiconductors, this m ay include potentially hazardous rupture, a large current to flow or high volta ge arcing, resulting in fire or explosion. appropriate application design and safety precautions should always be followed to protect persons and property. product status & product ordering: we annotate datasheets in the top right hand corner of the front page, to indicate product status if it is not yet fully approved for production. the annotations are as follows: - target information: this is the most tentative form of information and represents a very preliminary specification. no actual design work o n the product has been started. preliminary information: the product design is complete and final characterisation for volume production is in progress.the datasheet represents the product as it is now understood but details may change. no annotation: the product has been approved for production and unless otherwise notified by dynex any product ordered will be supplied to the current version of the data sheet prevailing at the time of our order acknowledgement. all products and materials are sold and services provided subject to dynexs conditions of sale, which are available on request. any brand names and product names used in this publication are trademarks, registered trademarks or trade names of their respective owners. headquarters operatio ns dynex semiconductor limited doddington road, lincoln, lincolnshire, ln6 3lf united kingdom. phone: +44 (0) 1522 500500 fax: +44 (0) 1522 500550 web: http://www.dynexsemi.com customer service phone: +44 (0) 1522 502753 / 502901 fax: +44 (0) 1522 500020 e - mail: power_solutions@dynexsemi.com ? dynex semiconductor ltd. technical documentation C not for resale .


▲Up To Search▲   

 
Price & Availability of DCR3220A55

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X