Part Number Hot Search : 
198000 AHCT1 BYD33K LB341 P4KE22 1029G TSL262 55V162
Product Description
Full Text Search
 

To Download CD4825W2BRH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  evolution dual series ? 25a & 50a output rating per channel @ 40c ? 24 to 280 & 48 to 600vac operating voltage ? 4-15, 15-32 & 4-32vdc control input options ? four input termination options ? zero-crossing (resistive loads) or random-fire (inductive loads) output ? input status led indi cator for each channel ? available with ip20 ?touch-safe? covers ? ul508 endurance rating product selection control voltage 240v,25a 240v, 50a 480v, 25a 480v, 50a 4-15 vdc cd2425d1u cd2450d1u cd4825d1u cd4850d1u 15-32vdc cd2425e1u cd2450e1u cd4825e1u cd4850e1u 4-32 vdc cd2425w1u cd2450w1u cd4825w1u cd4850w1u available options output specifications (1) description cx2425xxxx cx2450xxxx cx4825xxxx cx4850xxxx operating voltage (47-440hz) [vrms] 24-280 24-280 48-600 48-600 load current range (3) [arms] 0.15-25 0.15-50 0.15-25 0.15-50 transient overvoltage [vpk] 600 600 1200 1200 maximum off-state leakage current @ rated voltage [marms] 1.0 1.0 1.0 1.0 minimum off-state dv/dt @ maximum rated voltage [v/sec] (2) 500 500 500 500 maximum 1 cycle surge current (50/60) [apk] 275/300 710/750 275/300 710/750 maximum surge current 50hz (20ms) [apk] 275 710 275 710 maximum on-state voltage drop @ rated current [vpk] 1.3 1.3 1.3 1.3 thermal resistance juncti on to case (rjc) [c/w] 0.65 0.33 0.65 0.33 maximum i2 t for fusing 50/60hz (1/2 cycle) [a2 sec] 380/370 2520/2320 380/370 2520/2320 minimum power factor (with maximum load) 0.5 0.5 0.5 0.5
input specifications (1) description cxxxdxxx cxxxexxx cxxxwxxx control voltage range 4-15 vdc 15-32 vdc 4-32 vdc minimum turn-on voltage 4 vdc 15 vdc 4 vdc minimum turn-off voltage 1 .0 vdc 1 .0 vdc 1 .0 vdc typical input current 16 ma @ 5 vdc 18 ma @ 24 vdc 10 ma @ 12 vdc nominal input impedance 300 ohm 1500 ohm see note 5 maximum turn-on time [msec] (4) 1/2 cycle 1/2 cycle 1/2 cycle maximum turn-off time [msec] 1/2 cycle 1/2 cycle 1/2 cycle general specifications description parameters dielectric strength, input/output (50/60hz) 4000 vrms dielectric strength, input/output/base (50/60hz) 2500 vrms minimum insulation resistance (@ 500 v dc) 10 9 ohm maximum capacitance, input/output 10 pf ambient operating temperature range -40 to 80 c ambient storage temperature range -40 to 125 c weight (typical) 3.0 oz (86.5 g) terminals screw type output: 8-32 max. torque output: 20 in lb (2.2nm) max. wire size output:2 x awg 8 (3.8mm) general notes 1) all parameters at 25c and per section unless otherwise specified. 2) off-state dv/dt test method per eia/narm standard rs-443, paragraph 13.11.1 3) heat sinking required, see derating curves. 4) turn-on time for random turn-on (r) versions is 0.1 msec. 5) input circuit incorporates active current limitation wiring diagram
mechanical specifications
thermal derate information agency approvals designed in accordance with the requirements of iec 62314 e116950 rev. 113011

annex - enviromental information


▲Up To Search▲   

 
Price & Availability of CD4825W2BRH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X