Part Number Hot Search : 
00LT1 2SD2014 560JLF MMBT2222 TWD5001 3C103K SL301 EN8949
Product Description
Full Text Search
 

To Download BTH-030-01-L-D-A-K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (0,50mm) .01969" bth, bsh series bsh?090?01?l?d?a bsh?060?01?f?d?a bth?030?01?l?d?a www.samtec.com mated height mates with: bsh mates with: bth bth bsh no. of positions per row no. of positions per row d d plating option plating option ?030, ?050, ?060, ?090, ?120, ?150 ?030, ?050, ?060, ?090, ?120, ?150 other option other option a a ?k = (7,00mm) .276" dia polyimide film pick & place pad ?tr = tape & reel (120 positions maximum) ?tr = tape & reel (120 positions maximum) 01 01 for complete speci cations and recommended pcb layouts see www.samtec.com?bth or www.samtec.com?bsh insulator material: lcp contact material: phosphor bronze plating: au or sn over 50? (1,27?) ni current rating: 1.25a @ 80? ambient flammability rating: ul 94 vo operating temp range: -55? to +125? voltage rating: 125 vac max cycles: 100 rohs compliant: ye s processing: lead-free solderable: ye s smt lead coplanarity: (0,10mm) .004" max (030-090) (0,15mm) .006" max (120-150) board stacking: for applications requiring more than two connectors per board or 90 positions or higher, contact ipg@samtec.com no. of positions x (0,50) .0197 + (5,00) .197 (3,94) .155 (5,97) .235 (0,50) .01969 (0,20) .008 (0,76) .030 (4,27) .168 (0,89) .035 dia 01 02 no. of positions x (0,50) .0197 + (6,27) .247 (6,22) .245 (3,81) .150 (7,24) .285 (0,89) .035 dia (0,15) .006 (3,05) .120 (0,76) .030 (3,25) .128 02 01 (0,50) .01969 application specific ? 30? (0,76?) gold ? edge mount capability ? 8mm, 11mm, 16 mm, 19mm and 22mm stack height (caution: some automatic placement/ inspection machines may have component height restrictions. please consult machinery speci cations.) (11mm, 16mm, 19mm and 22mm not available with 50 positions) call samtec. agilent logic analyzer test point connector specify: asp-65067-01 f-211 *note: ? plating passes 10 year mfg testing note: some lengths, styles and options are non-standard, non-returnable. specifications basic blade & beam header & socket ?01 (5,00) .197 lead style mated height* *processing conditions will affect mated height. ?f = gold flash on contact, matte tin on tail ?l = 10" (0,25m) gold on contact, matte tin on tail ?c* = electro-polished selective 50" (1,27m) min au over 150" (3,81m) ni on signal pins in contact area, 10" (0,25m) min au over 50" (1,27m) ni on ground plane in contact area, matte tin over 50" (1,27m) min ni on all solder tails ?f = gold flash on contact, matte tin on tail ?l = 10" (0,25m) gold on contact, matte tin on tail ?c* = electro-polished selective 50" (1,27m) min au over 150" (3,81m) ni on signal pins in contact area, 10" (0,25m) min au over 50" (1,27m) ni on ground plane in contact area, matte tin over 50" (1,27m) min ni on all solder tails ?passes 10 year mfg extended life product 10 year mixed flowing gas with 50" gold tm call samtec for maximum cycles


▲Up To Search▲   

 
Price & Availability of BTH-030-01-L-D-A-K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X