panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ gu sop 2 form a (aqw21 ? s) asctb141e 201209-t types * indicate the peak ac and dc values. note: the packing style indicator ? or ? are not marked on the device. rating 1. absolute maximum ratings (ambient temperature: 25 c 77 f ) miniature sop8-pin type of 60v/350v/400v load voltage gu sop 2 form a (aqw21 ? s) output rating* pac kage pa rt no. packing quantity load voltage load current tube packing style tape and reel packing style tube tape and reel picked from the 1/2/3/4-pin side picked from the 5/6/7/8-pin side ac/dc dual use 60v 400ma sop8-pin aqw212s aqw212sx aqw212sz 1 tube contains: 50 pcs. 1 batch contains: 1,000 pcs. 1,000 pcs. 350v 100ma AQW210S AQW210Sx AQW210Sz 400v 80ma aqw214s aqw214sx aqw214sz item symbol aqw212s AQW210S aqw214s remarks input led forward current i f 50 ma led reverse voltage v r 5 v peak forward current i fp 1 a f = 100 hz, duty factor = 0.1% pow er dissipation p in 75 mw output load voltage (peak ac) v l 60 v 350 v 400 v continuous load current i l 0.4 a (0.5 a) 0.1 a (0.13 a) 0.08 a (0.1 a) peak ac, dc ( ): in case of using only 1 channel peak load current i peak 1.5 a 0.3 a 0.24 a a connection: 100 ms (1 shot), v l = dc pow er dissipation p out 600 mw total power dissipation p t 650 mw i/o isolation voltage v iso 1,500 v ac temperature limits operating t opr ?0 c to +85 c ?0 f to +185 f non-condensing at low temperatures storage t stg ?0 c to +100 c ?0 f to +212 f mm inch features 1. 2 channels in miniature sop8-pin design the device comes in a super-miniature so package measuring (w) 4.4 (l) 9.37 (h) 2.1 mm (w) .173 (l) .369 (h) .083 inch ?pprox. 38% of the volume and 66% of the footprint size of dip8-pin type. 2. controls low-level analog signals photomos feature extremely low closed- circuit offset voltage to enable control of low-level analog signals without distortion. 3. low-level off state leakage current of max. 1 a typical applications ?measuring instruments ?data communications ?computers ?industrial robots ?high-speed inspection machines. 9.37 4.4 2.1 .369 .173 .083 1 2 3 4 8 7 6 5 rohs compliant
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ gu sop 2 form a (aqw21 ? s) asctb141e 201209-t 2. electrical characteristics (ambient temperature: 25 c 77 f ) *turn on/ turn off time recommended operating conditions please obey the following conditions to ensure proper device operation and resetting. these products are not designed for automotive use. if you are considering to use these products for automotive applications, please contact your local panasonic corporation technical representative. reference data item symbol aqw212s AQW210S aqw214s remarks input led operate current typical i fon 0.9 ma i l = max. maximum 3 ma led turn off current minimum i foff 0.4 ma i l = max. typical 0.8 ma led dropout voltage typical v f 1.25 v (1.14 v at i f = 5 ma) i f = 50 ma maximum 1.5 v output on resistance typical r on 0.83 ? 16 ? 30 ? i f = 5 ma i l = max. within 1 s on time maximum 2.5 ? 35 ? 50 ? off state leakage current maximum i leak 1 a i f = 0 ma v l = max. tr ansfer characteristics tu rn on time* typical t on 0.65 ms 0.23 ms 0.21 ms i f = 5 ma i l = max. maximum 2 ms 0.5 ms tu rn off time* typical t off 0.08 ms 0.04 ms i f = 5 ma i l = max. maximum 0.2 ms i/o capacitance typical c iso 0.8 pf f = 1 mhz v b = 0 v maximum 1.5 pf initial i/o isolation resistance minimum r iso 1,000 m ? 500 v dc item symbol recommended value unit input led current i f 5ma ton input output 10% 90% toff 1.-(1) load current vs. ambient temperature characteristics allowable ambient temperature: ?0 c to +85 c ?0 f to +185 f when using 2 channels 1.-(2) load current vs. ambient temperature characteristics allowable ambient temperature: ?0 c to +85 c ?0 f to +185 f when using 2 channels 2.-(1) on resistance vs. ambient temperature characteristics measured portion: between terminals 5 and 6, 7 and 8; led current: 5 ma; load voltage: max. (dc); continuous load current: max. (dc) aq w212s 10080856040200?0?0 1.0 0.8 0.6 0.4 0.2 0 load current, a ambient temperature, c 0 40 60 02040608 085 100?0 ?0 20 AQW210S aqw214s 80 100 120 ambient temperature, c load current, a aq w212s 80856040200?0?0 5 4 3 2 1 0 ambient temperature, c on resistance, ?
panasonic corporation automation controls business unit industrial.panasonic.com/ac/e/ gu sop 2 form a (aqw21 ? s) asctb141e 201209-t 2.-(2) on resistance vs. ambient temperature characteristics measured portion: between terminals 5 and 6, 7 and 8; led current: 5 ma; load voltage: max. (dc); continuous load current: max. (dc) 3. turn on time vs. ambient temperature characteristics led current: 5 ma; load voltage: max. (dc); continuous load current: max. (dc) 4. turn off time vs. ambient temperature characteristics led current: 5 ma; load voltage: max. (dc); continuous load current: max. (dc) 0 10 20 30 40 ?0 ?0 50 02040608085 AQW210S aqw214s ambient temperature, c on resistance, ? aq w210s aq w212s aq w214s 80856040200?0?0 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 ambient temperature, c tu rn on time, ms aq w210s aq w214s aq w212s 80856040200?0?0 0.4 0.3 0.2 0.1 0 ambient temperature, c tu rn off time, ms 5. led operate current vs. ambient temperature characteristics sample: all types; load voltage: max. (dc); continuous load current: max. (dc) 6. led turn off current vs. ambient temperature characteristics sample: all types; load voltage: max. (dc); continuous load current: max. (dc) 7. led dropout voltage vs. ambient temperature characteristics sample: all types; led current: 5 to 50 ma 0 1 2 3 4 ?0 ?0 5 02040608085 ambient temperature, c led operate current, ma 0 1 2 3 4 ?0 ?0 5 02040608085 ambient temperature, c led turn off current, ma 0 1.0 1.1 1.2 1.3 ?0 ?0 02040608085 1.4 50ma 30ma 20ma 10ma 5ma 1.5 ambient temperature, c led dropout voltage, v 8.-(1) current vs. voltage characteristics of output at mos portion measured portion: between terminals 5 and 6, 7 and 8; ambient temperature: 25 c 77 f 8.-(2) current vs. voltage characteristics of output at mos portion measured portion: between terminals 5 and 6, 7 and 8; ambient temperature: 25 c 77 f 9. off state leakage current vs. load voltage characteristics measured portion: between terminals 5 and 6, 7 and 8; ambient temperature: 25 c 77 f aq w212s -0.1 0.5 0.4 0.3 0.2 0.1 -0.2 -0.3 -0.4 -0.5 1.00.80.60.40.2 -1.0 -0.8 -0.6 -0.4 -0.2 v oltage, v current, a 54321 -5 -4 -3 -2 -1 v oltage, v current, ma aq w214s aq w210s -20 -40 -60 -80 -100 -120 -140 20 40 60 80 100 150 140 aq w214s aq w212s aq w210s 060 100 10 ? 10 ? 10 ? 10 ?2 20 40 80 load voltage, v off state leakage current, a 10. turn on time vs. led forward current characteristics measured portion: between terminals 5 and 6, 7 and 8; load voltage: max. (dc); continuous load current: max. (dc); ambient temperature: 25 c 77 f 11. turn off time vs. led forward current characteristics measured portion: between terminals 5 and 6, 7 and 8; load voltage: max. (dc); continuous load current: max. (dc); ambient temperature: 25 c 77 f 12. output capacitance vs. applied voltage characteristics measured portion: between terminals 5 and 6, 7 and 8; frequency: 1 mhz; ambient temperature: 25 c 77 f aq w214s aq w210s aq w212s 0 0.2 0.4 0.6 0.8 1.4 1.0 10 20 30 40 50 60 1.2 led forward current, ma tu rn on time, ms aq w210s aq w214s aq w212s led forward current, ma tu rn off time, ms 0 0.02 0.04 0.06 0.08 0.14 0.10 10 20 30 40 50 60 0.12 aq w210s, aqw214s aq w212s 100 90 80 70 60 50 40 30 20 10 0 50403020100 applied voltage, v output capacitance, pf
|