Part Number Hot Search : 
IFN5433 MAX9973 115MB1 HT604 X55C11 CX2SCSM1 MAX1120 PNZ150L
Product Description
Full Text Search
 

To Download AH172-WLA-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ah172 internal pull-up hall effect latch this datasheet contains new product information. anachip corp. reserves the rights to modify the product specification without notice. no liability is assumed as a result of the use of this product. no rights under any patent accompany the sale of the product. rev. 1.0 oct 6, 2005 1/6 ? features - bipolar hall effect latch sensor - 3.0v to 20v dc operation voltage - built-in pull-up resistor - 25ma output sink current - operating temperature: -20 c to 85 c - package: sip3, sot23 ? applications - rotor position sensing - current switch - encoder - rpm detection ? pin assignments (sip3 package) ( sot23 package) 1. vcc 2. gnd 3. out 1. vcc 3. gnd 2. (top view) out ? general description ah172 is a single digital output hall-effect sensor with pull-up resistor for high temperature operation. the device includes an on-chip hall voltage generator for magnetic sensing, an amplifier to amplify hall voltage, and a comparator to provide switching hysteresis for noise rejection, and an output driver with a pull-up resistor (rpu). an internal bandgap regulator is used to provide temperature compensated supply voltage for internal circuits and allows a wide operating supply range. while the magnetic flux density (b) is larger than operate point (bop), the out pin turns on (low). if b removed toward release point (brp), the out pin is latched ?on? state prior to b < brp. when b < brp, the out pin go into ? off ? state. ? pin descriptions name description vcc positive power supply gnd ground out output stage ? ordering information ah172 x - x x x - x packing blank : bulk a : tape & reel p: sip3 w: sot23 package lead l : lead free wafer body magnetic characteristics blank or a~z : if necessary to specify a or b (for sot23 only)
ah172 internal pull-up hall effect latch anachip corp. www.anachip.com.tw rev 1.0 oct 6, 2005 2/6 ? block diagram amp reg. r pu 1 3 2 vcc out gnd ? functional application circuit m driver & control logic i a i b i c i a i c i b h b h a h c m: three phase hall motor digital hall effect sensor hall motor driver rpm sensing 3 phase hall motor
ah172 internal pull-up hall effect latch anachip corp. www.anachip.com.tw rev 1.0 oct 6, 2005 3/6 ? absolute maxi mum ratings ( at ta= 25 c ) characteristics symbol values unit supply voltage vcc 20 v output ?off ? voltage vout (off) 20 v output ?on? current io (sink) 25 ma operating temperature range top -20~+85 c storage temperature range tstg -65~+150 c maximum junction temperature tj +150 c sip 550 mw power dissipation sot23 pd 230 mw ? electrical characteristics ( ta= 25 c ) characteristics symbol conditions min. typ. max. unit supply voltage vcc 3 - 20 v output saturation voltage vout(sat) vcc=12v, out ?on? io =10ma - 300 400 mv supply current icc vcc=12v, out ?off? - 3.5 6 ma internal pull-up resistor rpu 7 10 13 k ? dropout voltage vd vd = vcc-vce - - 0.3 v ? magnetic characteristics (at ta= 25 c ) (1mt = 10 gauss) a grade characteristics symbol min. typ. max. unit operate point bop 15 - 60 gauss release point brp -60 - -15 gauss hysteresis bhy - 80 - gauss b grade characteristics symbol min. typ. max. unit operate point bop 5 - 80 gauss release point brp -80 - -5 gauss hysteresis bhy - 80 - gauss ? operating characteristics marking side s n b hy v sat v cc ( output voltage ) v d b rp b op 0 ( magnetic flux density ) v out high low marking side s n ( sip3 ) ( sot23 )
ah172 internal pull-up hall effect latch anachip corp. www.anachip.com.tw rev 1.0 oct 6, 2005 4/6 ? performance characteristics (sip3) ta ( c) 25 50 60 70 80 85 90 95 100 pd (mw) 550 440 396 352 308 286 264 242 220 ta ( c) 105 110 115 120 125 130 135 140 150 pd (mw) 198 176 154 132 110 88 66 44 0 power dissipation curve 0 100 200 300 400 500 600 0 25 50 75 100 125 150 ta ( c) pd (mw ) 85 ? performance characteristics (sot23-3) ta ( c) 25 50 60 70 80 85 90 100 110 120 125 130 140 150 pd (mw) 230 184 166 147 129 120 110 92 74 55 46 37 18 0 power dissipation curve 0 100 200 300 0 25 50 75 100 125 150 ta ( c) pd (mw) 85 ? marking information (1) sot23 (2) sip3 j2 : ah172 xx ym x date code y : year m :month (a~l) (top view) id code a~z: non-lead free a~z : lead free 172 yww x date code y : year ww : nth week (top view) id code a~z: non-lead free a~z : lead free
ah172 internal pull-up hall effect latch anachip corp. www.anachip.com.tw rev 1.0 oct 6, 2005 5/6 ? package information (1) package type: sip-3l active area depth sensor location 123 2.10mm 1.55mm 0.51mm nom branded surface 1.57mm 1.47mm 4.17mm 4.04mm 1.82 mm 15.50mm 13.00mm 1 2 3 1.27mm 0.41mm 0.41mm 45 o 45 o 0.38mm 0.7mm 3.10mm 2.97mm package dimension
ah172 internal pull-up hall effect latch anachip corp. www.anachip.com.tw rev 1.0 oct 6, 2005 6/6 (2) package type: sot23-3l e e he d a2 a1 b(3x) a 2(4x) e1 2 1 3 1.45mm 0.8mm ( sensing point ) 1(4x) l view c l1 gauge plane c see view c m dimensions in millimeters dimensions in inches symbol min. nom. max. min. nom. max. a 1.05 - 1.35 0.041 - 0.053 a1 0.05 - 0.15 0.002 - 0.006 a2 1.00 1.10 1.20 0.039 0.043 0.047 b 0.25 - 0.50 0.010 - 0.020 c 0.08 - 0.20 0.003 - 0.008 d 2.70 2.90 3.00 0.106 0.114 0.118 e 1.50 1.60 1.70 0.059 0.063 0.067 he 2.60 2.80 3.00 0.102 0.110 0.118 l 0.30 - 0.60 0.012 - 0.024 l1 0.50 0.60 0.70 0.020 0.024 0.028 m 0.73 0.78 0.83 0.029 0.031 0.033 e 1.80 1.90 2.00 0.071 0.075 0.079 e1 0.85 0.95 1.05 0.033 0.037 0.041 0 o 5 o 10 o 0 o 5 o 10 o 1 3 o 5 o 7 o 3 o 5 o 7 o 2 6 o 8 o 10 o 6 o 8 o 10 o


▲Up To Search▲   

 
Price & Availability of AH172-WLA-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X