Part Number Hot Search : 
SMB36 TIP41C07 TIP41C07 2N4400 C1775 LHG35162 SI535 SE094
Product Description
Full Text Search
 

To Download 4610M-901-104LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  *rohs directive 2002/95/ec jan 27, 2003 including annex. speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. features integrates capacitor function in one package rohs compliant* design reduces termination noise popular standard capacitance values available isolated, bussed and dual-bussed circuits available compatible with wave soldering 900 series - capacitor networks electrical characteristics capacitance tolerance 39 pf - 270 pf ......................... ?0 % >270 pf - 0.1 f ...................... ?0 % circuit con guration ... isolated, bussed and dual-bussed capacitor dielectric ................npo, x7r capacitance voltage rating 39 pf - 270 pf ..npo - 50 v @ +25 ? >270 pf - 0.047 f ...........................x7r - 50 v @ +25 ? physical characteristics lead spacing ............ 0.100 ?(2.54 mm) terminal coating ..........sn/ag/cu-plated body material ............. epoxy/anhydride conformal material how to order 46 10 m - 901 - 103 lf model (46 = sip pkg) number of pins pro le (m = standard pro le) electrical con guration ?901 = bussed ?902 = isolated ?904 = dual-bussed capacitance code ?first 2 digits are signi cant ?third digit represents the number of zeros to follow. terminations ?lf = lead free (sn/ag/cu-plated) consult factory for other available options. product dimensions standard high volume part numbers 4610m-901-103lf 4610m-902-103lf 4610M-901-104LF 4610m-902-104lf typical part marking represents total content. layout may vary. a maximum pin #1 ref. 5.08 (.200) max. .508 .050 (.020 .002) typ. 2.54 .07 (.100 .003*) typ. non-accum. 3.81 (.150) max. .254 .10 (.010 .039) typ. 3.50 ?.50 (.138 ?.020) pin a maximum count mm (inches) 4 10.2 (.402) 5 12.7 (.500) 6 15.3 (.602) 7 17.8 (.701) 8 20.4 (.803) 9 22.9 (.902) 10 25.4 (1.00) 11 28.0 (1.102) 12 30.5 (1.201) 13 33.1 (1.303) 14 35.6 (1.402) isolated capacitors (902 circuit) 1 4 6 10 12 14 ... these models incorporate 2 to 7 isolated capacitors of equal value, each connected between two pins. bussed capacitors (901 circuit) these models incorporate 3 to 13 capacitors of equal value, each connected between a common bus (pin 1) and a separate pin. 1 14 dual-bussed capacitors (904 circuit) these models incorporate 2 to 12 capacitors of equal value, each connected to a dual buss that connects pin 1 to the last pin. 1 n n-1 standard capacitance values and codes these are the standard and non-standard capacitance values available. consult factory for capacitance values and types outside this range. tolerances of 5 %, 10 % and 20 % are available. ?npo? dielectrics ?x7r? dielectrics ?x7r? dielectrics 10 % tolerance 20 % tolerance 20 % tolerance capacitance capacitance capacitance capacitance capacitance capacitance (pf) code (pf) code ( f) code 39 390 330 331 0.01 103 47 470 390 391 0.012 123 56 560 470 471 0.015 153 68 680 560 561 0.018 183 82 820 680 681 0.022 223 100 101 820 821 0.027 273 120 121 1000 102 0.033 333 150 151 1200 122 0.039 393 180 181 1500 152 0.047 473 220 221 1800 182 0.056 563 270 271 2200 222 0.068 683 2700 272 0.082 823 3300 332 0.1 104 3900 392 4700 472 5600 562 6800 682 8200 822 rev. 03/11 *rohs compliant 91-101 model indicator capacitance code pin one indicator


▲Up To Search▲   

 
Price & Availability of 4610M-901-104LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X