Part Number Hot Search : 
TCA62 99000 MIC52 A1093 RS1ML SDR1G AD7819YN UPA1790
Product Description
Full Text Search
 

To Download 2SK417712 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sk4177 no. a0869-1/7 1 : gate 2 : drain 3 : source 4 : drain sanyo : to-263-2l 10.0 5.3 1.27 0.8 2.54 2.54 13.4 9.2 7.9 1.4 1.2 0 to 0.25 2.4 1.75 0.9 3.0 1.35 0.254 4.5 8.0 1.3 0.5 123 4 product & package information ? package : to-263-2l ? jeita, jedec : sc-83, to-263 ? minimum packing quantity : 800 pcs./reel packing type: dl marking electrical connection features ? on-resistance r ds (on)=10 (typ.) ? input capacitance ciss=380pf (typ.) ? 10v drive speci cations absolute maximum ratings at ta=25c parameter symbol conditions ratings unit drain-to-source voltage v dss 1500 v gate-to-source voltage v gss 20 v drain current (dc) i d 2a drain current (pulse) i dp pw 10 s, duty cycle 1% 4 a allowable power dissipation p d tc=25c 80 w channel temperature tch 150 c storage temperature tstg --55 to +150 c avalanche energy (single pulse) *1 e as 41 mj avalanche current *2 i av 2a note : * 1 v dd =50v, l=20mh, i av =2a (fig.1) * 2 l 20mh, single pulse package dimensions unit : mm (typ) 7535-001 d0512 tkim tc-00002833/31208qb tiim tc-00001270 sanyo semiconductors data sheet 2sk4177 n-channel silicon mosfet general-purpose switching device applications http://www.sanyosemi.com/en/network/ ordering number : ena0869a 2sk4177-dl-1e dl 1 3 2, 4 k4177 lot no.
2sk4177 no. a0869-2/7 electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max drain-to-source breakdown voltage v (br)dss i d =1ma, v gs =0v 1500 v zero-gate voltage drain current i dss v ds =1200v, v gs =0v 100 a gate-to-source leakage current i gss v gs =16v, v ds =0v 10 a cutoff voltage v gs (off) v ds =10v, i d =1ma 2.5 3.5 v forward transfer admittance | yfs | v ds =20v, i d =1a 0.7 1.4 s static drain-to-source on-state resistance r ds (on) i d =1a, v gs =10v 10 13 input capacitance ciss v ds =30v, f=1mhz 380 pf output capacitance coss 70 pf reverse transfer capacitance crss 40 pf turn-on delay time t d (on) see fig.2 12 ns rise time t r 37 ns turn-off delay time t d (off) 152 ns fall time t f 59 ns total gate charge qg v ds =200v, v gs =10v, i d =2a 37.5 nc gate-to-source charge qgs 2.7 nc gate-to-drain ?miller? charge qgd 20 nc diode forward voltage v sd i s =2a, v gs =0v 0.88 1.2 v fig.1 unclamped inductive switching test circuit fig.2 switching time test circuit ordering information device package shipping memo 2sk4177-dl-1e to-263-2l 800pcs./reel pb free 50 10v 0v 50 v dd l rg 2sk4177 g s d pw 10 s d.c. 1% p. g 50 g s d i d =1a r l =190 v dd =200v v out 2sk4177 v in 10v 0v v in
2sk4177 no. a0869-3/7 drain-to-source voltage, v ds -- v drain current, i d -- a gate-to-source voltage, v gs -- v drain current, i d -- a static drain-to-source on-state resistance, r ds (on) -- static drain-to-source on-state resistance, r ds (on) -- case temperature, tc -- c drain current, i d -- a forward transfer admittance, y fs -- s diode forward voltage, v sd -- v source current, i s -- a gate-to-source voltage, v gs -- v i d v ds i d v gs r ds (on) -- v gs r ds (on) -- tc i s -- v sd y fs -- i d it07130 it07131 it07132 it07133 --50 --25 0 25 50 75 100 125 150 0 0 4.0 3.5 3.0 2.5 2.0 1.5 50 45 40 10 30 525 15 20 35 1.0 0.5 0 0 3.0 2.5 2.0 1.5 20 18 16 412 210 68 14 1.0 0.5 10v 8v 0 30 25 10 20 15 5 v gs =4v 5v 6v it07135 0.2 0.4 0.6 0.8 1.2 1.0 0.01 0.1 1.0 10 7 5 3 2 7 5 3 2 7 5 3 2 it07134 25 c --25 c tc=75 c 0.1 357 2357 23 1.0 1.0 2 3 5 7 2 3 5 0.1 v ds =20v 25 c tc= --25 c 75 c v gs =0v i d =1a v gs =10v tc= --25 c 25 c 75 c 0 0 30 25 20 15 20 18 16 412 210 68 14 10 5 i d =1a tc=75 c 25 c --25 c tc=25 c pulse v ds =20v pulse drain current, i d -- a switching time, sw time -- ns sw time -- i d drain-to-source voltage, v ds -- v ciss, coss, crss -- pf ciss, coss, crss -- v ds it09037 v dd =200v v gs =10v t d (off) t f t r t d (on) it09038 f=1mhz ciss coss crss 100 10 3 2 3 2 5 5 7 0.1 1.0 23 57 23 0 7 100 10 1000 7 5 5 3 2 5 3 2 3 2 50 30 5152025354045 10
2sk4177 no. a0869-4/7 2 3 5 7 2 0.1 3 5 7 2 1.0 0.01 2 23 57 1.0 10 2 357 100 2 357 1k 3 it16905 operation in this area is limited by r ds (on). 10 s 100 s 1ms 10ms 100ms i d =2a i dp =4a(pw 10 s) dc operation 3 5 7 10 total gate charge, qg -- nc gate-to-source voltage, v gs -- v drain-to-source voltage, v ds -- v drain current, i d -- a case temperature, tc -- c allowable power dissipation, p d -- w a s o v gs -- qg p d -- tc it07138 0 0 1 2 3 4 5 6 7 8 40 10 9 10 20 30 v ds =200v i d =2a e as -- ta avalanche energy derating factor -- % ambient temperature, ta -- c 0 0 25 50 75 100 125 150 100 80 60 20 40 120 17 5 it10478 it12898 100 80 60 40 20 0 0 20 40 60 80 100 120 140 160 tc=25 c single pulse
2sk4177 no. a0869-5/7 taping speci cation 2sk4177-dl-1e
2sk4177 no. a0869-6/7 outline drawing land pattern example 2sk4177-dl-1e mass (g) unit 1.5 * for reference mm unit: mm
2sk4177 ps no. a0869-7/7 this catalog provides information as of december, 2012. speci cations and information herein are subject to change without notice. note on usage : since the 2sk4177 is a mosfet product, please avoid using this device in the vicinity of highly charged objects. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment. the products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for new introduction or other application different from current conditions on the usage of automotive device, communication device, office equipment, industrial equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the intended use. if there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' s products or equipment. sanyo semiconductor co.,ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein. regarding monolithic semiconductors, if you should intend to use this ic continuously under high temperature, high current, high voltage, or drastic temperature change, even if it is used within the range of absolute maximum ratings or operating conditions, there is a possibility of decrease reliability. please contact us for a confirmation. sanyo semiconductor co.,ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. it is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo semiconductor co.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above.


▲Up To Search▲   

 
Price & Availability of 2SK417712

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X