Part Number Hot Search : 
SR800 660CT 2SK304 105M2 SMBJ10 2SK34 BZG4733 1017A
Product Description
Full Text Search
 

To Download 1745830000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | heavy duty connectors | inserts | he series | tension spring connection - 1 - general ordering data order no. 1745830000 part designation hdc he 10 mt version hdc insert, pin, 500 v, 16 a, poles: 10 + pe, tension clamp connection, bg: 4 ean 4008190985554 qty. 1 pc(s). product notes note, technical data the rated current for he inserts up to 6 poles is 24 a. note, accessories for additional accessories, refer to accessories chapter. dimensions high connection part, male insert d 19.1 mm high plug b 33.8 mm total length a 62.8 mm general data colour beige insulating material group iiia insulation material pc glass-fibre reinforced (ul-listed and railway- certified) insulation resistance 10 10 no. of poles, total 10 + pe plugging cycles, silver 500 pollution severity 3 temperature, max. 125 c temperature, min. -40 c ul 94 flammability class v-0 size 4 series he type pin type designation he 10
product catalogue | heavy duty connectors | inserts | he series | tension spring connection - 2 - general data connection data pe rated cross-section 4 mm2 fixing screw m 4 min. tightening torque 1.2 nm blade size, crosshead size ph1 max. tightening torque 1.5 nm blade size, slotted sd 0.8 x 4.0 stripping length 10 mm max. connection cross-section, solid 0.5 mm2 min. connection cross-section, solid 4 mm2 min. connection cross-section, stranded 0.5 mm2 connection type pe screw connection max. connection cross-section, stranded 4 mm2 min. connection cross-section "f" with wire end ferrule 0.5 mm2 max. connection cross-section "f" with wire end ferrule 4 mm2 awg, min. awg 20 awg, max. awg 12 rating data rated voltage (din en 61984) 500 v rated current (din en 61984) 16 a rated voltage according to ul/csa 600 v ac/dc rated impulse voltage (din en 61984) 6 kv version type of connection tension clamp connection blade size, slotted sd 0.5 x 3.0 stripping length 8 mm material copper alloy connection cross-section, min. 0.5 mm2 connection cross-section, max. 2.5 mm2 awg, min. awg 20 awg, max. awg 14 size 4 surface finish silver passivated volume resistance 2m
product catalogue | heavy duty connectors | inserts | he series | tension spring connection - 3 - approvals approvals institutes downloads pdf 1745830000_hdc_he_10_mt_stp_blatt__1.pdf dxf 1745830000_hdc_he_10_mt_stp_blatt__1.dxf iges 1745830000_hdc_he_10_mt_stp.igs step 1745830000_hdc_he_10_mt_stp.stp vrml 1745830000_hdc_he_10_mt_stp.wrl classifications etim 2.0 ec001121 etim 3.0 ec001121 eclass 4.1 27-14-08-05 eclass 5.0 27-14-34-19 eclass 5.1 27-14-34-19 similar products order no. part designation version 1745760000 hdc he 6 ft hdc insert, socket, 500 v, 24 a, poles: 6 + pe, tension clamp connection, bg: 3 1745820000 hdc he 6 mt hdc insert, pin, 500 v, 24 a, poles: 6 + pe, tension clamp connection, bg: 3 1745770000 hdc he 10 ft hdc insert, socket, 500 v, 16 a, poles: 10 + pe, tension clamp connection, bg: 4 1745780000 hdc he 16 ft hdc insert, socket, 500 v, 16 a, poles: 16 + pe, tension clamp connection, bg: 6 1745840000 hdc he 16 mt hdc insert, pin, 500 v, 16 a, poles: 16 + pe, tension clamp connection, bg: 6 1745790000 hdc he 24 ft hdc insert, socket, 500 v, 16 a, poles: 24 + pe, tension clamp connection, bg: 8
product catalogue | heavy duty connectors | inserts | he series | tension spring connection - 4 - 1745850000 hdc he 24 mt hdc insert, pin, 500 v, 16 a, poles: 24 + pe, tension clamp connection, bg: 8 1745800000 hdc he 16 ft 17-32 hdc insert, socket, 500 v, 16 a, poles: 16 + pe, tension clamp connection, bg: 6 1745860000 hdc he 16 mt 17-32 hdc insert, pin, 500 v, 16 a, poles: 16 + pe, tension clamp connection, bg: 6 1745810000 hdc he 24 ft 25-48 hdc insert, socket, 500 v, 16 a, poles: 24 + pe, tension clamp connection, bg: 8 1745870000 hdc he 24 mt 25-48 hdc insert, pin, 500 v, 16 a, poles: 24 + pe, tension clamp connection, bg: 8


▲Up To Search▲   

 
Price & Availability of 1745830000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X