Part Number Hot Search : 
BR356W CDRH5D GP2A18F SDR0603 CXG1040T GT125 V48A24E DPT743H
Product Description
Full Text Search
 

To Download TC1303B-PI0EMFTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.microchip.com/tools quick guide to microchip development tools development tools spring 2012 development tools
mplab? x ide mplab? x ide is the free integrated development environment from microchip technology. equipped with a powerful and functional set of features, this ide is the next generation foundation of integrated toolset for the development of embedded applications on microchips pic? microcontrollers and dspic? digital signal controllers. mplab x ide is a single, unified graphical user interface for microchip and third party software and hardware development tools that runs on windows, linux and mac os x. based on the netbeans ide, mplab x ide is a whole new ide with a host of free software components and plug-ins for high-performance application development and super-charged debugging customized to your liking. moving between tools, and upgrading from software simulators to hardware debugging and programming tools, is simple with this ides seamless user interface for all your favorite microchip tools. with complete project management, visual call graphs, a configurable watch window and a feature-rich editor that includes code-completion and context menus, mplab x ide is flexible and friendly enough for new users. and with the ability to support multiple tools on multiple projects with simultaneous debugging, mplab x ide is also fully equipped for the needs of experienced users. integrated development environment and software tools other features feature-rich editor color syntax highlighting smart code completion makes suggestions and provides hints as you type automatic code formatting based on user-de? ned rules refactoring tools to intelligently restructure code live parsing user-friendly, customizable interface fully customizable interface: toolbars, toolbar buttons, windows, window placement, etc. call graph window navigation features powerful navigation tools: ? ??? go to ? le, go to type, go to symbol, go to header, go to declaration tasks navigator with user-de? ned bookmarks ? ??? e.g. //todo, //fixme project-based workspaces: ? ??? multiple projects ? ??? multiple tools ? ??? multiple con? gurations ? ??? simultaneous debugging sessions file history and bug tracking local ? le history feature ? ??? netbean plug-ins for revision control systems also available built-in support for bugzilla issue tracker ? ??? integrated with editor for ease-of-navigation issues 2 quick guide to microchip development tools
optimizations mplab xc compilers pro editions produce highly optimized code. a low cost option of the compiler is also available as the standard edition. pro and standard licenses are available mplab xc compilers are also available as free editions or for evaluation purposes. the free editions support all devices and commands of the full edition. they have no time or memory restrictions; however, code optimizations are limited. these editions also offer an unrestricted-use license so they are ideal as a low-cost tool for academic or commercial use. an evaluation key is also available to enable full use of the pro edition features and optimizations of the compilers when applied. after the 60-day evaluation period, the compiler will revert back to the free edition functionality. the free edition is available for download from: www.microchip.com/free features ansi compliant extensive libraries including microchip peripheral libraries runs on windows, linux or mac os x options single-user licenses : regular node-locked licenses floating network licenses : can be run from a server and shared between multiple machines in different locations high priority access (hpa) : 12-month maintenance and support contract: ? ?? ? new part support ? ?? ? new architecture support ? ?? ? major version updates ? ?? ? priority technical support microchip mplab xc compilers 0% 50% 100% optimization level s free free 60-day evaluatio n pro standard mplab?xc compilers mplab xc8 pic10, 12, 16 and 18 mplab xc16 pic24 and dspic? dscs mplab xc32 pic32 mplab xc suite all pic? mcus and dspic dscs 3 quick guide to microchip development tools
in-circuit emulators and debuggers microchip offers three universal debuggers. they share design platforms, support all microcontroller and dsc families, are usb-powered and fully integrated with mplab ide. mplab icd?3 offers debugging and hardware features that would satisfy the needs of most users. pickit? 3 debugger/programmer is the economical choice when basic debugging functions are desired. mplab real ice emulator offers advanced features usually available only on expensive and high-end emulators, like data capture, trace, logic triggers and high-speed debugging up to 10 feet. both mplab real ice and mplab icd 3 can be used as programmers in a production environment. mplab? icd 3 debugger/programmer (dv164035) mplab icd 3 in-circuit debugger system is microchip's most cost effective high-speed hardware debugger/ programmer for microchip flash digital signal controller (dsc) and microcontroller (mcu) devices. it debugs and programs pic flash microcontrollers and dspic dscs with the powerful, yet easy-to-use graphical user interface of mplab integrated development environment (ide). the mplab icd 3 in-circuit debugger probe is connected to the design engineer's pc using a high-speed usb 2.0 interface and is connected to the target with a connector compatible with the mplab real ice systems (rj-11). mplab icd 3 in-circuit debugger is designed to support high-speed processors running at maximum speeds, allowing embedded engineers to debug applications on their own hardware in real time. protection circuitries are added to the probe drivers to guard the probe kit from power surges from the target. v dd and v pp voltage monitors protect against over-voltage conditions, and all lines have over-current protection. the unit can provide power to a target (up to 100?ma). housed in a small (3.7" .8") and attractive enclosure, the mplab icd 3 in-circuit debugger is powered by the usb port, so an external power adapter is not required. mplab icd 3 in-circuit debugger is ce and rohs- compliant. fast programming allows both quick ? rmware reload for fast debugging and for in-circuit re-programming. programming times are improved up to 15 over mplab icd 2. mplab icd 3 supports target supply voltages from 2.0 to 5.5 volts. included with every mplab icd?3 is a test module to test i/o lines to con? rm the unit is working properly. adding new device support and advanced features to mplab icd 3 in-circuit debugger is as simple as installing later versions of the mplab ide, downloadable free. mplab icd 3 in-circuit debugger is ? eld upgradeable through a ? rmware download from mplab ide. allows debugging with mplab ide, supporting multiple breakpoints, stopwatch, source code ? le debugging in mplabs editor for quick program modi? cation/debug. pickit 3 in-circuit debugger (pg164130) the pickit 3 debug express allows debugging and programming of pic flash microcontrollers and dspic dscs using the powerful graphical user interface of the mplab integrated development environment (ide). usb (full speed 12 mbits/s interface to host pc) real-time execution firmware upgradeable from pc/web download totally enclosed supports low voltage to 2.0 volts (2.0v 6.0v range) diagnostic leds (power, busy, error) read/write program and data memory of microcontroller erase of program memory space with veri? cation freeze-peripherals at breakpoint mplab real ice? emulator (dv244005) mplab real ice in-circuit emulator system is microchips next generation high speed emulator for microchip flash dsc and mcu devices. it debugs and programs pic and dspic flash microcontrollers with the easy-to-use but powerful graphical user interface of the mplab integrated development environment (ide), included with each kit. the mplab real ice probe is connected to the design engineer's pc using a high-speed usb 2.0 interface and is connected to the target with either a connector compatible with the popular mplab icd 3 system (rj11) or with the high speed, noise tolerant, low voltage differential signal (lvds) interconnection (cat5). mplab real ice is field upgradeable through future firmware downloads in mplab ide. in upcoming releases of mplab ide, new devices will be supported, and new features added. real-time execution and real time trace collection stopwatch real time watch full hardware debugging: breakpoints, single-step, variable inspect/modify logic probe inputs/outputs (8) i/o port trace and spi trace options for high speed upload of trace data 4 quick guide to microchip development tools
in-circuit emulators and debuggers in-circuit emulators and debuggers feature pickit? 3 mplab? icd 3 mplab real ice? usb speed full only high and full high and full usb driver hid microchip microchip usb powered ye s ye s ye s programmable v pp ye s ye s ye s power to target ye s ye s no programmable v dd ye s ye s ye s v dd drain from target 20?ma mplab? starter kit for pic24f mcus (dm240011) this kit includes an integrated in-circuit debugger and programmer, usb device and host connectors, tri color led, capacitive touch pad and an oled display. menu driven demonstration software supports data logging, thumb drive and graphics applications to test the pic24f mcu. explorer 16 starter kit (dv164037) this kit is a complete set of tools for application development supporting microchips pic24f, pic24h and dspic33 16-bit and pic32 32-bit microcontrollers. this kit includes a mplab icd 3 in-circuit debugger, an explorer?16 development board, a 9v universal power supply for use with either the explorer 16 board or the mplab icd, a serial cable and both a pic24fj128ga010 and a dspic33f256gp710 device (mounted on plug-in modules for quick replacement). mplab? starter kit for dspic dscs (dm330011) this starter kit introduces users to the dspic digital signal controller device using its speech and audio processing capabilities. the kit is usb-powered, has on-board debug circuitry and 24-bit codec for high-quality audio applications. also on the board are reconfigurable switches, potentiometers, a temperature sensor and a 4 mb serial eeprom to store data such as audio samples. pic32 starter kit (dm320001) with over 35 source code examples to the getting started project, this kit includes everything needed to write, program, debug and execute code on a high performance pic32 microcontroller. pic32 usb starter kit ii (dm320003-2) this kit provides the easiest and lowest cost method to experience the usb and can functionality of the pic32 microcontrollers. users can develop can applications using pic32 expansion boards. the board contains everything need to develop usb embedded host/device/ otg applications by combining this board with microchip's free usb software. pic32 ethernet starter kit (dm320004) the pic32 ethernet starter kit provides the easiest and lowest cost method to experience 10/100 ethernet development with pic32. combined with microchip's free tcp/ip software, your project will be running in no time. the pic32 has an available can2.0b peripheral and usb host/device/otg. display. menu driven demonstration software supports on-board debug circuitry and 24-bit codec for high-quality everything need to develop usb embedded host/device/ getting started starter kits starter kits are complete, affordable, turnkey solutions consisting of hardware and software sufficient for exploring specific applications or the features of the device family they represent. most kits include an on-board or separate debugger, a cd containing mplab ide and lite compiler editions and tutorials. to get started, simply install the software, start mplab ide, connect the hardware and step through the easy-to-follow tutorials. f1 evaluation kit (dv164132) the f1 evaluation kit is a demonstration/development tool for enhanced mid-range pic microcontrollers (pic12f1xxx/pic16f1xxx) and includes the pickit 3 for quick programming and development. populated with a pic16lf1937 featuring xlp technology, this platform consists of a 44-pin development board with prototyping space, 3v lcd glass, support for the motor control add-on and support for pickit 3 and pickit serial analyzer. this kit provides a platform for general purpose development, and includes demonstrations focusing on low power, lcd and motor control. mplab? starter kit for pic18 mcu (dm180021) this kit includes an on-board debugger/ programming capability as well as usb communication, a capacitive touch pad, potentiometer, acceleration sensor, microsd? memory card and an oled display. the board can function as a usb mouse, joystick or mass storage device (thumb drive) all using the on-board capacitive touch sense pads. pic18 development kit (dv164136) this kit includes a pic18 explorer board, pickit 3 debugger/programmer, usb cable and a 9v universal power supply. the pic18 explorer board includes both the pic18f8722 and pic18f87j11 microcontrollers and supports dozens of general purpose pic18 families using various processor plug-in modules (pims). pictail daughter boards enable many different accessory boards to connect to the pic18 explorer. mplab? starter kit for pic24h mcus (dm240021) the pic24h starter kit is a complete hardware and software kit for exploring the power of pic24h family of mcus including a built-in debugger on the board. a tri-axial accelerometer is provided for acceleration detection. the starter kit also showcases a low cost audio playback with an on-board speaker and an oled display running the microchip graphics library. microsd? memory card and an oled display. the board microcontrollers and supports dozens of general purpose board. a tri-axial accelerometer is provided for acceleration 6 quick guide to microchip development tools
microstick for 3v pic24f k series (dm240013-1) microstick is a flexible usb-powered development platform. it's the perfect solution for those looking to get started with microchip's lowest cost 16-bit microcontroller families, pic24f "kl" and "ka", for the extremely cost- sensitive consumer, medical and industrial applications. it includes an integrated programmer/debugger, and can work as a stand-alone development board or plugged into a prototyping board. microstick ii (dm330013-2) microstick ii delivers a complete development hardware platform for microchip's 16-bit and 32-bit microcontrollers and digital signal controllers. it's the perfect solution for those looking for a low-cost, easy-to-use development platform and supports all 3.3v pic24fj, pic24h, dspic33, and pic32 spdip packaged devices. microstick for dspic33f and pic24h development board (dm330013) the microstick for dspic33f and pic24h devices is designed to provide designers with an easy-to-use, economical development environment for 16-bit dspic digital signal controllers and pic microcontrollers. it provides everything you need to get started at a very low cost. it has an integrated programmer/debugger and can be used stand-alone or plugged into a prototyping board for extremely flexible development. pic32 i/o expansion board (dm320002) this i/o expansion board provides pic32 starter board (dm320001, dm320003) users with full access to mcu signals, jtag debugging, icsp? development and connection of pictail plus daughter cards. pickit 3 debug express (dv164131) the pickit 3 debug express combines a 44-pin demo board with a pic18f45k20 microcontroller and a pickit 3 debugger/ programmer. mplab? starter kit for serial memory products (dv243003) this kit includes everything necessary to quickly develop a robust and reliable serial eeprom design, and greatly reduces the time required for system integration and hardware/software fine-tuning. supports microchip uni/o bus, i2c?, spi and microwire serial eeproms . pic24e (dm240012) and dspic33e usb starter kits (dm330012) these starter kits provide a low-cost method for the development and testing of usb devices, embedded host and on-the-go applications using the pic24e mcu and dspic33e dsc families. included on each board are three user-programmable leds, three push button switches and an expansion header compatible with the multimedia expansion board (dm320005) and i/o expansion board (dm320002). the starter kits come preloaded with basic communication device class (cdc) demonstration software. getting started development tools selector microchip's development tools selector (dts) is software that allows a user to view development tools through a graphical user interface (gui) with filter and search capabilities to easily find development tools associated to the silicon products. just enter either a development tool or silicon device in the search box and it quickly displays all related tools and devices. updated after every mplab? ide release, it is available online and offline at: www.microchip.com/select . 1. enter the development tool or silicon device here. 3. hover over icon or text for pop-up detail of actual tool and status. 4. click through tabs to view different tools, software and demo boards. 2. select a package to view. mplab icd 3 in-circuit debugger ( dv164035 ) mplab icd 3 in-circuit debugger mplab icd 3 in-circuit debugger system is microchip? s latest and most cost-ef fective high-speed emulator for microchip flash digital signal controller (dsc) and microcontroller (mcu) devices. it debugs and programs pic(r) flash microcontrollers and dspic(r) dscs with the powerful, yet easy-to-use graphical user interface of mplab integraded development environment (ide). mplab icd 3 in-circuit debugger provides significant performance enhancements for embedded systems designers. programming times are typically 15x faster than previous systems. a 40 mhz dspic33 and high-speed fpg a yield faster communications, downloads and debugging. for further technical descriptions, refer to www .microchip.com/icd3. more info >> 7 quick guide to microchip development tools
xlp 8-bit development board (dm240313) this development board is designed as a true platform for low power development, enabling designs with sleep currents as low as 20 na. the board has connections for in-circuit programming and debugging, and a usb interface for power and pc communication. the board comes with the pic18f87k22 installed along with a pic16lf1947 plug-in module and can be powered by six different sources. graphics and lcd pic24fj256da210 development board (dm240312) the pic24fj256da210 development board is a low-cost and efficient development board to evaluate the features and performance of the pic24fj256da210 with integrated graphics, mtouch? technology and usb. this board is an ideal platform for developing graphical human interface applications. low-cost controllerless (lcc) graphics pictail plus daughter board the low-cost controllerless (lcc) graphics pictail plus daughter board enables development of graphics solutions without an external graphics controller, thus reducing system bom cost for many applications. the board is designed to attach to a pic32 starter kit (dm320001, dm320003-2, dm320004) or an explorer 16 development board (dm240001). for more advanced graphics or larger display sizes, there are several boards using external graphics controllers which can be used with the explorer 16 or a pic32 starter kit: solomon systech ssd1926 graphics board (ac164127-5) epson s1d13517 graphics board (ac164127-7) the graphics development boards above can be used with these flexible graphical display boards ranging from 3.2" to 7". qvga 3.2" graphics display truly 240x320 board (ac164127-4) wqvga 4.3" graphics display powertip 480x272 board (ac164127-6) vga 5.7" graphics display truly 640x480 board (ac164127-8) wvga 7" graphics display truly 800x480 board (ac164127-9) lcd explorer development board (dm240314) the lcd explorer development board supports microchip's 100-pin microcontrollers with x8 common segment lcd drivers. the lcd explorer provides an ideal platform for a customer to evaluate an mcu with a common lcd driver on a 38 segment x8 common lcd display. pictail? plus connections allow a customer to evaluate the selected mcu in a complex system by adding microchip's pictail plus daughter boards. application specific development tools ethernet ethernet pictail? plus daughter board (ac164123) this board is populated with the 28-pin enc28j60 ethernet controller which interfaces to the rj-45 connector. it can be plugged into the explorer 16 development board (dm240001), allowing connection to any of microchips 16- and 32-bit products when used in conjunction with the free microchip tcp/ip stack. fast 100 mbps ethernet pictail plus daughter board (ac164132) this board is populated with a 64-pin enc624j600 ethernet controller and interfaces to the rj-45 connector. it can be plugged into the explorer 16 development board (dm240001) and the pic18 explorer board (dm183032) allowing connection to any of microchips 8, 16- and 32-bit products. picdem.net? 2 development board (dm163024) this internet/ethernet development board supports both the enc28j60 ethernet controller and the single- chip ethernet pic18f97j60 mcu. with this board and microchips free tcp/ip stack, a web server can be developed showcasing the capability to remotely monitor and control embedded applications over the internet. extreme low power nanowatt xlp 16-bit development board (dm240311) this development board provides a low-cost, highly configurable development system for microchip's line of extreme low power 16-bit pic24f microcontrollers featuring sleep currents down to 20 na. the board supports development on pic24f16ka102, pic24fj64ga102 and pic24f64gb002 families of mcus. this board can be powered by more than five sources including batteries and energy harvesting modules and supports a variety of common components that can be selectively enabled. picdem? pic18 explorer board (dm183032) this low-cost demo board features a pic18f8722 mcu which is the superset of the traditional pic18 general purpose 5v family. the board also comes with the pic18f87j11 processor pim which is the superset of the pic18 j-series of 3v mcus for cost sensitive applications. this single development board supports dozens of general purpose pic18 families using various processor plug-in modules (pims). pic18f4xk20 starter kit (dm164124) this starter kit is a demonstration and development platform for microchip's k20 series microcontrollers. the board provides a platform to highlight this families benchmark for lower power consumption, low-cost and high-performance operation. it includes the development board, pickit 3 development programmer/debugger and programming lessons. 8 quick guide to microchip development tools
motor control and power conversion dspicdem mclv development board (dm330021) this development board is intended for low-voltage (up to 48 volts at 10 amps) bldc sensored or sensorless applications. it provides a low-cost system for users to evaluate and develop applications using dspic33f motor control dscs via a plug-in module (pim) or 28-pin soic socket. serial interfaces include: rs-232c, can, lin and usb (for rtdm). feedback support includes: hall-effect sensors, shaft encoder, back emf voltages and single or dual shunt resistors for current. pickit 3 in-circuit debugger, mplab icd 3 in-circuit debugger or real ice in-circuit emulator is required for programming or debugging operations. dspicdem mchv development system (dm330023) this development system is intended for high-voltage (up to 400 volts at 6.5 amps) bldc, pmsm and acim sensored or sensorless applications. it provides a low-cost integrated power module (ipm) based system for users to evaluate and develop applications using dspic33f motor control dscs via a plug-in module (pim) or a 28-pin soic socket. isolated serial interfaces include rs-232c and usb (for rtdm). feedback support includes: hall-effect sensors, shaft encoder, back emf voltages and single or dual current shunt resistors. a pfc circuit is provided to meet regulatory requirements. an isolated built-in debugger (similar to a starter kit programmer/debugger) permits a direct connection with a pc. dspicdem mcsm development board (dm330022) this development board is intended for low-voltage (up to 80 volts at 3 amps) 2-phase uni-polar or bi-polar stepper motor (4, 6 or 8 wire) applications. it provides a low-cost system for users to evaluate and develop applications using dspic33f motor control dscs via a plug-in module (pim) or 28-pin soic socket. a usb serial interface for rtdm is provided. feedback support includes current and voltage. demo software to run motors in open-loop or closed-loop with full or variable micro-stepping is provided. a dmci/rtdm gui for controlling step commands, motor parameter input and operation modes is included. dspicdem mcsm stepper motor development board kit (dv330021) the kit includes the dspicdem mcsm board, a stepper motor and a 24-volt power supply. pickit 3 in-circuit debugger, mplab icd 3 in-circuit debugger or real ice in-circuit emulator is required for programming or debugging operations. buck/boost converter pictail plus card (ac164133) a low-cost development platform for dspic33fgs smps devices, the buck/boost converter pictail plus card has two buck stage outputs and one boost stage output. this board can be used with either the explorer 16 board or the 16-bit 28-pin starter board and the dspic33fgs smps and digital power conversion devices. touch sensing technology mtouch capacitive touch evaluation kit (dm183026) includes two main boards: one populated with a pic16f72x 8-bit mcu and the other with a pic24f256gb110 16-bit mcu; and four daughter boards for developing keys, sliders and a matrix. pic10f capacitive touch board (ac103003) this board demonstrates the simple implementation of a single capacitive touch key or proximity sensor using a pic10f204/6 mcu. mtouch ar1000 development kit (dv102011) this kit provides everything designers need to get started using ar1000 resistive controllers for a turn-key, cost-effective solution. the kit includes the ar1000 development board, a 7 four-wire resistive touch screen, a pickit serial analyzer and all necessary interface cables, as well as a cd containing technical documentation and all necessary software. picdem inductive touch development kit (dm183027) this kit is an evaluation and development platform for microchip's inductive touch technology. factory programmed firmware provides immediate access to all board features using the mplab mtouch plug-in. using a pickit serial analyzer to communicate with the pc, it allows the user to analyze application critical information in real-time as it relates to sensor behavior. usb pic32 i/o expansion board (dm320002) this i/o expansion board provides pic32 starter board (dm320001, dm320003) users with full access to mcu signals, jtag debugging, icsp development and connection of pictail plus daughter cards. picdem fs-usb demonstration kit (dm163025) this demo kit is an easy-to-use evaluation platform for microchip's full-speed usb solution. the family of full-speed usb microcontrollers fully support usb 2.0 and serial communications of up to 12?mbit/s. all of the hardware and software needed to demonstrate and develop a complete usb communication solution is included. pic18f14k50 low pin count usb development kit (dv164126) this development kit provides an easy, low cost way to evaluate the functionality of microchip's pic18f14k50 and pic18f13k50 20-pin usb microcontrollers. the kit contains the hardware, software and code examples necessary to take your usb design from concept to prototype. usb pictail plus daughter board (ac164131) this daughter board enables usb connectivity when using a pic24 or pic32 usb pim in conjunction with the explorer 16 board. application specific development tools 9 quick guide to microchip development tools
digital potentiometers mcp402x non-volatile digital potentiometer evaluation board (mcp402xev) this low-cost board demonstrates the features of the mcp401x and mcp402x devices. kit includes one populated and one unpopulated pcb. the populated board has an mcp4021-103e/sn digital potentiometer configured as a windowed potentiometer using a 2.5 k? pull-up and a 2.5 k? pull-down resistor. the pcb supports the 8-pin soic, sot-23-6 and sot-23-5 package variations. the unpopulated pcb allows users to build the exact combination of components their application requires. mcp42xx pictail plus daughter board (mcp42xxdm-ptpls) this daughter board is used to demonstrate the operation of the mcp42xx digital potentiometers. the operation of the mcp41xx devices is similar to the mcp42xx devices. therefore, this demo board can be used as a development platform for either device family. this board is designed to be used in conjunction with either the pic24 explorer 16 demo board or the pickit serial analyzer. digital-to-analog converters mcp4725 pictail plus daughter board (mcp4725dm-ptpls) this daughter board demonstrates the mcp4725 (12-bit dac with non-volatile memory) features using the explorer 16 development board and the pickit serial analyzer. mcp4728 evaluation board (mcp4728ev) this evaluation board allows quick and easy evaluation of the mcp4728 4-channel 12-bit dac device. it contains the mcp4728 device and connection pins for microchip's pickit serial analyzer. connect the mcp4728 evaluation board to the pickit serial analyzer and enter the dac input data in the pc graphical user interface program. the serial analyzer then sends the user's data to the dac device automatically. energy meters mcp3905a energy meter reference design (mcp3905rd-pm1) t his low-cost energy meter board acts as a stand-alone energy meter or as the analog-front-end design for lcd microcontroller-based meters. the mcp3905a design is specified with an energy measurement error of 0.1% typical across 1:500 dynamic range for high accuracy energy meter designs. the board is compliant with emc requirements per energy metering standards iec62053 and legacy iec61036, iec1046 and iec687. analog-to-digital converters mcp3901 adc evaluation board for 16-bit mcus (mcp3901ev-mcu16) this evaluation board for 16-bit mcus provides the ability to evaluate the performance of the mcp3901 dual channel adc. it also provides a development platform for 16-bit pic mcu based applications. mcp3421 battery fuel gauge demo board (mcp3421dm-bfg) this board demonstrates how to measure the battery voltage and discharging current using the mcp3421. the mcu algorithm calculates the battery fuel being used. mcp355x tiny application sensor demo board (mcp355xdm-tas) this 1"??1" board is designed to demonstrate the performance of the mcp3550/1/3 devices in a simple low-cost application. the circuit uses a ratiometric sensor configuration and uses the system power supply as the voltage reference. the extreme common mode rejection capability of the mcp355x devices, along with their excellent normal mode power supply rejection at 50 and 60 hz, allows for excellent system performance. can & lin interface products mcp2515 pictail plus daughter board (mcp2515dm-ptpls) this daughter board is a simple controller area network (can) board designed to be used with boards containing the pictail plus connector. the board also has the pickit serial connector for interfacing to the pickit serial analyzer tool. the can node consists of the mcp2515 stand-alone can controller and mcp2551 can transceiver. the pickit plus and pickit serial connectors allow the board to be interfaced to a variety of pic mcus so that the user can develop a can node. mcp2515 can bus monitor demo board (mcp2515dm-bm) the mcp2515 can bus monitor demo board kit contains two identical boards which can be connected together to create a simple two node controller area network (can) bus, which can be controlled and/or monitored via the included pc interface. the board(s) can also be connected to an existing can bus. picdem can-lin demo board (dm163011) this demo board supports: 28-pin sdip pic18f258 and pic18f268x devices, 40-pin pdip pic18f458 and pic18f468x devices and 20-pin pdip pic16c432 with integrated lin bus transceiver. analog development tools 10 quick guide to microchip development tools
mcp3909 3-phase energy meter reference design (mcp3909rd-3ph1) this reference design is a fully functional 3-phase energy meter including pc software used for automated calibration. the reference design consists of two boards: the main metering board with the mcp3909 devices and pic18f2520 that performs the power calculations, and the usb interface module which uses the pic18f4550. the meter design contains serially accessible registers and is intended to be flexible and upgraded with a variety of pic microcontrollers using the included firmware. i/o expanders mcp23x17 16-bit gpio expander evaluation board (mcp23x17ev) this board demonstrates the simple input/ output functionality of the mcp23017 (i 2 c? interface) and the mcp23s17 (spi interface). the system demonstrates the simplicity of monitoring four pins configured as inputs and applying a predetermined pattern on leds connected to the remaining 12 pins configured as outputs. irda? mcp212x developers daughter board (mcp212xev-db) evaluates and demonstrates the mcp2122 or mcp2120 irda standard encoder/ decoder devices. a header allows the mcp212x daughter board to be easily jumpered into systems for development purposes. this board also interfaces with the picdem hpc explorer, picdem fs usb and picdem lcd demo boards. mcp215x/40 developers daughter board (mcp215x/40ev-db) this daughter board evaluates and demonstrates the mcp2150, mcp2155 or the mcp2140 irda standard protocol handler with encoder/decoder devices. headers allow the mcp215x/40 developers daughter board to be easily jumpered into systems for development purposes. this board also interfaces with the picdem hpc explorer, picdem fs usb and picdem lcd demo boards. operational ampli? ers mcp6v01 thermocouple auto-zeroed reference design board (mcp6v01rd-tcpl) the mcp6v01 design board demonstrates how to use a difference amplifier system to measure electromotive force (emf) voltage at the cold junction of thermocouple in order to accurately measure temperature of the thermocouple bead. this can be done by using the mcp6v01 auto- zeroed op amp because of its ultra low offset voltage (v os ) and high common mode rejection ratio (cmrr). analog development tools mcp651 input offset evaluation board (mcp651ev-vos) this evaluation board provides a simple means to measure the boards op amp input offset voltage under a variety of operating conditions. the measured input offset voltage (v ost ) includes the input offset voltage specified in the data sheet (v os ) plus changes due to: power supply voltage (psrr), common mode voltage (cmrr), output voltage (aol), input offset voltage drift over temperature (?v os /?t a ) and 1/f noise. mcp6v01 input offset demo board (mcp6v01dm-vos) this demo board provides a simple means to measure the mcp6v01/2/3 op amps input offset voltage under a variety of bias conditions. this v os includes the specified input offset voltage value found in the data sheet plus changes due to power supply voltage, common mode voltage, output voltage and temperature. power management mcp1640 synchronous boost converter evaluation board (mcp1640ev-sbc) this board uses the mcp1640 in a high-efficiency (up to 96%), fixed frequency (500 mhz), step-up dc-dc converter. it demonstrates a minimum number of external component power supply solutions for applications powered by alkaline, nicd/nimh or one-cell li-ion or li-polymer batteries. mcp1630 boost mode led driver demo board (mcp1630dm-led2) this demo board is a step-up, switch-mode, dc-dc converter used for power led applications. the demo board provides a 350 ma or 700 ma constant current source with a jumper selection. the input operating voltage range is 9-16v dc and the board can supply up to 30w to a string of power leds. mcp1631hv multi-chemistry battery charger reference design (mcp1631rd-mcc2) this reference design board is used to charge one to five nimh or nicd batteries, charge one or two cell li-ion batteries, or drive one or two 1w leds. the board uses the mcp1631hv high speed analog pwm and pic16f833 to generate the charge algorithm for nimh, nicd or li-ion batteries. thermal management tc1047a temp-to-voltage converter pictail demo board (tc1047adm-pictl) this board demonstrates how to interface the tc1047a device to a mcu. connects directly to the pickit 3 starter kit, providing a platform for code development and evaluation. demonstrates a good example of how to integrate an analog temperature sensor into a system. mcp9700 thermistor demo board (mcp9700dm-th1) this demo board contains analog circuitry to measure temperature. the board uses bc components 232264055103 ntc thermistor to convert temperature to resistance. the thermistor is placed in a voltage divider which converts resistance to voltage. this voltage is filtered and placed at the mcp6s22 programmable gain amplifiers (pga) ch0 input. the pga gains and buffers the thermistor. 11 quick guide to microchip development tools
microchip technology inc. 2355 w. chandler blvd. chandler, az 85224-6199 www.microchip.com americas atlanta tel: 678-957-9614 boston tel: 774-760-0087 chicago tel: 630-285-0071 cleveland tel: 216-447-0464 dallas tel: 972-818-7423 detroit tel: 248-538-2250 indianapolis tel: 317-773-8323 los angeles tel: 949-462-9523 santa clara tel: 408-961-6444 toronto mississauga, ontario tel: 905-673-0699 europe austria - wels tel: 43-7242-2244-39 denmark - copenhagen tel: 45-4450-2828 france - paris tel: 33-1-69-53-63-20 germany - munich tel: 49-89-627-144-0 italy - milan tel: 39-0331-742611 netherlands - drunen tel: 31-416-690399 spain - madrid tel: 34-91-708-08-90 uk - wokingham tel: 44-118-921-5869 asia/pacific australia - sydney tel: 61-2-9868-6733 china - beijing tel: 86-10-8569-7000 china - chengdu tel: 86-28-8665-5511 china - chongqing tel: 86-23-8980-9588 china - hangzhou tel: 86-571-2819-3187 china - hong kong sar tel: 852-2401-1200 china - nanjing tel: 86-25-8473-2460 china - qingdao tel: 86-532-8502-7355 china - shanghai tel: 86-21-5407-5533 china - shenyang tel: 86-24-2334-2829 china - shenzhen tel: 86-755-8203-2660 china - wuhan tel: 86-27-5980-5300 china - xiamen tel: 86-592-2388138 china - xian tel: 86-29-8833-7252 china - zhuhai tel: 86-756-3210040 sales of? ce listing asia/pacific india - bangalore tel: 91-80-3090-4444 india - new delhi tel: 91-11-4160-8631 india - pune tel: 91-20-2566-1512 japan - osaka tel: 81-6-6152-7160 japan - yokohama tel: 81-45-471- 6166 korea - daegu tel: 82-53-744-4301 korea - seoul tel: 82-2-554-7200 malaysia - kuala lumpur tel: 60-3-6201-9857 malaysia - penang tel: 60-4-227-8870 philippines - manila tel: 63-2-634-9065 singapore tel: 65-6334-8870 taiwan - hsin chu tel: 886-3-5778-366 taiwan - kaohsiung tel: 886-7-2137828 taiwan - taipei tel: 886-2-2500-6610 thailand - bangkok tel: 66-2-694-1351 11/29/11 support microchip is committed to supporting its customers in developing products faster and more efficiently. we maintain a worldwide network of field applications engineers and technical support ready to provide product and system assistance. in addition, the following service areas are available at www.microchip.com: support link provides a way to get questions answered fast: http://support.microchip.com sample link offers evaluation samples of any microchip device: http://sample.microchip.com forum link provides access to knowledge base and peer help: http://forum.microchip.com buy link provides locations of microchip sales channel partners: www.microchip.com/sales training if additional training interests you, then microchip can help. we continue to expand our technical training options, offering a growing list of courses and in-depth curriculum locally, as well as significant online resources C whenever you want to use them. technical training centers: www.microchip.com/training masters conferences: www.microchip.com/masters worldwide seminars: www.microchip.com/seminars elearning: www.microchip.com/webseminars resources from our distribution and third party partners www.microchip.com/training information subject to change. the microchip name and logo, the microchip logo, dspic, mplab and pic are registered trademarks and picdem, pictail and mtouch are trademarks of microchip technology incorporated in the u.s.a. and other countries. ? 2012 energizer. energizer and other marks are trademarks owned by energizer. all other trademarks mentioned herein are property of their respective companies. ? 2012, microchip technology incorporated. all rights reserved. printed in the u.s.a. 4/12 ds51894b *ds51894b*


▲Up To Search▲   

 
Price & Availability of TC1303B-PI0EMFTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X