Part Number Hot Search : 
AQY211EH ICS8521 DM74A BD800 4N600T RSK33N 74LS13 P8155B
Product Description
Full Text Search
 

To Download SS59ET Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial applications ss39et/ss49e/SS59ET series linear magnetic position sensor ics sensing and control introduction ss39et/ss49e/SS59ET series sensors are small, versatile linear hall - effect devices that monitor the positive or negative pol e on a permanent magnet or an electromagnet up to 1000 gauss . they can be powered with voltages as low as 2.7 v and are available in three packages: ss39et : subminiature sot - 23 surface mount package (tape and reel format) ss49e : leaded flat to - 9 2 style package (bulk packaging ), ss49e - t2 ( formed leads) and ss49e - t3 ( straight leads) on tap e in ammopack (fan - fold) format ss 59et : miniature sot - 89b surface - mount package (tape and reel format) figure 1. ss39et/ss49e/SS59ET series with lead options features and benefits miniature and subminiature construction: designed for compact designs with tight space requirements. energy efficient: low current consumption of 6 ma at 5 vd c easy pc board interface: single current sourcing output for common electronic circuits circuit design flexibility: voltage range of 2.7 vdc to 6.5 vdc low noise output: virtually eliminates the need for filtering stable output: thin film resistors impr ove accuracy wide range of environments: temperature range of - 40 c to 100 c [ - 40 f to 212 f] application flexibility: responds to either positive or negative gauss potential industrial & consume r applications fig ures 2 through 6 show a variety of p otential applications in which these products may be used. tamper - prevention in utility meters thieves sometimes attempt to bypass the operation of an electric, gas or water meter by attaching a strong magnet to it. the utility usage is underestimated whe n the magnet saturates the current transformer or slow s the spinning wheel. figure 2. natural gas meter install linear hall - effect sensors in multiple locations inside the meter to detect the abnormal presence of a magnetic field . s end an alarm to the utility company or record this fraudulent activity in memory for processing at a later date. customer benefits small: subminiature sensors easily fit into tight spaces prevents false detection: monitors magnetic fields from a north or south pole up to 1000 g auss energy efficient: low voltage capability down to 2.7 v high volume use: low cost and taping option for automatic component placement make this product suitable for high - volume production
ss39et/ss49e/SS59ET series linear po sition sensor ics 2 honeywell sensing and control building security a secure electronic lock can be designed using an array of linear magnetic sensors configur ed to detect a specific magnetic pattern. if a strong external magnet w ere brought in proximity to the array, it would be read as a random attempt and could trigger an alarm. the array of linear hall - effect sensors could be used to unlock the system only if the magnetic field read by each sensor is of the correct polarity and within acceptable amplitude limits . figure 3 . electronic locks without reproducing the exact magnetic flux pattern, it would be virtually impossible to unlock the system with a single , or even mul tiple , strong magnets. tiny honeywell ss39et surface - mount linear hall - effect sensor ic s would provide the needed sensitivity, output and very small size . customer benefits small: subminiature sensors easily fit into tight spaces flexible: surface - moun ting allows for a low - profile array on a pc board energy efficient: low voltage capability down to 2.7 v high volume use: low c ost and taping option for automatic component placement make this product suitable for high - volume production water pump contr ol a water pump is essentially a special application of an electric motor. these pumps are commonly manufactured for home appliances. figure 4 . washing machine a linear hall - effect sensor generates an enhanced control signal for better resolution of t he rotor position, which can improve the motor's efficiency. a crude rpm measurement would verify that the pump is working properly . t he output of the sensor may be used as an alarm or a shut - off signal to help prevent motor overload . figure 5. aquarium pump a pump may use one or more valves, engage a clutch or gear to begin, or move a lever or piston a specified distance. the linear hall - effect sensor ic c an be used to verify that the valve, clutch, lever or piston is in the s pecified position.
ss39et/ss49e/SS59ET series linear po sition sensor ics sensing and control honeywell 1985 douglas drive north golden valley, mn 55422 www.honeywell.com /sensing figure 6 . dishwasher ss39et/ss49e/SS59ET series sensors can monitor the current powering the electromagnets in the pumps motor. i f the current is not within its normal range , the logic could also perform overload or motor malfunction detection. customer benef its small size: ss39et is suitable for systems with tight spacing constraints energy efficient: low voltage capability down to 2.7 v high volume use: low c ost and taping option for automatic component placement make this product suitable for high - volume p roduction warranty/remedy honeywell warrants goods of its manufacture as being free of defective materials and faulty workmanship. honeywells standard product warranty applies unless agreed to otherwise by honeywell in writing; please refer t o your order acknowledgement or consult your local sales office for specific warranty details. if warranted goods are returned to honeywell during the period of coverage, honeywell will repair or replace, at its option, without charge those items it finds defective. the foregoing is buyer s sole remedy and is in lieu of all other warranties, expressed or implied, including those of merchantability and fitness for a particular purpose. in no event shall honeywell be liable for consequential, special, or indi rect damages. while we provide application assistance personally, through our literature and the honeywell web site, it is up to the customer to determine the suitability of the product in the application . specifications may change without notice. the in formation we supply is believed to be accurate and reliable as of this printing. however, we assume no responsibility for its use. sales and service honeywell serves its customers through a worldwide network of sales offices, representatives and distributors. for application assistance, current specifications, pricing or name of the nearest authorized distributor, contact you r local sales office or: e - mail: info.sc@honeywell.com internet: www.honeywell.com/sensing phone and fax: asia pacific +65 6355 - 2828 +65 6445 - 3033 fax europe +44 (0) 1698 481481 +44 (0) 1698 481676 fax latin america +1 - 305 - 805 - 8188 +1 - 305 - 883 - 8257 fax usa/canada +1 - 800 - 537 - 6945 +1 - 815 - 235 - 6847 +1 - 815 - 235 - 6545 fax


▲Up To Search▲   

 
Price & Availability of SS59ET

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X