Part Number Hot Search : 
C144EF DF08S AD517L 32300 2N4985 X1624 GP30M GP30M
Product Description
Full Text Search
 

To Download SEL3820A-50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 sel382 series 2.5v pecl low jitter crystal clock oscillator (xo) ds 265 rev a | 01/04/05 pericom semiconductor corporation ? 1-800-435-2336 ? http://www.pericom.com/saronix all specifications are subject to change without notice. product features ? less than 1 ps rms jitter with advanced non-pll, patent-pending design ? 2.5v pecl (lvpecl) compatible logic levels ? pin-compatible with standard 5x7mm packages ? designed for standard reflow and washing techniques ? pb-free and rohs/green compliant product description the sel382 series is a 2.5v crystal clock oscillator that achieves superb jitter and stability over a broad range of operating conditions and frequencies. the output clock signal, generated internally with a non-pll oscillator design, is compatible with lvpecl logic levels. the device, available on tape and reel, is contained in a 5x7mm surface-mount ceramic package. applications the sel382 series is an ideal reference clock for high- speed applications requiring low jitter, including: ? 1/10 gigabit ethernet ? 2/4/10g fibrechannel ? serial attached scsi (sas) ? server & storage platforms ? sonet/sdh linecards ordering information packaging outline actual size = 5 x 7mm pin functions pin function 1 oe or nc 2 oe or nc 3 v ee 4 q output 5 q output 6 v cc # 2 # 1 2 . 0 0 . 0 7 9 m a x # 3 # 5 # 6 # 4 7 . 0 0 0 . 1 5 . 2 7 6 . 0 0 6 5 . 0 0 0 . 1 5 . 1 9 7 . 0 0 5 output enable/disable function 0 = n/c pin 1, n/c pin 2 3 = oe pin 1, n/c pin2 4 = n/c pin 1, oe pin2 saronix product series s el382 3 b - 156.2500 (t) output frequency (mhz) frequency stability a = 25 ppm (0 to +70c ) b = 50 ppm (0 to +70c ) e = 50 pp m ( -40 to +85c ) packaging (t) = t ape & reel full reel increments blank = bulk packaged common frequencies contact saronix for additional frequencies 50.0000 mhz 62.5000 mhz 66.0000 mhz 66.6667 mhz 75.0000 mhz 77.7600 mhz 100.0000 mhz 106.2500 mhz 125.0000 mhz 133.0000 mhz 150.0000 mhz 155.5200 mhz 156.2500 mhz 159.3750 mhz 160.0000 mhz
2 ds 265 rev a | 01/04/05 sel382 series 2.5v pecl low jitter crystal clock oscillator (xo) pericom semiconductor corporation ? 1-800-435-2336 ? http://www.pericom.com/saronix all specifications are subject to change without notice. electrical performance parameter min. typ. max. units notes output frequency 50.00 160.00 mhz as specifed supply voltage 2.38 2.5 2.62 v supply current 50 60 ma (enabled) supply current 15 ma (disabled) frequency stability 25 100 ppm see note 1 below operating temperature -40 +85 c as specifed output logic 0, v ol v cc C 1.620 v 0 to +85c output logic 0, v ol v cc C 1.555 v -40 to 0c output logic 1, v oh v cc C 1.025 v 0 to +85c output logic 1, v oh v cc C 1.085 v -40 to 0c output load 50 to v cc C 2v output requires termination duty cycle 45 55 % measured 50% of waveform rise and fall time 500 850 ps measured 20/80% of waveform jitter, phase 1 ps rms (1-) 12khz to 40mhz frequency band jitter, accumulated 7 ps rms (1-) 20,000 adjacent periods jitter, total 40 ps pk-pk 1,000 random periods notes: 1. as specifed. stability includes all combinations of operating temperature, load changes, rated input (supply) voltage changes, initial calibration tolerance (25c), aging (5 years at 40c average effective ambient temperature), shock and vibration. output enable / disable function parameter min. typ. max. units notes input voltage (oe pin), output enable 0.7v cc v or open input voltage (oe pin), output disable 0.3v cc v outputs disabled to hi-z output disable delay 200 ns output enable delay 10 ms
3 ds 265 rev a | 01/04/05 sel382 series 2.5v pecl low jitter crystal clock oscillator (xo) pericom semiconductor corporation ? 1-800-435-2336 ? http://www.pericom.com/saronix all specifications are subject to change without notice. typical phase noise typical output waveform
4 ds 265 rev a | 01/04/05 sel382 series 2.5v pecl low jitter crystal clock oscillator (xo) pericom semiconductor corporation ? 1-800-435-2336 ? http://www.pericom.com/saronix all specifications are subject to change without notice. test circuit absolute maximum ratings parameter min. typ. max. units notes storage temperature -55 +125 c reliability test ratings this product is rated to meet the following test conditions: type parameter test condition mechanical shock mil-std-883, method 2002, condition b mechanical solderability mil-std-883, method 2003 mechanical terminal strength mil-std-883, method 2004, condition d mechanical gross leak mil-std-883, method 1014, condition c mechanical fine leak mil-std-883, method 1014, condition a2 (r 1 = 2x10 -8 atm cc/s) mechanical solvent resistance mil-std-202, method 215 environmental thermal shock mil-std-883, method 1011, condition a environmental moisture resistance mil-std-883, method 1004 environmental vibration mil-std-883, method 2007, condition a environmental resistance to soldering heat mil-std-202, method 210, condition i or j o u t p u t e n a b l e / d i s a b l e f u n c t i o n ( o e f u n c t i o n p r e s e n t o n s p e c i f i e d p i n ) 6 5 4 1 2 3 5 0 ? 5 0 ? t e s t p o i n t ( t e r m i n a t i o n i n t e r n a l t o s c o p e ) 0 . 0 1 f 0 . 1 f + 2 v - 0 . 5 v
5 ds 265 rev a | 01/04/05 sel382 series 2.5v pecl low jitter crystal clock oscillator (xo) pericom semiconductor corporation ? 1-800-435-2336 ? http://www.pericom.com/saronix all specifications are subject to change without notice. output waveform refow soldering profle v o l v o h 5 0 % 2 0 % 8 0 % t f t r d u t y c y c l e = 1 0 0 % x ( t a ) / ( t a + t b ) t a t b p e a k 2 6 0 c f o r 1 0 s e c m a x 2 6 0 t e m p e r a t u r e C c 1 t o 3 c / s e c m a x 6 0 t o 9 0 s e c t i m e 1 t o 3 c / s e c 2 1 7 4 t o 6 m i n u t e s m a x as per ipc/jedec j-std-020c
6 ds 265 rev a | 01/04/05 sel382 series 2.5v pecl low jitter crystal clock oscillator (xo) pericom semiconductor corporation ? 1-800-435-2336 ? http://www.pericom.com/saronix all specifications are subject to change without notice. ordering information mechanical drawings marking line 1: sel382 x (saronix, model, stability code) marking line 2: frequency (frequency code) marking line 3: y y ww x (pin 1, year, week, origin) scale: none. dimensions are in mm/inches. recommended land pattern* *external high-frequency power decoupling is recommended.(see test circuit for minimum recom - mendation). to ensure optimal performance, do not route traces beneath the package. output enable/disable function 0 = n/c pin 1, n/c pin 2 3 = oe pin 1, n/c pin2 4 = n/c pin 1, oe pin2 saronix product series s el382 3 b - 156.2500 (t) output frequency (mhz) frequency stability a = 25 ppm (0 to +70c ) b = 50 ppm (0 to +70c ) e = 50 pp m ( -40 to +85c ) packaging (t) = t ape & reel full reel increments blank = bulk packaged 4 . 2 . 1 6 5 5 . 0 8 . 2 0 0 2 . 0 . 0 7 9 2 . 4 1 . 0 9 5 2 . 5 4 . 1 0 0 1 . 8 . 0 7 1 # 2 # 1 1 . 4 0 . 0 5 5 2 . 0 0 . 0 7 9 m a x 1 . 2 0 . 0 4 7 # 3 1 . 6 0 . 0 6 3 5 . 0 8 . 2 0 0 7 . 0 0 0 . 1 5 . 2 7 6 . 0 0 6 # 5 # 6 # 4 5 . 0 0 0 . 1 5 . 1 9 7 . 0 0 5 . 0 6 0 . 0 2 4 # 1 # 2 # 3 ** exact location of markings may vary


▲Up To Search▲   

 
Price & Availability of SEL3820A-50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X