Part Number Hot Search : 
IC18F S2CCMK RF310 PF5102 1001A MAX267 OPB609GU LA1654FN
Product Description
Full Text Search
 

To Download SB80W10T-TL-H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sb80w10t no. a1817-1/7 features ? v f max=0.8v ? i r max=0.1ma ? halogen free compliance speci cations absolute maximum ratings at ta=25c parameter symbol conditions ratings unit repetitive peak reverse voltage v rrm 100 v nonrepetitive peak reverse surge voltage v rsm 105 v average output current i o *1 50hz resistive load, sine wave tc=62c 8 a i o *2 50hz resistive load, sine wave tc=121c 4 a surge forward current i fsm 50hz sine wave, 1 cycle 40 a junction temperature tj --55 to +150 c storage temperature tstg --55 to +150 c note) * 1. indicates the total value * 2. value per element package dimensions package dimensions unit : mm (typ) unit : mm (typ) 7518-001 7003-002 80812 tkim/o2710sb tkim tc-00002519 sanyo semiconductors data sheet http://www.sanyosemi.com/en/network/ ordering number : ena1817a sb80w10t schottky barrier diode (twin type ? cathode common) 100v, 8a recti er product & package information ? package : tp ? package : tp-fa ? jeita, jedec : s c-64, to-251 ? jeita, jedec : sc-63, to-252 ? minimum packing quantity : 500 pcs./bag ? minimum packing quantity : 700 pcs./reel marking packing type (tp-fa) : tl electrical connection (tp, tp-fa) tl 6.5 5.0 2.3 0.5 12 4 3 0.85 0.7 1.2 0.6 0.5 2.3 2.3 7.0 7.5 1.6 0.8 5.5 1.5 1 : anode 2 : cathode 3 : anode 4 : cathode sanyo : tp 6.5 5.0 2.3 0.5 12 4 3 0.85 0.6 0.5 1.2 1.2 2.3 2.3 7.0 2.5 5.5 1.5 0.8 0 to 0.2 1 : anode 2 : cathode 3 : anode 4 : cathode sanyo : tp-f a s80w 10 lot no. 13 2 sb80w10t-h SB80W10T-TL-H
sb80w10t no. a1817-2/7 electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max reverse voltage v r i r =1ma, tj=25c *2 100 v forward voltage v f i f =3.0a, tj=25c *2 0.8 v reverse current i r v r =50v, tj=25c *2 0.1 ma interterminal capacitance c v r =10v, tj=25c *2 90 pf transient thermal resistance rth(j-c) junction-case : smoothed dc 6 c / w note) * 2. value per element ordering information device package shipping memo sb80w10t-h tp 500pcs./bag pb free and halogen free SB80W10T-TL-H tp-fa 700pcs./reel forward voltage, v f -- v forward current, i f -- a i f -- v f reverse voltage, v r -- v i r -- v r reverse current, i r -- ma tc max -- i o case temperature, tc max -- c average output current, i o -- a reverse voltage, v r -- v c -- v r interterminal capacitance, c -- pf 0 it15887 it15888 0.01 0.1 1.4 1.0 1.2 0.8 0.6 0.2 0.4 0 120 60 40 80 100 20 1e-07 1e-01 1e-05 1e-04 1e-03 1e-02 1e-06 1e+00 1e+01 1e+02 1e+04 1e+03 ta=150 c 100 c 50 c 25 c --25 c ta=150 c 100 c 75 c 50 c 25 c 0 c -- 2 5 c 75 c 125 c 1.0 10 125 c 0 c 0 3 7 56 9 12 4 8 0 25 50 150 125 100 75 175 it15889 (5) (1) (2) (4) (3) it15890 2 7 5 100 10 2 3 2 3 5 7 357 2 2 357 10 100 1.0 f=1mhz (1)rectangular wave =60 (2)rectangular wave =120 (3)rectangular wave =180 (4)sine wave =180 (5)dc
sb80w10t no. a1817-3/7 taping speci cation SB80W10T-TL-H
sb80w10t no. a1817-4/7 outline drawing land pattern example SB80W10T-TL-H mass (g) unit 0.282 * for reference mm unit: mm 7.0 1.5 2.3 2.0 2.5 2.3 7.0
sb80w10t no. a1817-5/7 bag packing speci cation sb80w10t-h
sb80w10t no. a1817-6/7 outline drawing sb80w10t-h mass (g) unit 0.315 * for reference mm
sb80w10t ps no. a1817-7/7 this catalog provides information as of august, 2012. speci cations and information herein are subject to change without notice. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment. the products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for new introduction or other application different from current conditions on the usage of automotive device, communication device, office equipment, industrial equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the intended use. if there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' s products or equipment. sanyo semiconductor co.,ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein. regarding monolithic semiconductors, if you should intend to use this ic continuously under high temperature, high current, high voltage, or drastic temperature change, even if it is used within the range of absolute maximum ratings or operating conditions, there is a possibility of decrease reliability. please contact us for a confirmation. sanyo semiconductor co.,ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. it is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo semiconductor co.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above.


▲Up To Search▲   

 
Price & Availability of SB80W10T-TL-H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X