Part Number Hot Search : 
DTA12 AD797BR 10C12A Q9012 AEP15024 C87F7032 AOXYY C87F7032
Product Description
Full Text Search
 

To Download S-G412102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  phone jacks 1. a wide variety of designs with different circuit configurations, mountings, and height from p . w . b are available. 2. mounting plate or hexagon nut mounting for easy panel installation. 3. these parts sit upright on the p . w . b, making mounting easier. phone jack, s-g4000 series features numbering system (height from p . w . b) 6 : 6.5mm 1 : 12.5mm (metal sleeve) 1 : with metal 2 : without metal (c0.6) 3 : without metal (c1.0) (circuit no.) 1 7 (accessories) 1 : none 2 : mounting plate 3 : hexagon nut s g4 #0 products variation accessories m12x1 14 (16.2) 2 9 r6.2 17 15 18 2.5 1 applicable plug 6.34 1.5 2.5 21 25 31 6 3.8 6.34 6.2 1.5 1 2.5 16 25 31 6 3.8 5 mounting plate hexagon nut circuit no.1 eiaj rc-6701a eiaj rc-6701a plug circuit no.2,7 eiaj rc-6701a eiaj rc-6701a plug circuit no. 1 2 7 circuits h=6.5 with metal s-g4611 s-g4612 s-g4617 s-g4621 s-g4631 s-g4622 s-g4632 s-g4627 s-g4637 s-g4111 s-g4112 s-g4117 s-g4121 s-g4131 s-g4122 s-g4132 s-g4127 s-g4137 without metal h=12.5 with metal without metal
phone jacks phone jack, s-g4000 series s-g4611# s-g4612# s-g4617# 17.5 9 11.8 m12x1 base 1 4 2 9 10.4 6.43 26.5 6.3 6.5 4 17.5 9 11.8 m12x1 base 1 2 3 9 10.4 6.43 26.5 6.3 6.5 4 17.5 9 11.8 m12x1 base 4 7 85 2 6 9 3 9 10.4 6.43 26.5 6.3 6.5 4 (recommended p.w.board dimension) (the pattern side) circuits variation no. accessories 01 none 02 mounting plate 03 hexagon nut 2 5 7.5 22.5 3 3 2 1 1 3 2.5x1 square hole base (recommended p.w.board dimension) (the pattern side) circuits variation no. accessories 01 none 02 mounting plate 03 hexagon nut 6 5 15 7.5 15 22.5 9 8 7 4 2 3 5 6 1 9 2.5x1 square hole base 5 4 3 2 7 8 9 1 (recommended p.w.board dimension) (the pattern side) circuits variation no. accessories 01 none 02 mounting plate 03 hexagon nut 2 4 2 4 1 1 7.5 15 22.5 base 2.5 3 2.5x1 square hole


▲Up To Search▲   

 
Price & Availability of S-G412102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X