Part Number Hot Search : 
KIA78 02002 040HP XR1016CD 0E30A C164CM D1308 2A222
Product Description
Full Text Search
 

To Download RPC1-08-H-D-0025-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (2,54mm) .100" rpb1, rpc1 series rpb1?15?01?s?d rpc1?08?h?d?00.25?bc www.samtec.com f-210-2 tm ip68 mini mate ? sealed panel mount plating wire length plating row ?d = double row ?d = double ended ?t = transfer end ?bc = blunt cut rpb1 rpc1 ?s = 30" (0,76m) gold on contact, matte tin on tail ?00.25 = (0.25m) 9.84" ?00.50 = (0.50m) 19.69" no. of positions no. of positions lead style ?01 = through-hole ?02 = right angle ?08, ?11, ?15 (per row) ?08, ?11, ?15 (per row) ?h = 30" (0,76m) gold c a b (18,45) .726 (12,10) .476 (2,36) .093 (0,64) .025 sq (2,54) .100 typ (2,54) .100 (1,90) .075 (13,35) .526 (2,54) .100 typ for complete speci cations see www.samtec.com?rpb1 insulator material: black liquid crystal polymer contact: phosphor bronze seal: rubber nut: stainless steel screw: stainless steel for complete speci cations see www.samtec.com?rpc1 insulator material: glass filled thermoplastic contact: phosphor bronze terminal: phosphor bronze cable insulation: pvc wire: tin copper seal: rubber nut: stainless steel screw: stainless steel specifications specifications mates with: rc1 mates with: rc1 end option ?01 ?02 d assembled length 2% (2,54) .100 01 n-1 b a c 02 n no. of positions abc ?08 (43,95) 1.73 (35,82) 1.41 (22,10) 1.87 ?11 (49,79) 1.96 (41,66) 1.64 (29,71) 1.17 ?15 (59,95) 2.36 (51.82) 2.04 (39,88) 1.57 ?08 ?11 ?15 (35,82) 1.410 (41,66) 1.640 (51,82) 2.040 (54,70) 2.154 (60,54) 2.383 (70,70) 2.783 (43,95) 1.730 (49,79) 1.960 (59,95) 2.360 no. of positions a bc also available also available dust caps positions rpb1 ?08 dca-rpb1-08-01 ?11 dca-rpb1-11-01 ?15 dca-rpb1-15-01 dust caps positions rpc1 ?08 dca-rpb1-08-01 ?11 dca-rpb1-11-01 ?15 dca-rpb1-15-01 (note: same dust cap as rpb1 series) pb1-08-01 11 rpb 15 b1 ote: same dust ca b dca -01 01 d length 2% .17 .82) 2. 39,88 bc blunt as rpb1 ser


▲Up To Search▲   

 
Price & Availability of RPC1-08-H-D-0025-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X