technical data sheet technical data sheet 1 1/2 superfexible coax low pim assembly high performance factory assembled corrugated coaxial cable jumpers ? soldering technology and connector design provides a very durable assembly with superior pim and vswr performance. ? carefully selected assemblies provide the highest quality available on the market today. ? 100% electrical tested for pim and vswr ensuring optimum installed performance. ? available in 1/2 flexible and 1/2 superfexible cables in any length, offering the best cable solution for the required performance and application. ? injection molded boot for added strain relief and weather sealing ensuring long term durability. ? pe39803 1/2 superfexible cable assemblies are available in standard lengths of 36, 48, 72, 96, 120, 144, 168, 192, and 240 inches. custom lengths available on request. ? confguration connector 1 7/16 din male connector 2 7/16 din male cable t ype 1/2 superfexible electrical specifcations frequency range, ghz dc to 2.7 impedance, ohms 50 maximum vswr 1.11:1 velocity of propagation, % 83 rf shielding, db 120 peak power, kwatts 16 passive intermodulation, dbc -160 typical performance by frequency frequency 1 frequency, mhz 900 vswr 1.07:1 insertion loss 0.032 db/ft + 0.1 db [ 0.1 db/m + 0.1 db ] frequency 2 frequency, ghz 1.8 vswr 1.09:1 insertion loss 0.047 db/ft + 0.1 [ 0.15 db/m + 0.1 db ] frequency 3 frequency, ghz 2.2 vswr 1.09:1 insertion loss 0.053 db/ft + 0.1 db [ 0.17 db/m + 0.1 db ] click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 7/16 din male to 7/16 din male low pim cable 144 inch length using 1/2 inch superfexible coax, rohs PE39803-144 PE39803-144 rev a PE39803-144 7/16 din male to 7/16 din male low pim cable 144 inch length using 1/2 inch superfexible coax, rohs
technical data sheet technical data sheet 2 frequency 4 frequency, ghz 2.7 vswr 1.11:1 insertion loss 0.06 db/ft + 0.1 db [ 0.2 db/m + 0.1 db ] mechanical specifcations cable assembly cable t ype 1/2 superfexible temperature temperature operating range, deg c -40 to +80 size length, in [cm] 144 [365.76] diameter, in [mm] 0.535 [13.59] . weight, lbs [g] 0.129 [58.51] cable color black one t ime minimum bend radius, in [mm] 0.6 [15.24] repeated minimum bend radius, in [mm] 1.18 [29.97] cable center conductor type solid cable inner conductor copper clad aluminum no of shields 1 dielectric t ype pe (f) jacket material pe jacket diameter, in [mm] 0.535 [13.59] connector 1 type 7/16 din male confguration straight inner conductor material and plating brass, silver outer conductor material and plating brass, t ri-metal coupling nut material and plating brass, t ri-metal hex size, mm 32 torque, ft-lbs [nm] 18.417 [24.97] body material and plating brass, t ri-metal dielectric t ype ptfe connector 2 type 7/16 din male confguration straight inner conductor material and plating brass, silver outer conductor material and plating brass, t ri-metal PE39803-144 rev a PE39803-144 click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 7/16 din male to 7/16 din male low pim cable 144 inch length using 1/2 inch superfexible coax, rohs PE39803-144 7/16 din male to 7/16 din male low pim cable 144 inch length using 1/2 inch superfexible coax, rohs
technical data sheet technical data sheet 3 coupling nut material and plating brass, t ri-metal hex size, mm 32 torque, ft-lbs [nm] 18.417 [24.97] body material and plating brass, t ri-metal dielectric t ype ptfe compliance certifcations (visit www.pasternack.com for current document) rohs compliant y es reach compliant 06/18/2012 plotted and other data notes: values at 25 c, sea level 7/16 din male to 7/16 din male low pim cable 144 inch length using 1/2 inch superfexible coax, rohs from pasternack enterprises has same day shipment for domestic and international orders. our rf, microwave and fber optic products maintain a 99% availability and are part of the broadest selection in the industry. click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: 7/16 din male to 7/16 din male low pim cable 144 inch length using 1/2 inch superfexible coax, rohs PE39803-144 url: http://www.pasternack.com/7-16-male-7-16-male-1-2-super-flexible-cable-PE39803-144-p.aspx PE39803-144 rev a PE39803-144 7/16 din male to 7/16 din male low pim cable 144 inch length using 1/2 inch superfexible coax, rohs
4 ? 2013 pasternack enterprises all rights reserved PE39803-144 rev a 7/16 din male to 7/16 din male low pim cable 144 inch length using 1/2 inch superfexible coax, rohs PE39803-144 cad drawing
|