Part Number Hot Search : 
MX150RS 28000 TA115 10030 MB352G V225N M628032 HT48R10A
Product Description
Full Text Search
 

To Download NRLUW152M200V35X35SF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change large can aluminum electrolytic capacitors nrluw series operating temperature range -25 ~ +105c rated voltage range 200 ~ 450vdc rated capacitance range 100 ~ 2,200 f capacitance tolerance 20% (m) max. leakage current ( a) after 5 minutes (20c) 3 x c ( f)v max. tan at 120hz/20c w.v. (vdc) 200 220 250 315 350 400 420 450 tan max. 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 surge voltage w.v. (vdc) 200 220 250 315 350 400 420 450 s.v. (vdc) 250 270 300 365 400 450 470 500 ripple current correction factors frequency (hz) 60 120 500 1k 100k multiplier at 105c 200 ~ 250vdc 0.80 1.00 1.20 1.30 1.50 400 ~ 500vdc 0.80 1.00 1.20 1.25 1.40 impedance ration (low temperature stability) rated voltage (vdc) z (-25c)/z (+20c) 200 ~ 250 3 max. 315 ~ 450 8 max. load life test 5,000 hours at +105c capacitance change within 20% of initial measured value tan less than 200% of speci ed maximum value leakage current less than speci ed maximum value shelf life test 1,000 hours at +105c (no load) capacitance change within 20% of initial measured value tan less than 200% of speci ed maximum value leakage current less than speci ed maximum value other conforms to jis c-5141 (1991) & jis c-5102 (1986) features ? long life at +105c ( 5,000 hours ) ? high ripple current ? high voltage (up to 450vdc) ? suitable for switching power supplies specifications mechanical characteristics: 1. safety vent: the capacitors are provided with a pressure vent on the top of can. the vent is designed to rupture in the event that high inte rnal gas pressure is developed by circuit mal func tion or mis-use like reverse voltage. 2. terminal strength: each terminal of the capacitor shall withstand an axial pull force of 4.5kg for a period 10 seconds or a radial bent force of 2 .5kg for a period of 30 seconds. precautions please review the notes on correct use, safety and precautions found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com notice for mounting the space from the top of the can shall be more than (3mm) from chassis or other construction materials so that safety vent has room to expand in case of emer gen cy. sleeve color: dark blue recommended pc board mounting holes: can top safety vent pet insulation sleeve and minus polarity marking d+1 max. l 2 4.0 0.5 (3.5mm 0.5mm on 35mm dia.) 10 (-) (+) maximum ex pan sion for safety vent approx. 3.0mm 10 .1 ? = 2 0.1 d ? 0.5 chassis pc board *see part number system for details rohs compliant includes all homogeneous materials nrluw 681 m 220v 30x30 s f rohs compliant lead length s=4mm (3.5mm 35mm dia.) case size (mm) voltage rating tolerance code capacitance code series part number system
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change part number voltage (vdc) cap ( f) case size d x l (mm) dissipation factor max. leakage current ( a) max. ripple current (arms @ 105c) 120hz 10khz ~ up nrluw331m200v22x25sf 200 330 22x25 0.2 770 1.31 1.96 nrluw391m200v22x30sf 390 22x30 0.2 837 1.32 1.98 nrluw471m200v22x30sf 470 22x30 0.2 919 1.54 2.31 nrluw471m200v25x25sf 470 25x25 0.2 919 1.54 2.31 nrluw561m200v22x35sf 560 22x35 0.2 1003 1.75 2.62 nrluw561m200v25x30sf 560 25x30 0.2 1003 1.75 2.62 nrluw681m200v22x40sf 680 22x40 0.2 1106 1.96 2.94 nrluw681m200v25x35sf 680 25x35 0.2 1106 1.79 2.68 nrluw681m200v30x25sf 680 30x25 0.2 1106 1.46 2.19 nrluw821m200v22x50sf 820 22x50 0.2 1214 2.15 3.22 nrluw821m200v25x40sf 820 25x40 0.2 1214 2.03 3.04 nrluw821m200v30x30sf 820 30x30 0.2 1214 1.77 2.65 nrluw821m200v35x25sf 820 35x25 0.2 1214 1.59 2.38 nrluw102m200v25x45sf 1000 25x45 0.2 1341 2.26 3.39 nrluw102m200v30x35sf 1000 30x35 0.2 1341 2.06 3.09 nrluw102m200v35x30sf 1000 35x30 0.2 1341 1.93 2.89 nrluw122m200v25x50sf 1200 25x50 0.2 1469 2.34 3.51 nrluw122m200v30x40sf 1200 30x40 0.2 1469 2.34 3.51 nrluw122m200v35x30sf 1200 35x30 0.2 1469 2.22 3.33 nrluw152m200v30x45sf 1500 30x45 0.2 1643 2.60 3.90 NRLUW152M200V35X35SF 1500 35x35 0.2 1643 2.56 3.84 nrluw182m200v30x50sf 1800 30x50 0.2 1800 2.85 4.27 nrluw182m200v35x40sf 1800 35x40 0.2 1800 2.85 4.27 nrluw222m200v35x50sf 2200 35x50 0.2 1989 3.14 4.71 nrluw271m220v22x25sf 220 270 22x25 0.2 731 1.04 1.56 nrluw331m220v22x30sf 330 22x30 0.2 808 1.26 1.89 nrluw391m220v22x30sf 390 22x30 0.2 878 1.47 2.20 nrluw391m220v25x25sf 390 25x25 0.2 878 1.21 1.81 nrluw471m220v22x35sf 470 22x35 0.2 964 1.64 2.46 nrluw471m220v25x30sf 470 25x30 0.2 964 1.47 2.20 nrluw561m220v22x40sf 560 22x40 0.2 1052 1.86 2.79 nrluw561m220v25x30sf 560 25x30 0.2 1052 1.71 2.56 nrluw561m220v30x25sf 560 30x25 0.2 1052 1.41 2.11 nrluw681m220v22x45sf 680 22x45 0.2 1160 2.05 3.07 nrluw681m220v25x35sf 680 25x35 0.2 1160 1.94 2.91 nrluw681m220v30x30sf 680 30x30 0.2 1160 1.71 2.56 nrluw821m220v25x40sf 820 25x40 0.2 1274 2.16 3.24 nrluw821m220v30x30sf 820 30x30 0.2 1274 1.99 2.98 nrluw821m220v35x25sf 820 35x25 0.2 1274 1.89 2.83 nrluw102m220v25x45sf 1000 25x45 0.2 1407 2.37 3.55 nrluw102m220v30x35sf 1000 30x35 0.2 1407 2.26 3.39 nrluw102m220v35x30sf 1000 35x30 0.2 1407 2.15 3.22 nrluw122m220v30x40sf 1200 30x40 0.2 1541 2.51 3.76 nrluw122m220v35x35sf 1200 35x35 0.2 1541 2.48 3.72 large can aluminum electrolytic capacitors nrluw series
3 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change large can aluminum electrolytic capacitors nrluw series part number voltage (vdc) cap ( f) case size d x l (mm) dissipation factor max. leakage current ( a) max. ripple current (arms @ 105c) 120hz 10khz ~ up nrluw152m220v30x50sf 220 1500 30x50 0.2 1723 2.75 4.12 nrluw152m220v35x40sf 1500 35x40 0.2 1723 2.50 3.75 nrluw182m220v35x45sf 1800 35x45 0.2 1887 3.04 4.56 nrluw271m250v22x25sf 250 270 22x25 0.2 779 1.18 1.77 nrluw331m250v22x30sf 330 22x30 0.2 861 1.37 2.05 nrluw331m250v25x25sf 330 25x25 0.2 861 1.14 1.71 nrluw391m250v22x35sf 390 22x35 0.2 936 1.56 2.34 nrluw391m250v25x30sf 390 25x30 0.2 936 1.38 2.07 nrluw471m250v22x40sf 470 22x40 0.2 1028 1.74 2.61 nrluw471m250v25x30sf 470 25x30 0.2 1028 1.61 2.41 nrluw561m250v22x45sf 560 22x45 0.2 1122 1.92 2.88 nrluw561m250v25x35sf 560 25x35 0.2 1122 1.83 2.74 nrluw561m250v30x25sf 560 30x25 0.2 1122 1.63 2.44 nrluw681m250v22x50sf 680 22x50 0.2 1236 2.04 3.06 nrluw681m250v25x40sf 680 25x40 0.2 1236 2.04 3.06 nrluw681m250v30x30sf 680 30x30 0.2 1236 1.90 2.85 nrluw681m250v35x25sf 680 35x25 0.2 1236 1.80 2.70 nrluw821m250v25x45sf 820 25x45 0.2 1358 2.24 3.36 nrluw821m250v30x35sf 820 30x35 0.2 1358 2.15 3.22 nrluw821m250v35x30sf 820 35x30 0.2 1358 1.81 2.71 nrluw102m250v30x40sf 1000 30x40 0.2 1500 2.39 3.58 nrluw102m250v35x35sf 1000 35x35 0.2 1500 2.38 3.57 nrluw122m250v30x45sf 1200 30x45 0.2 1643 2.62 3.93 nrluw122m250v35x40sf 1200 35x40 0.2 1643 2.39 3.58 nrluw152m250v35x45sf 1500 35x45 0.2 1837 2.92 4.38 nrluw182m250v35x50sf 1800 35x50 0.2 2012 3.04 4.56 nrluw151m315v22x25sf 315 150 22x25 0.2 652 0.82 1.14 nrluw181m315v22x30sf 180 22x30 0.2 714 0.95 1.33 nrluw221m315v22x35sf 220 22x35 0.2 789 1.11 1.55 nrluw221m315v25x25sf 220 25x25 0.2 789 0.98 1.37 nrluw271m315v22x40sf 270 22x40 0.2 874 1.28 1.79 nrluw271m315v25x30sf 270 25x30 0.2 874 1.17 1.63 nrluw331m315v22x45sf 330 22x45 0.2 967 1.45 2.03 nrluw331m315v25x35sf 330 25x35 0.2 967 1.35 1.89 nrluw331m315v30x25sf 330 30x25 0.2 967 1.19 1.66 nrluw391m315v22x50sf 390 22x50 0.2 1051 1.62 2.26 nrluw391m315v25x40sf 390 25x40 0.2 1051 1.53 2.14 nrluw391m315v30x30sf 390 30x30 0.2 1051 1.40 1.96 nrluw391m315v35x25sf 390 35x25 0.2 1051 1.30 1.82 nrluw471m315v25x45sf 470 25x45 0.2 1154 1.73 2.42 nrluw471m315v30x35sf 470 30x35 0.2 1154 1.61 2.25 nrluw471m315v35x30sf 470 35x30 0.2 1154 1.52 2.12 nrluw561m315v25x50sf 560 25x50 0.2 1260 1.99 2.78 nrluw561m315v30x40sf 560 30x40 0.2 1260 2.00 2.80 nrluw561m315v35x30sf 560 35x30 0.2 1260 1.69 2.36
4 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change large can aluminum electrolytic capacitors nrluw series part number voltage (vdc) cap ( f) case size d x l (mm) dissipation factor max. leakage current ( a) max. ripple current (arms @ 105c) 120hz 10khz ~ up nrluw681m315v30x45sf 315 680 30x45 0.2 1388 2.06 2.88 nrluw681m315v35x35sf 680 35x35 0.2 1388 1.88 2.63 nrluw821m315v30x50sf 820 30x50 0.2 1524 2.30 3.22 nrluw821m315v35x40sf 820 35x40 0.2 1524 2.14 2.99 nrluw102m315v35x50sf 1000 35x50 0.2 1683 2.53 3.54 nrluw121m350v22x25sf 350 120 22x25 0.2 614 0.74 1.03 nrluw151m350v22x30sf 150 22x30 0.2 687 0.89 1.24 nrluw181m350v22x35sf 180 22x35 0.2 752 1.03 1.44 nrluw181m350v25x25sf 180 25x25 0.2 752 0.91 1.27 nrluw221m350v22x40sf 220 22x40 0.2 832 1.17 1.63 nrluw221m350v25x30sf 220 25x30 0.2 832 1.07 1.49 nrluw271m350v22x45sf 270 22x45 0.2 922 1.33 1.86 nrluw271m350v25x35sf 270 25x35 0.2 922 1.25 1.75 nrluw271m350v30x25sf 270 30x25 0.2 922 1.11 1.55 nrluw331m350v25x40sf 330 25x40 0.2 1019 1.43 2.00 nrluw331m350v30x30sf 330 30x30 0.2 1019 1.31 1.83 nrluw331m350v35x25sf 330 35x25 0.2 1019 1.23 1.72 nrluw391m350v25x45sf 390 25x45 0.2 1108 1.61 2.25 nrluw391m350v30x35sf 390 30x35 0.2 1108 1.51 2.11 nrluw391m350v35x30sf 390 35x30 0.2 1108 1.44 2.01 nrluw471m350v25x50sf 470 25x50 0.2 1216 1.85 2.59 nrluw471m350v30x40sf 470 30x40 0.2 1216 1.88 2.63 nrluw471m350v35x35sf 470 35x35 0.2 1216 1.67 2.33 nrluw561m350v30x45sf 560 30x45 0.2 1328 1.92 2.68 nrluw561m350v35x40sf 560 35x40 0.2 1328 1.88 2.63 nrluw681m350v30x50sf 680 30x50 0.2 1463 2.15 3.01 nrluw681m350v35x40sf 680 35x40 0.2 1463 2.01 2.81 nrluw821m350v35x45sf 820 35x45 0.2 1607 2.26 3.16 nrluw121m400v22x25sf 400 120 22x25 0.2 657 0.79 1.10 nrluw151m400v22x30sf 150 22x30 0.2 734 0.92 1.28 nrluw151m400v25x25sf 150 25x25 0.2 734 0.95 1.33 nrluw181m400v22x35sf 180 22x35 0.2 804 1.05 1.47 nrluw181m400v25x30sf 180 25x30 0.2 804 1.10 1.54 nrluw221m400v22x40sf 220 22x40 0.2 889 1.28 1.79 nrluw221m400v25x30sf 220 25x30 0.2 889 1.12 1.56 nrluw221m400v30x25sf 220 30x25 0.2 889 1.17 1.63 nrluw271m400v22x45sf 270 22x45 0.2 985 1.40 1.96 nrluw271m400v25x35sf 270 25x35 0.2 985 1.40 1.96 nrluw271m400v30x30sf 270 30x30 0.2 985 1.36 1.90 nrluw331m400v25x40sf 330 25x40 0.2 1089 1.55 2.17 nrluw331m400v30x30sf 330 30x30 0.2 1089 1.55 2.17 nrluw331m400v35x25sf 330 35x25 0.2 1089 1.35 1.89 nrluw391m400v25x50sf 390 25x50 0.2 1184 1.72 2.40 nrluw391m400v30x35sf 390 30x35 0.2 1184 1.72 2.40 nrluw391m400v35x30sf 390 35x30 0.2 1184 1.53 2.14
5 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change large can aluminum electrolytic capacitors nrluw series part number voltage (vdc) cap ( f) case size d x l (mm) dissipation factor max. leakage current ( a) max. ripple current (arms @ 105c) 120hz 10khz ~ up nrluw471m400v30x40sf 400 470 30x40 0.2 1300 1.89 2.64 nrluw471m400v35x35sf 470 35x35 0.2 1300 1.78 2.49 nrluw561m400v30x45sf 560 30x45 0.2 1419 1.98 2.77 nrluw561m400v35x40sf 560 35x40 0.2 1419 1.98 2.77 nrluw681m400v35x45sf 680 35x45 0.2 1564 2.19 3.06 nrluw821m400v35x50sf 820 35x50 0.2 1718 2.42 3.38 nrluw101m420v22x25sf 420 100 22x25 0.2 614 0.74 1.03 nrluw121m420v22x30sf 120 22x30 0.2 673 0.86 1.20 nrluw151m420v22x35sf 150 22x35 0.2 752 0.98 1.37 nrluw151m420v25x25sf 150 25x25 0.2 752 0.90 1.26 nrluw181m420v22x40sf 180 22x40 0.2 824 1.09 1.52 nrluw181m420v25x30sf 180 25x30 0.2 824 1.05 1.47 nrluw221m420v22x45sf 220 22x45 0.2 911 1.21 1.69 nrluw221m420v25x35sf 220 25x35 0.2 911 1.19 1.66 nrluw221m420v30x25sf 220 30x25 0.2 911 1.12 1.56 nrluw271m420v22x50sf 270 22x50 0.2 1010 1.34 1.87 nrluw271m420v25x40sf 270 25x40 0.2 1010 1.34 1.87 nrluw271m420v30x30sf 270 30x30 0.2 1010 1.30 1.82 nrluw271m420v35x25sf 270 35x25 0.2 1010 1.27 1.77 nrluw331m420v25x45sf 330 25x45 0.2 1116 1.47 2.05 nrluw331m420v30x35sf 330 30x35 0.2 1116 1.47 2.05 nrluw331m420v35x30sf 330 35x30 0.2 1116 1.45 2.03 nrluw391m420v30x40sf 390 30x40 0.2 1214 1.64 2.29 nrluw391m420v35x35sf 390 35x35 0.2 1214 1.68 2.35 nrluw471m420v30x45sf 470 30x45 0.2 1332 1.81 2.53 nrluw471m420v35x35sf 470 35x35 0.2 1332 1.71 2.39 nrluw561m420v30x50sf 560 30x50 0.2 1454 2.07 2.89 nrluw561m420v35x40sf 560 35x40 0.2 1454 2.07 2.89 nrluw681m420v35x50sf 680 35x50 0.2 1603 2.43 3.40 nrluw101m450v22x25sf 450 100 22x25 0.2 636 0.73 1.02 nrluw121m450v22x30sf 120 22x30 0.2 697 0.84 1.17 nrluw121m450v25x25sf 120 25x25 0.2 697 0.87 1.21 nrluw151m450v22x35sf 150 22x35 0.2 779 0.97 1.35 nrluw151m450v25x30sf 150 25x30 0.2 779 0.89 1.24 nrluw181m450v22x40sf 180 22x40 0.2 853 1.08 1.51 nrluw181m450v25x30sf 180 25x30 0.2 853 1.03 1.44 nrluw181m450v30x25sf 180 30x25 0.2 853 1.08 1.51 nrluw221m450v22x45sf 220 22x45 0.2 943 1.17 1.63 nrluw221m450v25x35sf 220 25x35 0.2 943 1.17 1.63 nrluw221m450v30x30sf 220 30x30 0.2 943 1.10 1.54 nrluw221m450v35x25sf 220 35x25 0.2 943 1.04 1.45 nrluw271m450v25x45sf 270 25x45 0.2 1045 1.43 2.00 nrluw271m450v30x30sf 270 30x30 0.2 1045 1.28 1.79 nrluw271m450v35x30sf 270 35x30 0.2 1045 1.25 1.75 nrluw331m450v25x50sf 330 25x50 0.2 1156 1.45 2.03
6 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change large can aluminum electrolytic capacitors nrluw series part number voltage (vdc) cap ( f) case size d x l (mm) dissipation factor max. leakage current ( a) max. ripple current (arms @ 105c) 120hz 10khz ~ up nrluw331m450v30x40sf 450 330 30x40 0.2 1156 1.45 2.03 nrluw331m450v35x30sf 330 35x30 0.2 1156 1.43 2.00 nrluw391m450v30x45sf 390 30x45 0.2 1256 1.75 2.45 nrluw391m450v35x35sf 390 35x35 0.2 1256 1.66 2.32 nrluw471m450v30x50sf 470 30x50 0.2 1379 1.85 2.59 nrluw471m450v35x40sf 470 35x40 0.2 1379 1.85 2.59 nrluw561m450v35x45sf 560 35x45 0.2 1505 2.04 2.85


▲Up To Search▲   

 
Price & Availability of NRLUW152M200V35X35SF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X