Part Number Hot Search : 
MSS1807 ZR36432 FJ20C ER14505 P6SMBJ85 MAE34021 SISS98DN XXXBB
Product Description
Full Text Search
 

To Download MSS7341-183MLB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. specify termination and packaging codes: mss7341-224m ld termination: l = rohs compliant matte tin over nickel over phos bronze (current production) or gold over nickel over phos bronze (prior production) special order: t = rohs tin-silver-copper (95.5/4/0.5) over gold over nickel over phos bronze or s = non-rohs tin-lead (63/37) over gold over nickel over phos bronze. packaging: d = 13 machine-ready reel. eia- 481 embossed plastic tape (1200 parts per full reel). b = less than full reel. in tape, but not machine ready. to have a leader and trailer added ($25 charge), use code letter d instead. 2. inductance measured at 100 khz, 0.1 vrms, 0 adc using a coilcraft smd - a fxture in an agilent/hp 4263b lcr meter. 3. srf measured using an agilent/hp 8753d network analyzer and a coilcraft smd - d test fxture. 4. dc current at which the inductance drops the specifed amount from its value without current. 5. current that causes the specifed temperature rise from 25c ambient. 6. electrical specifcations at 25c. refer to doc 362 soldering surface mount components before soldering. shielded power inductors C mss7341 document 383-1 document 383-1 revised 11/04/11 dcr srf isat (a) 4 irms (a) 5 inductance 2 (ohms) typ 3 10% 20% 30% 20c 40c part number 1 (h) typ max (mhz) drop drop drop rise rise mss7341-332nl_ 3.3 30% 0.014 0.018 85 2.74 3.28 3.72 3.95 5.00 mss7341-502nl_ 5.0 30% 0.018 0.023 49 2.30 2.82 3.16 3.40 4.70 mss7341-622nl_ 6.2 30% 0.024 0.027 42 2.18 2.66 2.98 3.05 4.30 mss7341-742nl_ 7.4 30% 0.027 0.031 35 1.92 2.32 2.56 2.80 4.10 mss7341-872nl_ 8.7 30% 0.029 0.034 33 1.78 2.12 2.36 2.80 3.90 mss7341-103ml_ 10 20% 0.032 0.038 32 1.64 1.92 2.10 2.80 3.80 mss7341-123ml_ 12 20% 0.040 0.050 27 1.48 1.76 1.92 2.45 3.30 mss7341-153ml_ 15 20% 0.047 0.055 26 1.36 1.60 1.78 2.05 3.00 mss7341-183ml_ 18 20% 0.065 0.075 25 1.20 1.46 1.62 1.85 2.65 mss7341-223ml_ 22 20% 0.074 0.082 22 1.02 1.26 1.42 1.70 2.35 mss7341-273ml_ 27 20% 0.091 0.109 19 1.00 1.14 1.22 1.50 2.10 mss7341-333ml_ 33 20% 0.104 0.124 17 0.91 1.04 1.16 1.50 1.95 mss7341-393ml_ 39 20% 0.115 0.130 15 0.85 1.01 1.12 1.50 1.90 mss7341-473ml_ 47 20% 0.127 0.155 14 0.74 0.92 1.00 1.50 1.85 mss7341-563ml_ 56 20% 0.174 0.202 11 0.68 0.80 0.87 1.25 1.60 mss7341-683ml_ 68 20% 0.236 0.250 9.6 0.62 0.73 0.80 1.00 1.35 mss7341-823ml_ 82 20% 0.257 0.290 8.5 0.57 0.66 0.72 1.00 1.25 mss7341-104ml_ 100 20% 0.286 0.310 7.2 0.54 0.64 0.71 0.90 1.15 mss7341-224ml_ 220 20% 0.660 0.710 5.0 0.35 0.41 0.47 0.57 0.78 mss7341-474ml_ 470 20% 1.21 1.45 3.0 0.24 0.28 0.32 0.43 0.57 mss7341-684kl_ 680 10% 1.85 1.98 2.5 0.22 0.27 0.29 0.42 0.56 designers kit c385 contains 3 each of all values. core material ferrite core and winding loss see www.coilcraft.com/coreloss terminations rohs compliant matte tin over nickel over phos bronze (current production) or gold over nickel over phos bronze (prior production). other terminations available at additional cost. weight: 0.61 C 0.67 g ambient temperature C40c to +85c with i rms current, +85c to +125c with derated current storage temperature component: C40c to +125c. packaging: C40c to +80c resistance to soldering heat max three 40 second refows at +260c, parts cooled to room temperature between cycles moisture sensitivity level (msl) 1 (unlimited foor life at <30c / 85% relative humidity) failures in time (fit) / mean time between failures (mtbf) 38 per billion hours / 26,315,789 hours, calculated per telcordia sr-332 packaging 1200/13 reel; plastic tape: 16 mm wide, 0.35 mm thick, 12 mm pocket spacing, 4.5 mm pocket depth pcb washing only pure water or alcohol recommended ? 6.6 6.6 mm footprint; 4.1 mm high shielded inductors ? low dcr and excellent current handling us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2012 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check out web site for latest infor mation.
shielded power inductors C mss7341 document 383-2 document 383-2 revised 11/04/11 typical l vs current typical l vs frequency dimensions are in inches mm 50 40 30 20 0 10 t emperature r ise (f ro m 2 5c) current (a rms) 1.0 0 3.0 4.0 2.0 5.0 6.0 3.3 h 33 h 10 h 100 h typical temperature rise vs current -40 -20 02 04 06 08 0 100 140 120 ambient temperature (c) 120 110 100 90 80 70 60 50 40 30 20 10 0 25c pe r cent of rated rms i irms derating max recommended land p attern 123 x 0.287 7,3 0.287 7,3 0.161 4,1 typ 0.260 6, 6 typ 0.260 6,6 typ 0.083 2,1 0.099 2,5 0.222 5,65 0.280 7,1 0.280 7,1 pa rt s manuf actured pr ior to s ept. 2007 w ere ma rk ed with o nly th e d ash n umber . dash n umber inter nal c ode * * * dimensions are of the case not including the ter mination. fo r maximum ov erall dimensions including the ter mination, add 0.02 in / 0,51 mm. ? 1 10 100 1000 0.01 0.1 10 1 frequenc y (mhz) inductance (h) 100 h 33 h 10 h 3.3 h 220 h 680 h 1 10 100 1000 0.01 0.1 10 1 current (a) inductance (h) 100 h 33 h 10 h 3.3 h 220 h 680 h us uk t aiwan china singapore +1-847-639-6400 sales@coilcraft.com +44-1236-730595 sales@coilcraft-eur ope.com +886-2-2264 3646 sales@coilcraft.com.tw +86-21-6218 8074 sales@coilcraft.com.cn + 65-6484 8412 sales@coilcraft.com.sg ? coilcraft inc. 2012 this pr oduct may not be used in medical or high risk applications without prior coilcraft appr oval. specification subject to change without notice. please check out web site for latest infor mation.


▲Up To Search▲   

 
Price & Availability of MSS7341-183MLB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X