Part Number Hot Search : 
5340H1LC 0N60C3 KBP1510 KBP151 KBP156 1N749 C5886 M74ALS
Product Description
Full Text Search
 

To Download LM7805ACT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lm78xx / lm78xxa ? 3-terminal 1 a positive voltage regulator ? 2006 fairchild semiconductor corporation www.fairchildsemi.com lm78xx / lm78xxa rev. 1.3.0 1 august 2013 lm78xx / lm78xxa 3-terminal 1 a positive voltage regulator features ? output current up to 1 a ? output voltages: 5, 6, 8, 9, 10, 12, 15, 18, 24 v ? thermal overload protection ? short-circuit protection ? output transistor safe operating area protection ordering information (1) note: 1. above output voltage tolerance is available at 25c. product number output voltage tolerance package operating temperature packing method lm7805ct 4% to-220 (single gauge) -40 c to +125 c rail lm7806ct lm7808ct lm7809ct lm7810ct lm7812ct lm7815ct lm7818ct lm7824ct LM7805ACT 2% 0 c to +125 c lm7809act lm7810act lm7812act lm7815act description the lm78xx series of three-terminal positive regulators is available in the to-220 package and with several fixed output voltages, making them useful in a wide range of applications. each type employs internal current limiting, thermal shut-down, and safe operating area protection. if adequate heat sinking is provided, they can deliver over 1 a output current. although designed primarily as fixed- voltage regulators, these devices can be used with exter- nal components for adjustable voltages and currents. 1 1. input 2. gnd 3. output gnd to-220 (single gauge)
lm78xx / lm78xxa ? 3-terminal 1 a positive voltage regulator ? 2006 fairchild semiconductor corporation www.fairchildsemi.com lm78xx / lm78xxa rev. 1.3.0 2 block diagram figure 1. block diagram absolute maximum ratings stresses exceeding the absolute maximum ratings may damage the device. the device may not function or be opera- ble above the recommended operating conditions and stressing the parts to these levels is not recommended. in addi- tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. the absolute maximum ratings are stress ratings only. values are at t a = 25c unless otherwise noted. symbol parameter value unit v i input voltage v o = 5 v to 18 v 35 v v o = 24 v 40 r jc thermal resistance, junction-case (to-220) 5 c/w r ja thermal resistance, junction-air (to-220) 65 c/w t opr operating temperature range lm78xx -40 to +125 c lm78xxa 0 to +125 t stg storage temperature range - 65 to +150 c starting circuit input 1 reference voltage current generator soa protection thermal protection series pass element error amplifier output 3 gnd 2
lm78xx / lm78xxa ? 3-terminal 1 a positive voltage regulator ? 2006 fairchild semiconductor corporation www.fairchildsemi.com lm78xx / lm78xxa rev. 1.3.0 3 electrical characteristics (lm7805) refer to the test circuit, -40c < t j < 125c, i o = 500 ma, v i = 10 v, c i = 0.1 f, unless otherwise specified. notes: 2. load and line regulation are specified at constant junction temperature. changes in v o due to heating effects must be taken into account separately. pulse testing with low duty is used. 3. these parameters, although guaranteed, are not 100% tested in production. symbol parameter conditions min. typ. max. unit v o output voltage t j = +25 c 4.805.005.20 v i o = 5 ma to 1 a, p o 15 w, v i = 7 v to 20 v 4.75 5.00 5.25 regline line regulation (2) t j = +25 c v i = 7 v to 25 v 4.0 100.0 mv v i = 8 v to 12 v 1.6 50.0 regload load regulation (2) t j = +25 c i o = 5 ma to 1.5 a 9.0 100.0 mv i o = 250 ma to 750 ma 4.0 50.0 i q quiescent current t j =+25 c5.08.0ma i q quiescent current change i o = 5 ma to 1 a 0.03 0.50 ma v i = 7 v to 25 v 0.30 1.30 v o / t output voltage drift (3) i o = 5 ma -0.8 mv/ c v n output noise voltage f = 10 hz to 100 khz, t a = +25 c 42.0 v/v o rr ripple rejection (3) f = 120 hz, v i = 8 v to 18 v 62.0 73.0 db v drop dropout voltage t j = +25 c, i o = 1 a 2.0 v r o output resistance (3) f = 1 khz 15.0 m i sc short-circuit current t j = +25 c, v i = 35 v 230 ma i pk peak current (3) t j = +25 c2.2a
lm78xx / lm78xxa ? 3-terminal 1 a positive voltage regulator ? 2006 fairchild semiconductor corporation www.fairchildsemi.com lm78xx / lm78xxa rev. 1.3.0 4 electrical characteristics (lm7806) refer to the test circuit, -40c < t j < 125c, i o = 500 ma, v i = 11 v, c i = 0.33 f,c o = 0.1 f, unless otherwise specified. notes: 4. load and line regulation are specified at constant junction temperature. changes in v o due to heating effects must be taken into account separately. pulse testing with low duty is used. 5. these parameters, although guaranteed, are not 100% tested in production. symbol parameter conditions min. typ. max. unit v o output voltage t j = +25 c 5.756.006.25 v i o = 5 ma to 1 a, p o 15 w, v i = 8.0 v to 21 v 5.70 6.00 6.30 regline line regulation (4) t j = +25 c v i = 8 v to 25 v 5.0 120 mv v i = 9 v to 13 v 1.5 60.0 regload load regulation (4) t j = +25 c i o = 5 ma to 1.5 a 9.0 120.0 mv i o = 250 ma to 750 ma 3.0 60.0 i q quiescent current t j =+25 c5.08.0ma i q quiescent current change i o = 5 ma to 1 a 0.5 ma v i = 8 v to 25 v 1.3 v o / t output voltage drift (5) i o = 5 ma -0.8 mv/ c v n output noise voltage f = 10 hz to 100 khz, t a = +25 c 45.0 v/v o rr ripple rejection (5) f = 120 hz, v i = 8 v to 18 v 62.0 73.0 db v drop dropout voltage t j = +25 c, i o = 1 a 2.0 v r o output resistance (5) f = 1 khz 19.0 m i sc short-circuit current t j = +25 c, v i = 35 v 250 ma i pk peak current (5) t j = +25 c2.2a
lm78xx / lm78xxa ? 3-terminal 1 a positive voltage regulator ? 2006 fairchild semiconductor corporation www.fairchildsemi.com lm78xx / lm78xxa rev. 1.3.0 5 electrical characteristics (lm7808) refer to the test circuit, -40c < t j < 125c, i o = 500 ma, v i = 14 v, c i = 0.33 f, c o = 0.1 f, unless otherwise specified. notes: 6. load and line regulation are specified at constant junction temperature. changes in v o due to heating effects must be taken into account separately. pulse testing with low duty is used. 7. these parameters, although guaranteed, are not 100% tested in production. symbol parameter conditions min. typ. max. unit v o output voltage t j = +25 c 7.7 8.0 8.3 v i o = 5 ma to 1 a, p o 15 w, v i = 10.5 v to 23 v 7.6 8.0 8.4 regline line regulation (6) t j = +25 c v i = 10.5 v to 25 v 5.0 160.0 mv v i = 11.5 v to 17 v 2.0 80.0 regload load regulation (6) t j = +25 c i o = 5 ma to 1.5 a 10.0 160.0 mv i o = 250 ma to 750 ma 5.0 80.0 i q quiescent current t j =+25 c5.08.0ma i q quiescent current change i o = 5 ma to 1 a 0.05 0.50 ma v i = 10.5 v to 25 v 0.5 1.0 v o / t output voltage drift (7) i o = 5 ma -0.8 mv/ c v n output noise voltage f = 10 hz to 100 khz, t a = +25 c 52.0 v/v o rr ripple rejection (7) f = 120 hz, v i = 11.5 v to 21.5 v 56.0 73.0 db v drop dropout voltage i o = 1 a, t j = +25 c2.0v r o output resistance (7) f = 1 khz 17.0 m i sc short-circuit current v i = 35 v, t j = +25 c230ma i pk peak current (7) t j = +25 c2.2a
lm78xx / lm78xxa ? 3-terminal 1 a positive voltage regulator ? 2006 fairchild semiconductor corporation www.fairchildsemi.com lm78xx / lm78xxa rev. 1.3.0 6 electrical characteristics (lm7809) refer to the test circuit, -40c < t j < 125c, i o = 500 ma, v i = 15 v, c i = 0.33 f,c o = 0.1 f, unless otherwise specified. notes: 8. load and line regulation are specified at constant junction temperature. changes in v o due to heating effects must be taken into account separately. pulse testing with low duty is used. 9. these parameters, although guaranteed, are not 100% tested in production. symbol parameter conditions min. typ. max. unit v o output voltage t j = +25 c 8.659.009.35 v i o = 5 ma to 1 a, p o 15 w, v i = 11.5 v to 24 v 8.60 9.00 9.40 regline line regulation (8) t j = +25 c v i = 11.5 v to 25 v 6.0 180.0 mv v i = 12 v to 17 v 2.0 90.0 regload load regulation (8) t j = +25 c i o = 5 ma to 1.5 a 12.0 180.0 mv i o = 250 ma to 750 ma 4.0 90.0 i q quiescent current t j =+25 c5.08.0ma i q quiescent current change i o = 5 ma to 1 a 0.5 ma v i = 11.5 v to 26 v 1.3 v o / t output voltage drift (9) i o = 5 ma -1.0 mv/ c v n output noise voltage f = 10 hz to 100 khz, t a = +25 c 58.0 v/v o rr ripple rejection (9) f = 120 hz, v i = 13 v to 23 v 56.0 71.0 db v drop dropout voltage i o = 1 a, t j = +25 c2.0v r o output resistance (9) f = 1 khz 17.0 m i sc short-circuit current v i = 35 v, t j = +25 c250ma i pk peak current (9) t j = +25 c2.2a
lm78xx / lm78xxa ? 3-terminal 1 a positive voltage regulator ? 2006 fairchild semiconductor corporation www.fairchildsemi.com lm78xx / lm78xxa rev. 1.3.0 7 electrical characteristics (lm7810) refer to the test circuit, -40c < t j < 125c, i o = 500 ma, v i = 16 v, c i = 0.33 f,c o = 0.1 f, unless otherwise specified. notes: 10. load and line regulation are specified at constant junction temperature. changes in v o due to heating effects must be taken into account separately. pulse testing with low duty is used. 11. these parameters, although guaranteed, are not 100% tested in production. symbol parameter conditions min. typ. max. unit v o output voltage t j = +25 c 9.6 10.0 10.4 v i o = 5 ma to 1 a, p o 15 w, v i = 12.5 v to 25 v 9.5 10.0 10.5 regline line regulation (10) t j = +25 c v i = 12.5 v to 25 v 10 200 mv v i = 13 v to 25 v 3 100 regload load regulation (10) t j = +25 c i o = 5 ma to 1.5 a 12 200 mv i o = 250 ma to 750 ma 4 400 i q quiescent current t j =+25 c5.18.0ma i q quiescent current change i o = 5 ma to 1 a 0.5 ma v i = 12.5 v to 29 v 1.0 v o / t output voltage drift (11) i o = 5 ma -1.0 mv/ c v n output noise voltage f = 10 hz to 100 khz, t a = +25 c 58.0 v/v o rr ripple rejection (11) f = 120 hz, v i = 13 v to 23 v 56.0 71.0 db v drop dropout voltage i o = 1 a, t j = +25 c2.0v r o output resistance (11) f = 1 khz 17.0 m i sc short-circuit current v i = 35 v, t j = +25 c250ma i pk peak current (11) t j = +25 c2.2a
lm78xx / lm78xxa ? 3-terminal 1 a positive voltage regulator ? 2006 fairchild semiconductor corporation www.fairchildsemi.com lm78xx / lm78xxa rev. 1.3.0 8 electrical characteristics (lm7812) refer to the test circuit, -40c < t j < 125c, i o = 500 ma, v i = 19 v, c i = 0.33 f,c o = 0.1 f, unless otherwise specified. notes: 12. load and line regulation are specified at constant junction temperature. changes in v o due to heating effects must be taken into account separately. pulse testing with low duty is used. 13. these parameters, although guaranteed, are not 100% tested in production. symbol parameter conditions min. typ. max. unit v o output voltage t j = +25 c 11.5 12.0 12.5 v i o = 5 ma to 1 a, p o 15 w, v i = 14.5 v to 27 v 11.4 12.0 12.6 regline line regulation (12) t j = +25 c v i = 14.5 v to 30 v 10 240 mv v i = 16 v to 22 v 3 120 regload load regulation (12) t j = +25 c i o = 5 ma to 1.5 a 11 240 mv i o = 250 ma to 750 ma 5 120 i q quiescent current t j =+25 c5.18.0ma i q quiescent current change i o = 5 ma to 1 a 0.1 0.5 ma v i = 14.5 v to 30 v 0.5 1.0 v o / t output voltage drift (13) i o = 5 ma -1.0 mv/ c v n output noise voltage f = 10 hz to 100 khz, t a = +25 c 76.0 v/v o rr ripple rejection (13) f = 120 hz, v i = 15 v to 25 v 55.0 71.0 db v drop dropout voltage i o = 1 a, t j = +25 c2.0v r o output resistance (13) f = 1 khz 18.0 m i sc short-circuit current v i = 35 v, t j = +25 c230ma i pk peak current (13) t j = +25 c2.2a
lm78xx / lm78xxa ? 3-terminal 1 a positive voltage regulator ? 2006 fairchild semiconductor corporation www.fairchildsemi.com lm78xx / lm78xxa rev. 1.3.0 9 electrical characteristics (lm7815) refer to the test circuit, -40c < t j < 125c, i o = 500 ma, v i = 23 v, c i = 0.33 f,c o = 0.1 f, unless otherwise specified. notes: 14. load and line regulation are specified at constant junction temperature. changes in v o due to heating effects must be taken into account separately. pulse testing with low duty is used. 15. these parameters, although guaranteed, are not 100% tested in production. symbol parameter conditions min. typ. max. unit v o output voltage t j = +25 c 14.40 15.00 15.60 v i o = 5 ma to 1 a, p o 15 w, v i = 17.5 v to 30 v 14.25 15.00 15.75 regline line regulation (14) t j = +25 c v i = 17.5 v to 30 v 11 300 mv v i = 20 v to 26 v 3 150 regload load regulation (14) t j = +25 c i o = 5 ma to 1.5 a 12 300 mv i o = 250 ma to 750 ma 4 150 i q quiescent current t j =+25 c5.28.0ma i q quiescent current change i o = 5 ma to 1 a 0.5 ma v i = 17.5 v to 30 v 1.0 v o / t output voltage drift (15) i o = 5 ma -1.0 mv/ c v n output noise voltage f = 10 hz to 100 khz, t a = +25 c 90.0 v/v o rr ripple rejection (15) f = 120 hz, v i = 18.5 v to 28.5 v 54.0 70.0 db v drop dropout voltage i o = 1 a, t j =+25 c2.0v r o output resistance (15) f = 1 khz 19.0 m i sc short-circuit current v i = 35 v, t j = +25 c250ma i pk peak current (15) t j = +25 c2.2a
lm78xx / lm78xxa ? 3-terminal 1 a positive voltage regulator ? 2006 fairchild semiconductor corporation www.fairchildsemi.com lm78xx / lm78xxa rev. 1.3.0 10 electrical characteristics (lm7818) refer to the test circuit, -40c < t j < 125c, i o = 500 ma, v i = 27 v, c i = 0.33 f, c o = 0.1 f, unless otherwise specified. notes: 16. load and line regulation are specified at constant junction temperature. changes in v o due to heating effects must be taken into account separately. pulse testing with low duty is used. 17. these parameters, although guaranteed, are not 100% tested in production. symbol parameter conditions min. typ. max. unit v o output voltage t j = +25 c 17.3 18.0 18.7 v i o = 5 ma to 1 a, p o 15 w, v i = 21 v to 33 v 17.1 18.0 18.9 regline line regulation (16) t j = +25 c v i = 21 v to 33 v 15 360 mv v i = 24 v to 30 v 5 180 regload load regulation (16) t j = +25 c i o = 5 ma to 1.5 a 15 360 mv i o = 250 ma to 750 ma 5 180 i q quiescent current t j =+25 c5.28.0ma i q quiescent current change i o = 5 ma to 1 a 0.5 ma v i = 21 v to 33 v 1.0 v o / t output voltage drift (17) i o = 5 ma -1.0 mv/ c v n output noise voltage f = 10 hz to 100 khz, t a = +25 c110 v/v o rr ripple rejection (17) f = 120 hz, v i = 22 v to 32 v 53.0 69.0 db v drop dropout voltage i o = 1 a, t j =+25 c2.0v r o output resistance (17) f = 1 khz 22.0 m i sc short-circuit current v i = 35 v, t j =+25 c250ma i pk peak current (17) t j =+25 c2.2a
lm78xx / lm78xxa ? 3-terminal 1 a positive voltage regulator ? 2006 fairchild semiconductor corporation www.fairchildsemi.com lm78xx / lm78xxa rev. 1.3.0 11 electrical characteristics (lm7824) refer to the test circuit, -40c < t j < 125c, i o = 500 ma, v i = 33 v, c i = 0.33 f, c o = 0.1 f, unless otherwise specified. notes: 18. load and line regulation are specified at constant junction temperature. changes in v o due to heating effects must be taken into account separately. pulse testing with low duty is used. 19. these parameters, although guaranteed, are not 100% tested in production. symbol parameter conditions min. typ. max. unit v o output voltage t j = +25 c 23.00 24.00 25.00 v i o = 5 ma to 1 a, p o 15 w, v i = 27 v to 38 v 22.80 24.00 25.25 regline line regulation (18) t j = +25 c v i = 27 v to 38 v 17 480 mv v i = 30 v to 36 v 6 240 regload load regulation (18) t j = +25 c i o = 5 ma to 1.5 a 15 480 mv i o = 250 ma to 750 ma 5 240 i q quiescent current t j =+25 c5.28.0ma i q quiescent current change i o = 5 ma to 1 a 0.1 0.5 ma v i = 27 v to 38 v 0.5 1.0 v o / t output voltage drift (19) i o = 5 ma -1.5 mv/ c v n output noise voltage f = 10 hz to 100 khz, t a = +25 c6.0 v/v o rr ripple rejection (19) f = 120 hz, v i = 28 v to 38 v 50.0 67.0 db v drop dropout voltage i o = 1 a, t j = +25 c2.0v r o output resistance (19) f = 1 khz 28.0 m i sc short-circuit current v i = 35 v, t j = +25 c230ma i pk peak current (19) t j = +25 c2.2a
lm78xx / lm78xxa ? 3-terminal 1 a positive voltage regulator ? 2006 fairchild semiconductor corporation www.fairchildsemi.com lm78xx / lm78xxa rev. 1.3.0 12 electrical characteristics (lm7805a) refer to the test circuit, 0c < t j < 125c, i o = 1 a, v i = 10 v, c i = 0.33 f, c o = 0.1 f, unless otherwise specified. notes: 20. load and line regulation are specified at constant junction temperature. changes in v o due to heating effects must be taken into account separately. pulse testing with low duty is used. 21. these parameters, although guaranteed, are not 100% tested in production. symbol parameter conditions min. typ. max. unit v o output voltage t j = +25 c 4.9 5.0 5.1 v i o = 5 ma to 1 a, p o 15 w, v i = 7.5 v to 20 v 4.8 5.0 5.2 regline line regulation (20) v i = 7.5 v to 25 v, i o = 500 ma 5.0 50.0 mv v i = 8 v to 12 v 3.0 50.0 t j = +25 c v i = 7.3 v to 20 v 5.0 50.0 v i = 8 v to 12 v 1.5 25.0 regload load regulation (20) t j = +25 c, i o = 5 ma to 1.5 a 9.0 100.0 mv i o = 5 ma to 1 a 9.0 100.0 i o = 250 ma to 750 ma 4.0 50.0 i q quiescent current t j =+25 c5.06.0ma i q quiescent current change i o = 5 ma to 1 a 0.5 ma v i = 8 v to 25 v, i o = 500 ma 0.8 v i = 7.5 v to 20 v, t j = +25 c0.8 v o / t output voltage drift (21) i o = 5 ma -0.8 mv/ c v n output noise voltage f = 10 hz to 100 khz, t a = +25 c 10.0 v/v o rr ripple rejection (21) f = 120 hz, v o = 500 ma, v i =8 v to 18 v 68.0 db v drop dropout voltage i o = 1 a, t j =+25 c2.0v r o output resistance (21) f = 1 khz 17.0 m i sc short-circuit current v i = 35 v, t j =+25 c250ma i pk peak current (21) t j =+25 c2.2a
lm78xx / lm78xxa ? 3-terminal 1 a positive voltage regulator ? 2006 fairchild semiconductor corporation www.fairchildsemi.com lm78xx / lm78xxa rev. 1.3.0 13 electrical characteristics (lm7809a) refer to the test circuit, 0c < t j < 125c, i o = 1 a, v i = 15 v, c i = 0.33 f,c o = 0.1 f, unless otherwise specified. notes: 22. load and line regulation are specified at constant junction temperature. changes in v o due to heating effects must be taken into account separately. pulse testing with low duty is used. 23. these parameters, although guaranteed, are not 100% tested in production. symbol parameter conditions min. typ. max. unit v o output voltage t j = +25 c 8.829.009.16 v i o = 5 ma to 1 a, p o 15 w, v i = 11.2 v to 24 v 8.65 9.00 9.35 regline line regulation (22) v i = 11.7 v to 25 v, i o = 500 ma 6.0 90.0 mv v i = 12.5 v to 19 v 4.0 45.0 t j = +25 c v i = 11.5 v to 24 v 6.0 90.0 v i = 12.5 v to 19 v 2.0 45.0 regload load regulation (22) t j = +25 c, i o = 5 ma to 1.5 a 12.0 100.0 mv i o = 5 ma to 1 a 12.0 100.0 i o = 250 ma to 750 ma 5.0 50.0 i q quiescent current t j = +25 c5.06.0ma i q quiescent current change i o = 5 ma to 1 a 0.5 ma v i = 12 v to 25 v, i o = 500 ma 0.8 v i = 11.7 v to 25 v, t j = +25 c0.8 v o / t output voltage drift (23) i o = 5 ma -1.0 mv/ c v n output noise voltage f = 10 hz to 100 khz, t a = +25 c 10.0 v/v o rr ripple rejection (23) f = 120 hz, v o = 500 ma, v i =12 v to 22 v 62.0 db v drop dropout voltage i o = 1 a, t j = +25 c2.0v r o output resistance (23) f = 1 khz 17.0 m i sc short-circuit current v i = 35 v, t j = +25 c250ma i pk peak current (23) t j = +25 c2.2a
lm78xx / lm78xxa ? 3-terminal 1 a positive voltage regulator ? 2006 fairchild semiconductor corporation www.fairchildsemi.com lm78xx / lm78xxa rev. 1.3.0 14 electrical characteristics (lm7810a) refer to the test circuit, 0c < t j < 125c, i o = 1 a, v i = 16 v, c i = 0.33 f, c o = 0.1 f, unless otherwise specified. notes: 24. load and line regulation are specified at constant junction temperature. changes in v o due to heating effects must be taken into account separately. pulse testing with low duty is used. 25. these parameters, although guaranteed, are not 100% tested in production. symbol parameter conditions min. typ. max. unit v o output voltage t j = +25 c 9.8 10.0 10.2 v i o = 5 ma to 1 a, p o 15 w, v i = 12.8 v to 25 v 9.6 10.0 10.4 regline line regulation (24) v i = 12.8 v to 26 v, i o = 500 ma 8.0 100.0 mv v i = 13 v to 20 v 4.0 50.0 t j = +25 c v i = 12.5 v to 25 v 8.0 100.0 v i = 13 v to 20 v 3.0 50.0 regload load regulation (24) t j = +25 c, i o = 5 ma to 1.5 a 12.0 100.0 mv i o = 5 ma to 1 a 12.0 100.0 i o = 250 ma to 750 ma 5.0 50.0 i q quiescent current t j =+25 c5.06.0ma i q quiescent current change i o = 5 ma to 1 a 0.5 ma v i = 12.8 v to 25 v, i o = 500 ma 0.8 v i = 13 v to 26 v, t j = +25 c0.5 v o / t output voltage drift (25) i o = 5 ma -1.0 mv/ c v n output noise voltage f = 10 hz to 100 khz, t a = +25 c 10.0 v/v o rr ripple rejection (25) f = 120 hz, v o = 500 ma, v i =14 v to 24 v 62.0 db v drop dropout voltage i o = 1 a, t j =+25 c2.0v r o output resistance (25) f = 1 khz 17.0 m i sc short-circuit current v i = 35 v, t j =+25 c250ma i pk peak current (25) t j =+25 c2.2a
lm78xx / lm78xxa ? 3-terminal 1 a positive voltage regulator ? 2006 fairchild semiconductor corporation www.fairchildsemi.com lm78xx / lm78xxa rev. 1.3.0 15 electrical characteristics (lm7812a) refer to the test circuit, 0c < t j < 125c, i o = 1 a, v i = 19 v, c i = 0.33 f, c o = 0.1 f, unless otherwise specified. notes: 26. load and line regulation are specified at constant junction temperature. changes in v o due to heating effects must be taken into account separately. pulse testing with low duty is used. 27. these parameters, although guaranteed, are not 100% tested in production. symbol parameter conditions min. typ. max. unit v o output voltage t j = +25 c 11.75 12.00 12.25 v i o = 5 ma to 1 a, p o 15 w, v i = 14.8 v to 27 v 11.50 12.00 12.50 regline line regulation (26) v i = 14.8 v to 30 v, i o = 500 ma 10.0 120.0 mv v i = 16 v to 22 v 4.0 120.0 t j = +25 c v i = 14.5 v to 27 v 10.0 120.0 v i = 16 v to 22 v 3.0 60.0 regload load regulation (26) t j = +25 c, i o = 5 ma to 1.5 a 12.0 100.0 mv i o = 5 ma to 1 a 12.0 100.0 i o = 250 ma to 750 ma 5.0 50.0 i q quiescent current t j = +25 c5.06.0ma i q quiescent current change i o = 5 ma to 1 a 0.5 ma v i = 14 v to 27 v, i o = 500 ma 0.8 v i = 15 v to 30 v, t j = +25 c0.8 v o / t output voltage drift (27) i o = 5 ma -1.0 mv/ c v n output noise voltage f = 10 hz to 100 khz, t a = +25 c 10.0 v/v o rr ripple rejection (27) f = 120 hz, v o = 500 ma, v i =14 v to 24 v 60.0 db v drop dropout voltage i o = 1 a, t j = +25 c2.0v r o output resistance (27) f = 1 khz 18.0 m i sc short-circuit current v i = 35 v, t j = +25 c250ma i pk peak current (27) t j = +25 c2.2a
lm78xx / lm78xxa ? 3-terminal 1 a positive voltage regulator ? 2006 fairchild semiconductor corporation www.fairchildsemi.com lm78xx / lm78xxa rev. 1.3.0 16 electrical characteristics (lm7815a) refer to the test circuit, 0c < t j < 125c, i o = 1 a, v i = 23 v, c i = 0.33 f, c o = 0.1 f, unless otherwise specified. notes: 28. load and line regulation are specified at constant junction temperature. changes in v o due to heating effects must be taken into account separately. pulse testing with low duty is used. 29. these parameters, although guaranteed, are not 100% tested in production. symbol parameter conditions min. typ. max. unit v o output voltage t j = +25 c 14.75 15.00 15.30 v i o = 5 ma to 1 a, p o 15 w, v i = 17.7 v to 30 v 14.40 15.00 15.60 regline line regulation (28) v i = 17.4 v to 30 v, i o = 500 ma 10.0 150.0 mv v i = 20 v to 26 v 5.0 150.0 t j = +25 c v i = 17.5 v to 30 v 11.0 150.0 v i = 20 v to 26 v 3.0 75.0 regload load regulation (28) t j = +25 c, i o = 5 ma to 1.5 a 12.0 100.0 mv i o = 5 ma to 1 a 12.0 100.0 i o = 250 ma to 750 ma 5.0 50.0 i q quiescent current t j =+25 c5.26.0ma i q quiescent current change i o = 5 ma to 1 a 0.5 ma v i = 17.5 v to 30 v, i o = 500 ma 0.8 v i = 17.5 v to 30 v, t j = +25 c0.8 v o / t output voltage drift (29) i o = 5 ma -1.0 mv/ c v n output noise voltage f = 10 hz to 100 khz, t a = +25 c 10.0 v/v o rr ripple rejection (29) f = 120 hz, v o = 500 ma, v i =18.5 v to 28.5 v 58.0 db v drop dropout voltage i o = 1 a, t j =+25 c2.0v r o output resistance (29) f = 1 khz 19.0 m i sc short-circuit current v i = 35 v, t j =+25 c250ma i pk peak current (29) t j =+25 c2.2a
lm78xx / lm78xxa ? 3-terminal 1 a positive voltage regulator ? 2006 fairchild semiconductor corporation www.fairchildsemi.com lm78xx / lm78xxa rev. 1.3.0 17 typical performance characteristics figure 2. quiescent current figure 3. peak output current figure 4. output voltage figure 5. quiescent current
lm78xx / lm78xxa ? 3-terminal 1 a positive voltage regulator ? 2006 fairchild semiconductor corporation www.fairchildsemi.com lm78xx / lm78xxa rev. 1.3.0 18 typical applications figure 6. dc parameters figure 7. load regulation figure 8. ripple rejection 0.1 f c o c i 0.33 f output input lm78xx 1 3 2 lm78xx 3 2 1 0.33f 270pf 100 30s r l 2n6121 or eq output input v o 0v v o lm78xx output input 5.1 0.33f 2 3 1 r l 470f 120hz +
lm78xx / lm78xxa ? 3-terminal 1 a positive voltage regulator ? 2006 fairchild semiconductor corporation www.fairchildsemi.com lm78xx / lm78xxa rev. 1.3.0 19 figure 9. fixed-output regulator notes: 29. to specify an output voltage, substitute voltage value for ?xx?. a common ground is required between the input and the output voltage. the input voltage must remain typically 2.0 v above the output voltage even during the low point on the input ripple voltage. 30. c i is required if regulator is located an appreciable distance from power supply filter. 31. c o improves stability and transient response. figure 10. figure 11. circuit for increasing output voltage 0.1 f c o c i 0.33 f output input lm78xx 1 3 2 0.1 f c o c i 0.33 f output input lm78xx 1 3 2 v xx r 1 r l i q i o i o = r 1 + i q v xx 0.1 f c o c i 0.33 f output input lm78xx 1 3 2 v xx r1 r2 i q i ri 5 i q v o = v xx (1 + r 2 / r 1 ) + i q r 2
lm78xx / lm78xxa ? 3-terminal 1 a positive voltage regulator ? 2006 fairchild semiconductor corporation www.fairchildsemi.com lm78xx / lm78xxa rev. 1.3.0 20 figure 12. adjustable output regulator (7 v to 30 v) figure 13. high-current voltage regulator figure 14. high output current with short-circuit protection lm741 - + 2 3 6 4 2 3 1 0.33 f c i input output 0.1 f c o lm7805 10k i ri 5 i q v o = v xx (1 + r 2 / r 1 ) + i q r 2 3 2 1 lm78xx output input r1 3 0.33f ireg 0.1f i o iq1 i o = i reg + b q1 (i reg Cv beq1 /r 1 ) q1 bd536 r1 = v beq1 i reg Ci q1 b q1 / lm78xx output 0.1f 0.33f r1 3 3 2 1 q1 input q2 q1 = tip42 q2 = tip42 r sc = i sc v beq2 r sc
lm78xx / lm78xxa ? 3-terminal 1 a positive voltage regulator ? 2006 fairchild semiconductor corporation www.fairchildsemi.com lm78xx / lm78xxa rev. 1.3.0 21 figure 15. tracking voltage regulator figure 16. split power supply (15 v - 1 a) lm78xx lm741 0.1f 0.33f 1 2 3 7 2 6 4 3 4.7k 4.7k tip42 common common v o -v o v i -v in _ + 3 1 2 1 3 2 0.33f 0.1f 2.2f 1f + + 1n4001 1n4001 +15v -15v +20v -20v lm7815 mc7915
lm78xx / lm78xxa ? 3-terminal 1 a positive voltage regulator ? 2006 fairchild semiconductor corporation www.fairchildsemi.com lm78xx / lm78xxa rev. 1.3.0 22 figure 17. negative output voltage circuit figure 18. switching regulator lm78xx output input + 1 2 0.1f 3 lm78xx 1mh 3 1 2 2000f output input d45h11 0.33f 470 4.7 10f 0.5 z1 + +
lm78xx / lm78xxa ? 3-terminal 1 a positive voltage regulator ? 2006 fairchild semiconductor corporation www.fairchildsemi.com lm78xx / lm78xxa rev. 1.3.0 23 physical dimensions figure 19. to-220, molded, 3-lead, jedec variation ab (active) package drawings are provided as a service to customers considering fairchild components. drawings may change in any manner without notice. please note the revision and/or date on the drawing and contact a fairchild semiconductor representative to ver ify or obtain the most recent revision. package specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers fairchild products. always visit fairchild semiconductor?s online packaging area for the most recent package drawings: http://www.fairchildsemi.com/dwg/to/to220b03.pdf . for current tape and reel specifications, visit fairchild semiconductor?s online packaging area: http://www.fairchildsemi.com/packing_dwg/pkg-to220b03_tc.pdf . to-220 (single gauge)
? fairchild semiconductor corporation www.fairchildsemi.com trademarks the following includes registered and unregistered trademarks and service marks, owned by fairchild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. 2cool  accupower  a x-cap ? * bitsic  build it now  core plus  core power  crossvolt  ctl  current transfer logic  deuxpeed ? dual cool? ecospark ? effic ientmax  e sbc  fairchild ? fairchild semiconductor ? fact quiet series  fact ? fast ? fastvcore  fetbench  fps  f -pfs  frfet ? global power resource sm greenbridge  green fps  green fps  e-series  g max  gto  intellimax  isoplanar  making small speakers sound louder and better? megabuck  microcoupler  microfet  micropak  micropak2  millerdrive  motionmax  mwsaver ? optohit  optologic ? optoplanar ? ? powertrench ? powerxs? programmable active droop  qfet ? qs  quiet series  rapidconfigure   saving our world, 1mw /w/kw at a time? signalwise  smartmax  smart start  solutions for your success  spm ? stealth  superfet ? supersot  -3 supersot  -6 supersot  -8 supremos ? syncfet  sync- lock? ?* tinyboost ? tinybuck ? tinycalc  tinylogic ? tinyopto  tinypower  tinypwm  tinywire  t ransic  trifault detect  t ruecurrent ? *  serdes  uhc ? ultra frfet  unifet  vcx  visualmax  voltageplus  xs? * trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function, or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchilds worldwide terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchilds products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. anti-counterfeiting policy fairchild semiconductor corporation's anti-counterfeiting policy. fairchild's anti-counterfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support. counterfeiting of semiconductor parts is a growing problem in t he industry. all manufacturers of semiconductor products are exp eriencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substa ndard performance, failed applications, and increased cost of production and manufacturing delays. fairchild is taking strong measures to protect ourselv es and our customers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fa irchild or from authorized fairchild distributors who are listed by country on our web page cited above. products customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fairchild's qu ality standards for handling and storage and provide access to fa irchild's full range of up-to-date technical and product information. fairchild and our authorized distribut ors will stand behind all warranties and will appropriately addr ess any warranty issues that may arise. fairchild will not provide any warranty coverage or other assist ance for parts bought from unauthorized sources. fairchild is c ommitted to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors . product status definitions definition of terms datasheet identification product status definition advance information formative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specific ations. fairchild semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product that is discontinued by fairchild semiconductor. the datasheet is for reference information only. rev. i65 ?


▲Up To Search▲   

 
Price & Availability of LM7805ACT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X