Part Number Hot Search : 
LT114733 MPS4250G STPS20L SG2825CQ 3N60LSD TLP3120 TC74LC BP5045A
Product Description
Full Text Search
 

To Download DRTOP100V133R0FB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rtop www.vishay.com vishay sfernice revision: 29-nov-12 1 document number: 50045 for technical questions, contact: sfer@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 power resistors for mounting onto a heatsink thick film technology features ? 1 % tolerance available ? high power rating = 200 w ? wide ohmic value range = 0.046 ? to 1 m ? ?non inductive ? easy mounting ? low thermal radiation of the case ? standard isotop case (sot-227 b) ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 this series of thick film power resistors include modules which can inco rporate up to 2 different re sistor values in the same sot-227b package. two types of termination s are available along with a 4 terminal device for measurement applications in the case of the single resistor vers ion. this product range benefits from vishay sfernices experience in thick film power resistor technology i.e. high power: vo lume ratio, low tolerance or in dividual resistors and excellent overload capabilities (due to the trimming technique). note ? tolerances unless otherwise specified: 0.3 mm dimensions in millimeters standard electrical specifications model size resistance range ? rated power p 25 c w tolerance % temperature coefficient ppm/c drtop50 rtop100 drtop100 rtop200 sot-227b 0.092 to 1m 50 1, 2, 5, 10 150, 300 0.046 to 1m 100 1, 2, 5, 10 150, 300 0.046 to 1m 200 1, 2, 5, 10 150, 300 12.6 10 4 15 0.3 30 38 12.6 25 ? 4.2 v connections rtop mechanical specifications mechanical protection insulated case resistive element cermet substrate alumina on insulated base end connections v connections: screw m4 x 6 tightening torque connections 1 nm tightening torq ue heatsink 2 nm weight 30 g max. environmental specifications temperature range - 55 c to + 125 c climatic category 55/125/56 technical specifications temperature coefficient (- 55 c to + 125 c) standard 300 ppm/c ( r < 1) 150 ppm/c ( r > 1) insulation resistance > 10 6 m ?
rtop www.vishay.com vishay sfernice revision: 29-nov-12 2 document number: 50045 for technical questions, contact: sfer@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) mil-std-202 method 301 performance tests conditions requirements momentary overload iec 60115-1 2.5 pr/5 s u s < 2 u l < (0.25 % + 0.05 ? ) rapid temperature change iec 60115-1 5 cycles - 55 c + 125 c < (0.25 % + 0.05 ? ) load life iec 60115-1 pr at 25 c 1000 h < (0.5 % + 0.05 ? ) humidity (steady state) iec 60115-1/iec 60068-2-3 test ca 56 days 95 % rh/40 c < (0.5 % + 0.05 ? ) special features model rtop 200 rtop 100 drtop 100 drtop 50 power rating at + 25 c chassis mounted resistors unmounted resistors 200 w 5 w 100 w 5 w 100 w 3.5 w 50 w 3.5 w thermal resistance (per resistor) 0.5 c/w 1 c/w 0.5 c/w 1 c/w limiting voltage u l 1500 v 1500 v 500 v 500 v dielectric strength (1) connections/chassis 2500 v, 1 min 10 ma max. 2500 v, 1 min 10 ma max. 2500 v, 1 min 10 ma max. 2500 v, 1 min 10 ma max. dielectric strength (1) connections/resistors - - 2500 v, 1 min 10 ma max. 2500 v, 1 min 10 ma max. ohmic value range 0.046 ? to 1 m ? 0.092 ? to 1 m ? tolerance 1 % to 10 % 1 % to 10 % electrical diagrams r r shunt version r2 r1
rtop www.vishay.com vishay sfernice revision: 29-nov-12 3 document number: 50045 for technical questions, contact: sfer@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 recommendations for mounting onto a heatsink ? surfaces in contact must be carefully cleaned. ? the heatsink must have an acceptable flatness: from 0.05 mm to 0.1 mm/100 mm. ? roughness of the heatsink must be around 6.3 m. in order to improve thermal conductivity, surfaces in contact (alumina, heatsink) should be coated with a silicone grease (typ e si 340 from rh?ne-poulenc or dow 340 from dow corning). ? for the electrical connections, it is recommended to use m4 x 6 screws and if necessary a washer of 1mm thickness. the recommended scre w tightening torque is 1 nm. choice of the heatsink the user must choose the heatsink according to the workin g conditions of the component (power, room temperature). maximum working temperature must not exceed 125 c. the dissipa ted power is simply calculated by the following ratio: p: expressed in w ? t: difference between maxi mum working temperature and room temperature. r th (j - c) : thermal resistance value measured be tween resistive layer and outer side of the resistor. it is the thermal resistance of the component (see table special features). r th (c - a) : thermal resistance value measured between outer side of the resistor and room temperature. it is the thermal resistance of the heatsink depending on the heatsink itse lf (type, shape) and the quality of the fastening device. example: r th (c - a) : for rtop 200 power rating 130 w at ambient temperature + 30 c. thermal resistance (see table 1) r th (j - c) : 0.5 c/w tightening torque on heatsink rtop 2 nm p ? t r th (j - c) ?? r th (c - a) ?? + --------------------------------------------------------------- = ? t 125 c - 30 c - 95 c ?? r th (j - c) r th (c - a) ? t p ------ - 95 130 --------- - 0.73 c/w == = + r th (j - c) 0.5 c/w ? r th (c - a) 0.73 c/w - 0.5 c/w 0.23 c/w ??
rtop www.vishay.com vishay sfernice revision: 29-nov-12 4 document number: 50045 for technical questions, contact: sfer@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 overloads the applied power is 2.5 x ra ted power for 5 s with a max. voltage of 2 x nominal voltage. accidental overload: the values indicated in the graph below are applicable to resist ors in air or mounted onto a heatsink. in case of multi-resistor devi ces, (drtop, trop and qrop) the results apply to each re sistor value in the device. energy curve power curve marking series, style, ohmic value (in), tolerance (in %), manufacturing date, vishay sfernice trademark. power rating the temperature of the heater should be maintained in the limit specified. to improve the thermal conductivity, surfaces in contact should be laid on with a silicon grease and the torque applied on the sc rew for tightening should be around 2 nm. 0.01 0.1 1 10 100 1000 ener g y in joule s overload duration in s rtop drtop 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 100 1000 10 000 100 000 1 000 000 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 power in w overload duration in s rtop drtop packaging box of 10 units 0 20 40 60 80 100 120 140 0 20 40 60 80 100 rated power in % heatsink temperature in c
rtop www.vishay.com vishay sfernice revision: 29-nov-12 5 document number: 50045 for technical questions, contact: sfer@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ordering information rtop 200 5u 1 % % v drtop 50 150u 5 % 15u 5 % v xxx bo10 e r1 t1 r2 model style ohmic value absolute tolerance per resistor connections custom design packaging lead (pb)-free rtop drtop 100 50 optional 1 % 2 % 5 % 10 % to be precise for each resistor v: screw vs: rtop shunt optional global part number information global model size leads ohmic value tolerance packaging special rtop 100 200 v = screw vs = rtop shunt the first thre e digits are significant figures and the last digit specifies the number of zeros to follow. r designates decimal point. 48r7 = 48.7 ? 4871 = 4870 ? 1002 = 10 000 ? r010 = 0.01 ? r680 = 0.68 ? 2701 = 2.7 k ? f = 1 % g = 2 % j = 5 % k = 10 % b = box 10 pieces as applicable ex = ua1 k b op100v5 0 r t r0
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of DRTOP100V133R0FB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X