Part Number Hot Search : 
2C4957 1545C PBA04104 M27C25 ZL38065 TA0862A CMX990Q1 24S180
Product Description
Full Text Search
 

To Download DMF-6104NB-FW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dmf6104nb-fw (aa) no.97-0138 optrex corporation page 1/17 optrex type no. ******* june 2, 1997 first edition final revision quality assurance div. production div. checked by checked by approved by production div. design engineering div. prepared by lcd module specification ? ? ? ? table of contents 1. general specifications .............................................................................2 2. electrical specifications...........................................................................3 3. optical specifications ..............................................................................8 4. i/o terminal...........................................................................................10 5. test..........................................................................................................12 6. appearance standards............................................................................13 7. code system of production lot ..........................................................16 8. type number .........................................................................................16 9. applying precautions .............................................................................16 10. handling precautions .............................................................................17 revision history rev. date page comment
dmf6104nb-fw (aa) no.97-0138 optrex corporation page 2/17 optrex 1.general specifications operating temp. min. 10 max. 40 storage temp. min. -20 max. 60 dot pixels 256 (w) 128 (h) dots dot size 0.43 (w) 0.43 (h) mm dot pitch 0.47 (w) 0.47 (h) mm viewing area 127.0 (w) 70.0 (h) mm outline dimensions 167.0 (w) 116.0 (h) 24.0 (d) mm weight 250g max. lcd type nsd-7451 ( stn / blue-mode / transflective ) viewing angle 6:00 data transfer 4-bit parallel data transfer backlight cold cathode fluorescent lamp (cfl) 1 drawings dimensional outline ue-32050b
dmf6104nb-fw (aa) no.97-0138 optrex corporation page 3/17 optrex 2.electrical specifications 2.1.absolute maximum ratings v ss =0v parameter symbol conditions min. max. units supply voltage (logic) v cc -v ss -0.3 6.0 v supply voltage (lcd drive) v cc -v ee 0 30.0 v input voltage v i -0.3 v cc +0.3 v 2.2.dc characteristics ta=25 , v ss =0v parameter symbol conditions min. typ. max. units supply voltage (logic) v cc -v ss 4.5 5.5 v supply voltage (lcd drive) v cc -v ee shown in 3.1 v high level input voltage v ih v cc =5.0v 10% 0.8 v cc v cc v low level input voltage v il v cc =5.0v 10% 0 0.2 v cc v high level output voltage v oh i oh =-0.2ma v cc -0.4 v cc v low level output voltage v ol i ol =0.2ma 0 0.4 v supply current i cc v cc -v ss =5.0v 5.0 20.0 ma i ee v cc -v ee =13.8v 4.7 15.0 ma
dmf6104nb-fw (aa) no.97-0138 optrex corporation page 4/17 optrex 2.3.ac characteristics v cc =5.0v 10% parameter symbol min. max. units clock pulse width t wc 100 ns latch pulse high level width t wl 125 ns clock pulse rise/fall time t r, t f 50 ns cp lp rise time t cl 63 ns cp lp fall time t lsu2 90 ns lp cp rise time t lsu1 90 ns lp cp fall time t lc 63 ns data setup time t dsu 50 ns data hold time t dhd 80 ns flm data setup time t setup 100 ns flm data hold time t hold 100 ns t hold t setup t r t f t dhd t dsu t wc t lc t lsu2 cp t cl t lsu1 lp flm d0 d3 t wl t wc
dmf6104nb-fw (aa) no.97-0138 optrex corporation page 5/17 optrex 2.4.timing chart 2.5.comparison of display and data t=0.223ms typ. 64 t flm (reduction) (reduction) lp flm d3 d0 cp lp mj #1 + #65 data seg seg seg seg seg seg seg seg 512 508 8 4512 508 8 4 509 505 5 1 509 505 5 1 seg1 seg256 #65 #1 #64 #128 d2 d3 d0 d3 d0 d3 seg257 seg512 d0 d1 d0 d1 d2 d3 d0 d1 d0 d1
dmf6104nb-fw (aa) no.97-0138 optrex corporation page 6/17 optrex 2.6.power supply on/off sequence 2.6.1.on sequence 2.6.2.off sequence please maintain the above sequence when turning on and off the power supply of the module. if dispoff is supplied to the module w hile alternate signal for lcd driving (m) is unstable, dc component will be supplied to the lcd panel. this may cause damage the lcd module. vcc vss vee vss vss vcc vss vcc dispoff vee vcc 0 Q t 0 Q t signal signal level vcc 0 Q t vcc vss vee vss vss vcc vss vcc dispoff vee vcc 0 Q t 0 Q t signal signal level vcc 0 Q t
dmf6104nb-fw (aa) no.97-0138 optrex corporation page 7/17 optrex 2.7.lighting specifications ta=25 parameter symbol conditions min. typ. max. units notes lamp voltage v l 250 vrms 1 lamp current i l 4.0 5.0 6.0 marms 2 starting voltage v s 600 vrms 3 surface luminance l i l =5.0ma 50 cd/ O 4 average life t al i l =5.0ma 20000 hrs 5 note 1 : the voltage ( r.m.s. ) to maintain the electric discharge of the lamp. it is measured after lighting for 3 minutes . note 2 : the current ( r.m.s. ) to flow through the lamp with the electric discharge. it is measured after lighting for 3 minutes. note 3 : the voltage at starting the electric discharge when the voltage is increased gradually from 0v. note 4 : surface luminance is specified by the initial data of luminance measured at the center of display surface after 20 minutes power on. ( all on pattern ) note 5 : cfl life is defined as the time for which the initial luminance is attenuated by 50% of the luminance value. average life representes the time elapsed at the point of time when the residual ratio becomes below 50% when plural lamps are lighted in comparison with the definition of life mentioned above. v n i cfl testin g circuit l f c vs vl il
dmf6104nb-fw (aa) no.97-0138 optrex corporation page 8/17 optrex 3.optical specifications 3.1.lcd driving voltage parameter symbol conditions min. typ. max. units recommended ta=10 16.3 v lcd driving voltage v cc -v ee ta=25 12.8 13.8 14.8 v note 1 ta=40 11.5 v note 1 : voltage (applied actual waveform to lcd module) for the best contrast. the range of minimum and maximum shows tolerance of the operating voltage. the specified contrast ratio and response time are not guaranteed over the entire range. 3.2.optical characteristics ta=25 , 1/64 duty, 1/9 bias, v d =13.8v (note 4), = 0 ? , = ? parameter symbol conditions min. typ. max. units contrast ratio note 1 cr = 0 ? , = ? 4.5 viewing angle shown in 3.3 response rise note 2 t on 60 120 ms time decay note 3 t off 250 380 ms note 1 : contrast ratio is definded as follows. cr = l on / l off l on : luminance of the on segments l off : luminance of the off segments note 2 : the time that the luminance level reaches 90% of the saturation level from 0% when on signal is applied. note 3 : the time that the luminance level reaches 10% of the saturation level from 100% when off signal is applied. note 4 : definition of driving voltage v d assuming that the typical driving waveforms shown below are applied to the lcd panel at 1/a duty - 1/b bias ( a : duty number, b : bias number ). driving voltage v d is definded as the voltage v o-p when the contrast ratio (cr=l on / l off ) is at its maximum. v o-p 1 / f f ( b-2 ) v o-p / b 1 / ( f f a ) off signal on signal
dmf6104nb-fw (aa) no.97-0138 optrex corporation page 9/17 optrex 3.3.definition of viewing angle and optimum viewing area ? point shows the point where contrast ratio is measured. : = 0 ? , = ? ? driving condition : 1/64 duty, 1/9 bias, v d =13.8v, f f =70hz ? area shows typ. cr R 2 3.4.system block diagram 0 ? 90 ? 180 ? 270 ? 270 ? 135 ? 315 ? 225 ? 45 ? 180 ? 90 ? ( = 0 ? 10 20 30 40 50 halogen bulb computer rotation table ( , ) temperature chamber lcd optical fiber waveform generator control unit & #1980a wb photometer
dmf6104nb-fw (aa) no.97-0138 optrex corporation page 10/17 optrex 4.i/o terminal 4.1.pin assignment no. symbol level function 1 v cc D power supply for logic 2 v ss D power supply (0v, gnd) 3 v ee D power supply for lcd drive 4 lp h l data latch signal 5 m h / l alternate signal for lcd drive 6 dispoff h / l display control signal h : display on l : display off 7 nc non-connection 8 flm h / l first line marker 9 cp h l clock signal for shifting data 10 nc non-connection 11 d0 h / l display data 12 d1 h / l display data 13 d2 h / l display data 14 d3 h / l display data 15 fl power supply for cfl (hot) 16 fl (gnd) power supply for cfl (gnd) 4.2.example of power supply it is recommended to apply a potentiometer for the contrast adjust due to the tolerance of the driving voltage and its temperature dependence. vss module vee vcc vee (-voltage) vcc (+voltage) tr=2sa1202 or equivalent r1+r2+vr=10 20k vss (0v) r2 r1 vr tr
dmf6104nb-fw (aa) no.97-0138 optrex corporation page 11/17 optrex 4.3.block diagram fl (gnd) fl vee vss vcc d0 d3 m flm lp dispoff cp or equivalent msm5298 1 row driver or equivalent msm5299 4 column driver l c d p 256 64 4 256 128 dots to lsi bias circuit cfl backlight or equivalent msm5299 3 column driver 240 64 4 16
dmf6104nb-fw (aa) no.97-0138 optrex corporation page 12/17 optrex 5.test no change on display and in operation under the following test condition. no. parameter conditions notes 1 high temperature operating 40 2 , 96hrs (operation state) 2 low temperature operating 10 2 , 96hrs (operation state) 3 3 high temperature storage 60 2 , 96hrs 4 4 low temperature storage -20 2 , 96hrs 3, 4 5 damp proof test 40 2 , 90 95%rh, 96hrs 3, 4 6 vibration test total fixed amplitude : 1.5mm 5 vibration frequency : 10 55hz one cycle 60 seconds to 3 directions of x, y, z for each 15 minutes 7 shock test to be measured after dropping from 60cm high on the concrete surface in packing state. note 1 : unless otherwise specified, tests will be conducted under the following condition. temperature : 20 5 humidity : 65 5% note 2 : unless otherwise specified, tests will be not conducted under functioning state. note 3 : no dew condensation to be observed. note 4 : the function test shall be conducted after 4 hours storage at the normal temperature and humidity after removed from the test chamber. note 5 : vibration test will be conducted to the product itself without putting it in a container. e a g d c f 60cm concrete surface dropping method corner dropping e,f,g face : once b,c,d edge : once a corner : once face dropping edge dropping b
dmf6104nb-fw (aa) no.97-0138 optrex corporation page 13/17 optrex 6.appearance standards 6.1.inspection conditions the lcd shall be inspected under 40w white fluorescent light. the distance between the eyes and the sample shall be more than 30cm. all directions for inspecting the sample should be within 45 ? against perpendicular line. 6.2.definition of applicable zones a zone : active display area b zone : area from outside of "a zone" to validity viewing area c zone : rest parts a zone + b zone = validity viewing area a zone b zone c zone bezel flame 45 ?
dmf6104nb-fw (aa) no.97-0138 optrex corporation page 14/17 optrex 6.3.standards no. parameter criteria 1 black and (1) round shape white spots, zone acceptable number foreign substances dimension (mm) a b c d Q 0.1 * * * 0.1 d Q 0.2 3 5 * 0.2 d Q 0.25 2 3 * 0.25 d Q 0.3 0 1 * 0.3 d 0 0 * d = ( long + short ) / 2 * : disregard (2) line shape zone acceptable number x (mm) y (mm) a b c 0.03 R w * * * 2.0 R l 0.05 R w 3 3 * 1.0 R l 0.1 R w 3 3 * 0.1 w in the same way (1) x : length y : width * : disregard total defects shall not exceed 5. 2 air bubbles (between glass zone acceptable number & polarizer) dimension (mm) a b c d Q 0.3 * * * 0.3 d Q 0.4 3 * * 0.4 d Q 0.6 2 3 * 0.6 d 0 0 * * : disregard total defects shall not exceed 3.
dmf6104nb-fw (aa) no.97-0138 optrex corporation page 15/17 optrex no. parameter criteria 3 the shape of dot (1) dot shape (with dent) as per the sketch of left hand. (2) dot shape (with projection) should not be connected to next dot. (3) pin hole (x+y) / 2 Q 0.2mm (less than 0.1mm is no counted.) (4) deformation (x+y) / 2 Q 0.2mm total acceptable number : 1/dot, 5/cell (defect number of (4) : 1pc.) 4 polarizer scratches not to be conspicuous defects. 5 polarizer dirts if the stains are removed easily from lcdp surface, the module is not defective. 6 complex foreign black spots, line shaped foreign substances or air bubbles between substance defects glass & polarizer should be 5pcs maximum in total. 7 distance between d Q 0.2 : 20mm or more different foreign 0.2 d : 40mm or more substance defects 0.15 R y x x y
dmf6104nb-fw (aa) no.97-0138 optrex corporation page 16/17 optrex 7.code system of production lot the production lot of module is specified as follows : factory number factory code (alphabet) production week (1 5) production month (1 9, x, y, z) production year (lower 2 digits) 8.type number the type number of module is specified on the back of module as follows : ? stamp etching or printing 9.applying precautions please contact us when questions and/or new problems not specified in this specifications arise.
dmf6104nb-fw (aa) no.97-0138 optrex corporation page 17/17 optrex 10.handling precautions operex products are designed for use in ordinary electronic devices such as business machines, telecommunications equipment, measurement devices and etc.. optrex products are not designed, intended, or authorized for use in any application in which the failure of the product could result in a situation where personal injury or death may occur. these applications include, but are not limited to, life-sustaining equipment, nuclear control devices, aerospace equipment, devices related to hazardous or flammable materials, etc. (if buyer intends to purchase or use the optrex products for such unintended or unauthorized applications, buyer must secure prior written consent to such use by a responsible officer of optrex corporation.) should buyer purchase or use optrex products for any such unintended or unauthorized application (without such consent), buyer shall indemnify and hold optrex and its officers, employees, subsidiaries, affiliates and distributors harmless against all claims, costs, damages and expenses, and reasonable attorney's fees, arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that optrex was negligent regarding the design or manufacture of the part. 1) lcd may be broken because it is made of glass. 2) polarizer is a soft material and can easily be scratched. 3) please avoid static electricity. please be sure to ground human body and electric appliances during work. it is preferable to use conductive mat on table and wear cotton clothes or conduction processed fiber. synthetic fiber is not recommended. please slowly peel off protective film, because static electricity may be charged. 4) if it is necessary to store lcd modules for a long time, please comply with the following procedures. if storage condition is not satisfactory, display (especially polarizer) may be deteriorated or soldering i/o terminals may become difficult (some oxide is generated at i/o terminals plating). store as delivered by optrex if you store as unpacked, put in anti-static bag, seal its opening and store where it is not subjected to direct sunshine nor fluorescent lamp. store at temperature 0 to +35 and at low humidity. please refer to our specification sheets for storage temperature range and humidity condition. 5) the module does not contain excess current limiter. please design the limiter to cut excess current in your power supply circuit. 6) liquid crystal may be leaked when display is broken. never taste it. if your hands or clothes touch it, please immediately wash using soap. 7) the connection between the bezel and v ss (gnd) is not specified in the module. (some module do not maintain connection between them.) please consult optrex to specify the connection. 8) a high voltage over 1000v is applied at the connector of cfl cable when the cfl inverter is connected and energized. please do not touch there incidentally or accidentally to avoid a skin burn. and please set the cable properly in the housing to avoid a worn-out of isolated cover of cable wire. optrex shall not be responsible for any infringement of industrial property rights of third parties in any country arising out of the application or use of optrex products, except which directly concern the structure or production of such products.


▲Up To Search▲   

 
Price & Availability of DMF-6104NB-FW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X