Part Number Hot Search : 
HD74AC MMBT2 TL072CD R1600 IRLML64 DF78078 H1138T MUR210
Product Description
Full Text Search
 

To Download CHDTC623TUPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  CHDTC623TUPT c h e n m k o e n t e r p r i s e c o . , l t d s u r f a c e m o u n t n p n d i g i t a l s i l i c o n t r a n s i s t o r v o l t a g e 20 volts current 6 00 mampere a p p l i c a t i o n f e a t u r e * s m a l l s u r f a c e m o u n t i n g t y p e . ( s c -70 / s o t -323) * in addition to the features of regular digital transistor. vce(sat)=40mv at ic/ib=50ma/2.5ma,makes these transistors construction * one n pn transistors and bias of thin-film resistors in one package. * s w i t c h i n g c i r c u i t , i n v e r t e r , i n t e r f a c e c i r c u i t , d r i v e r c i r c u i t . 2 0 05 - 09 ideal for muting circuits. * these transistors can be used at high current levels,ic=600ma * i n t e r n a l i s o l a t e d n p n t r a n s i s t o r s i n o n e p a c k a g e . * b u i l t i n s i n g l e r e s i s t o r ( r 1 =2.2kw, typ. ) c i r c u i t l i m i t i n g v a l u e s i n a c c o r d a n c e w i t h t h e a b s o l u t e m a x i m u m r a t i n g s y s t e m ( i e c 6 0 1 3 4 ) . n o t e 1 . t r a n s i s t o r m o u n t e d o n a n f r 4 p r i n t e d - c i r c u i t b o a r d . 2 1 3 emitter base collector t r r 1 symbol parameter conditions value unit v cbo collector-base voltage 20 v 20 v 12 i c(max.) collector current 600 ma p d power dissipation t amb 25 o c, n ot e 1 200 mw t stg storage temperature -55 ~ +150 o c t j junction temperature o c v ceo collector-emitter voltage v ebo emitter-base voltage -55 ~ +150 v sc-70/sot-323 m a r k i n g d i m e n s i o n s i n m i l l i m e t e r s s c - 7 0 / s o t - 3 2 3 (1) (2) ( 3 ) 0 . 6 5 0 . 6 5 1 . 3 0 . 1 2 . 0 0 . 2 0 . 8~1.1 0 . 3 0 . 1 0 . 05~0.2 0 ~ 0 . 1 1 . 2 5 0 . 1 2 . 0~2.45 0 . 1 m i n .
c h a r a c t e r i s t i c s t a m b = 2 5 c u n l e s s o t h e r w i s e s p e c i t e d . note 1.pulse test: tp300us; d0.02. s y m b o l p a r a m e t e r c o n d i t i o n s m i n . t y p . m a x . u n i t b v c b o c o l l e c t o r - b a s e b r e a k d o w n v o l t a g e i c = 5 0ua 20 - v b v c e o c o l l e c t o r - e m i t t e r b r e a k d o w n v o l t a g e i c = 1 . 0 m a 2 0 - - - v v b v e b o e m i t t e r - b a s e b r e a k d o w n v o l t a g e i e =50ua 12 - - i c b o c o l l e c t o r c u t o f f c u r r e n t v c b =2 0 v - - 0 . 5 ua i e b o e m i t t e r c u t o f f c u r r e n t h f e d c c u r r e n t g a i n v e b =12v v c e ( s a t ) c o l l e c t o r - e m i t t e r s a t u r a t i o n v o l t a g e i c / i b =50ma/2 .5ma - 0 . 5 - 150 2700 820 r 1 i n p u t r e s i s t o r - kw u a f t t r a n s i t i o n f r e q u e n c y i e =-50ma, v ce =10.0v f = 1 0 0 m h z - - 150 m h z r a t i n g c h a r a c t e r i s t i c ( c h d t c623tupt ) i c =50ma; v ce =5.0v mv 40 - 2.2 2.86 1.54 ron output "on" resistance -- 0.4 w vi=5v,rl=1 kw , f=1khz
r a t i n g c h a r a c t e r i s t i c c u r v e s ( c h d t c623tupt ) t y p i c a l e l e c t r i c a l c h a r a c t e r i s t i c s 100 1000 10000 0.1 1 10 100 1000 collector current : i c (ma) dc current gain : h fe v ce =5v fig.1 dc current gain vs. collector current ta=100c ta=25c ta= ?40c 1 10 100 1000 10000 0.1 1 10 100 1000 collector current : i c (ma) i c / i b =20 fig.2 collector-emitter saturation voltage vs. collector current collector saturation voltage : v ce (sat) (mv) ta=100c ta=25c ta= ?40c 0.1 1 10 100 1000 0.1 1 10 100 input voltage : v i (v) on resistance : r on (?) fig.3 "on" resistance vs. input voltage ta=25c f=1khz r l =1k? h fe =1500 (5v / 50ma)


▲Up To Search▲   

 
Price & Availability of CHDTC623TUPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X