Part Number Hot Search : 
A3P125 AD1582 AOZ8234 MMSZ5251 MP28128 MC74HC85 KK74A STC6823
Product Description
Full Text Search
 

To Download C3216X5R0J107M160AB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tdk c series offers high capacitance mlcc achieved through precision technologies by enabling the use of multiple thinner ceramic dielectric layers . tdk advanced manufacturing process offers mlcc with monolithic structure and superior mechanical strength as well as a high level of reliability . composed of only ceramics and base metals, these capacitors provide extremely dependable performance, exhibiting virtually no degradation even when subjected to temperature extremes . low stray capacitance ensures high conformity with nominal values, thereby simplifying the circuit design process . owning to their low esr and excellent frequency characteristics, these products are optimally suited for a variety of application . l b b w t l body length w body width t body height b terminal width case code l (mm) w (mm) t (mm) c0402/01005 0.40 0.20 0.20 c0603/0201 0.60 0.30 0.30 c1005/0402 1.00 0.50 0.50 c1608/0603 1.60 0.80 0.80 c2012/0805 2.00 1.25 1.25 c3216/1206 3.20 1.60 1.60 c3225/1210 3.20 2.50 2.50 c4532/1810 4.50 3.20 3.20 c5750/2220 5.70 5.00 2.80 ? tdks proprietary internal electrode structure ? wide capacitance range up to 100f ? available voltage rating of 4v to 50v ? superior mechanical strength and reliability ? low esr characteristic ? easy mounting due to no polarity ? general electronic equipment ? mobile communication equipment ? power supply circuit ? office automation equipment ? tv/led displays ? servers/pcs/notebooks/tablets ? test and measurement equipment ? hybrid ics, etc. ? decoupling ? smoothing ? charge pump features: applications: c series | general (up to 50v) part number description series name & dimension code temperature characteristics rated voltage (dc) nominal capacitance (pf) capacitance tolerance ending codes* c3225 x7s 1h k ????? 106 basic design construction multi - layer capacitor *refer to part number reference (page 3) page 5 termination electrode dielectric


▲Up To Search▲   

 
Price & Availability of C3216X5R0J107M160AB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X