Part Number Hot Search : 
5248B 1N6062E3 F9530 YDH200 P6KE20 17S40LPC A8439 FQP4N20L
Product Description
Full Text Search
 

To Download AK04D300-XTAL-04CLCC-BY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description this new family of accutek dip adapter modules converts surface mount ic?s to pin compatible dip packages for creating drop-in re - placements for end-of-life dip ic?s. package types supported are: soj, plcc, soic, sop, tsop, qsop, hsop, msop, llp (leadless leadframe package), csp (chip scale package) and clcc. these dip adapters were developed for users with motherboard designs that require dip?s, now obsoleted by manufacturers. these adapter modules save costly motherboard redesigns. available with machined or flat contact pins. accutek dip adapter modules feature 4 to 84 pins, are fully assembled and tested and may include a decoupling capacitor. these dip adapters can be manufac tured turnkey or from customer supplied surface mount chips. modules range in length from 0.200? to 4.200? depending on number of pins and incorporate 0.300?, 0.400?, 0.600?, 0.900", 1.200" and 1.400" row-to-row spacing with 0.100? lead spacing. custom configurations up to 200 pins, multi-chip and double sided modules are also available for special functions. a variety of pin lengths with varying diameters as well as custom sizes and spacing can be specified with different materials and finishes. all modules are designed in-house using pcb c ad workstations. automated assembly and 100% testing are also performed in-house. features ? saves costly redesign of current motherboards ? fully tested with lifetime limited warranty ? may include an on board decoupling capacitor ? ic assembly and testing available ? eprom and flash programming available ? custom lead lengths available ? custom multi-chip and double-sided modules available ordering options ? adapter only ? customer supplies chips - accutek assembles on accutek adapters, tests and delivers finis hed product in antistatic tubes. ? complete turnkey - accutek purchases ic?s and passives. then assembles, tests and delivers finished product in antistatic tubes. 4 pin to 6 pin dip adapters accutek microcircuit corporation dip adapter modules eliminate the need to redesign motherboards or may be used for breadboard prototyping accutek microcircuit corporation 5 new pasture road newburyport, ma 01950-4040 phone: 978-465-6200 fax: 978-462-3396 email: sales@accutekmicro.com internet: www.accutekmicro.com
page 2 accutekmicro.com 1/2013(da02) 0.080" 0.125" 0.100" 0.300" ak04d300-xtal-04clcc 4 pin clcc crystal to dip (clcc=ceramic leadless chip carrier) AK04D300-XTAL-04CLCC-BY 4 pin clcc crystal to dip with site for bypass capacitor (clcc=ceramic leadless chip carrier) 0.080" 0.125" 0.100" 0.300" 0.300" 0.200" 0.125" ak04d300-sot 0.075" 0.075" 0.080" 0.400" 0.100" 4 pin sot to dip we can assemble your chips on to our adapter boards. fully automated assembly and test at our newburyport, massachusetts facility. no job is too large or too small. 0.200" 0.400" bottom view 0.137" 0.044" 0.100" 0.200" 0.400" 0.137" 0.044" 0.100" bottom view l c c l
bottom view 0.300" 0.100" 0.200" 0.080" 0.400" bottom view 0.300" 0.100" 0.200" 0.080" 0.400" l c c l l c c l 0.340" page 3 accutekmicro.com 1/2013(da03) ak06d300-xtal-06clcc-by 6 pin clcc crystal to dip with site for bypass capacitor (clcc=ceramic leadless chip carrier) 0.300" 0.080" 0.125" 0.100" 0.300" 0.300" 0.125" ak06d300-qsop 0.080" 0.400" 0.070" 0.170" 0.025" 0.100" 6 pin qsop to dip 0.400" 0.500" 0.125" ak06d400-xf1.85mm 0.080" 0.500" 0.150" 0.073" 0.100" 6 pin 1.85mm pitch transformer to 0.400" dip (1.85mm) ak06d300-xtal-06clcc 6 pin clcc crystal to dip (clcc=ceramic leadless chip carrier) 0.300" 0.080" 0.125" 0.100" 0.300" 0.300" 0.125" ak06d300-sot 0.080" 0.400" 0.100" 0.038" 0.100" 6 pin sot to dip 0.300" 0.300" 0.125" ak06d300-2-sot 0.080" 0.400" 0.100" 0.038" 0.100" two 3 pin sot23s to 6 pin dip


▲Up To Search▲   

 
Price & Availability of AK04D300-XTAL-04CLCC-BY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X