Part Number Hot Search : 
SI6955 B82801A TC426 LP530 ADR5044 ADR5044 UPD16716 STPR8
Product Description
Full Text Search
 

To Download ADL-65075TA2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  09.09.2011 ADL-65075TA2 1 of 2 ADL-65075TA2 technical data visible laser diode with integrated apc by converting the external apc circuit board into an asic, we package the apc circuit into a tratidional to-can together with the laser chip. from now on, single package apc function included laser diode os realized. ADL-65075TA2 is your perfect solution for the sable light power output, compact size, high brightness laser light source. features applications ? 5.6 mm package and 650nm 7mw 70c operation ? low operation current ? saving space and cost of laser module ? voltae driven ld, easy to use ? general purpose red laser light source ? laser pointer ? industrial laser markers / measuring instruments absolute maximum ratings (t c =25c) item symbol value unit power supply voltage v cc 2.5 ? 6.0 * v cw output power p o 10 mw operating case temperature t c -10 ? +70 c storage temperature t stg -40 ? +85 c * effective heat sink is recommended on 6v case due to extra heat specifications (t c =25c) item test condition symbol min. typ. max. unit optical specifications center wavelength c 645 655 660 nm U 6 9 12 deg fwhm beam divergence 25 30 32 deg parallel ffp deviation angle ? U -3.0 0 +3.0 deg perpendicular ffp deviation angle p o = 7 mw ? -3.0 0 +3.0 deg emission point accuracy - ? x ? y ? z -80 0 +80 m electrical specifications operating current i op - 27 35 ma variable resistor p o =7mw, v cc =3v v r 2 5.5 8 k ? power-temp. stability (25~70c) p o =7mw, v cc =3v ? p ot -20 -10 0 % power-v cc stability (6.0~3.5v) ? p ov -15 -10 0 % power-v cc stability (3.0~2.5v) p o =7mw, t=25c ? p ov -15 -10 0 % the above specifications are for reference purpose only and subjected to change without prior notice.
09.09.2011 ADL-65075TA2 2 of 2 b lock diagram 1. traditinal ld needs to connect an external apc circuit board for the constant power operation. the vr (variable resistor) is used to adjust the laser output to a desired target power. 2. ADL-65075TA2 consists an aoc ic inside the to-5.6 mm package, and leaves the vr outside for adjusting the optical output power. 3. oscilation damper (1f) is recommended for stabilizing the optical ouput power. outline dimension & pin assignment 5.6 mm package ( unit:mm ) cautions 1. to protect laser from overdriving condition, setting vr to maximum value before you turn on vcc can minimized the laser ouput power. 2. do not operate the device above the macimum rating condition, even momentarily. it may cause unexpected permanent damage to the device. 3. semiconductor laser device is very sensitiv e to electrostatic discharge. high voltage spike current may change the characteristics of the device, or malfunction at any time during its sercice periode. therefor, proper measures for precenting electrostatic discharge are strongly recommended. 4. to obtain a stable characteristic and good reliability, the effectivve heat sink is necessary. so it is recommended that always apply proper heat sink before the device is operating. 5. do not look into the laser beam directly by bare eyes. the laser beam may cause severe damage to human eyes. pin function 1 v cc 2 gnd 3 vr


▲Up To Search▲   

 
Price & Availability of ADL-65075TA2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X