Part Number Hot Search : 
FM4002W PM0022 CJP80N03 MMBD301L 4VHC2 AT89C CRZ15 MC78M05
Product Description
Full Text Search
 

To Download ABM8-FREQ-18-R50-3-2-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions: inch (mm) frequency range operation mode operating temperature storage temperature frequency tolerance @ 25c frequency stability over temp. equivalent series resistance shunt capacitance c 0 load capacitance c l drive level aging at 25c first year insulation resistance temperature options: e for 0c to +70c b for -20c to +70c c for -30c to +70c n for -30c to +85c d for -40c to +85c freq stability options: u for 10 ppm * g for 15 ppm * x for 20 ppm * w for 25 ppm * y for 30 ppm * h for 35 ppm z for 100 ppm # abm8- frequency - cl - esr - temperature - tolerance - stability - pin - packaging packaging option: t for tape and reel (1,000pcs/reel) esr option: rxxx (value in ohms) pin option: p for chamfer of 0.3mm on pin 4 load capacitance option: please specify cl in pf or s for series (min 10 pf) (*) -10c to +60c only (#) option z may apply to ext. temp. marking: - xx.x (frequency in mhz) - a zyx (zy:date code, e.g. l2; z: month a to l; y: last digit of year; x: traceability code) freq (mhz) esr ( ? )max. 10.000 - 15.999 16.000 - 19.999 20.000 - 29.999 30.000 - 60.000 200 100 80 50 table 1 abracon is a b r a c o n i s iso 9001 / qs 9000 i s o 9 0 0 1 / q s 9 0 0 0 certified c e r t i f i e d abracon is iso 9001 / qs 9000 certified rev2.2-6/06 30332 esperanza, rancho santa margarita, california 92688 tel 949-546-8000 | fax 949-546-8001 | www.abracon.com ||||||||||||||| abm8 ultra miniature ceramic smd crystal u l t r a m i n i a t u r e c e r a m i c s m d c r y s t a l ultra miniature ceramic smd crystal standard specifications: options and part identification (left blank if standard) : outline drawing: applications:  high density applications.  modems, communication and test equipment.  pmcia, wireless applications. features:  low in height; suitable for thin equipment.  ceramic package and metal lid assures high reliability.  tight tolerance and stability available.  suitable for solder reflow.  high precision crystal, fundamental mode. 3.2 x 2.5 x 0.8mm parameters 10.00 mhz - 60.00 mhz fundamental -10c to + 60c (see options) - 55c to + 125c 50 ppm max. (see options) 50 ppm max. (see options) see table 1 7pf max. 18pf (see options) 100w max., 10w correlation 5ppm max. 500m ? min . @ 100vdc 15v freq. tolerance options: 1 for 10 ppm max. (**) 7 for 15 ppm max. (**) 2 for 20 ppm max. (**) 3 for 25 ppm max. (**) 4 for 30 ppm max.


▲Up To Search▲   

 
Price & Availability of ABM8-FREQ-18-R50-3-2-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X