Part Number Hot Search : 
TDA9901 IM6403A B2050CC PD02N TA78L05S 4565D AOT9N50 TMPF54XX
Product Description
Full Text Search
 

To Download 80WD0014 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  42 uts series contact selector guide electrical characteristics: contact resistance #20 ?1mm machined < 6m? stamped & formed < 15m ? #16 ?1.6mm machined < 3m? stamped & formed < 6m? #12 ?2.4mm machined < 5m? #8 ?3.6mm machined < 5m? available platings a 2 ni + 2 ag j gold fash over 2 ni k min 0.4 gold over 2 ni s31 gold fash over ni s18 0.75 gold min in active part over 2 ni gold fash over ni s25 s26 active part: 0.75 au over ni crimp area: fash au over ni t t: 2m ni mini all over + 3 to 5 m sn all over tk6 2-5 sn pre-plated packaging conscious of the wide variety of applications, contact packaging has been considered for small series (bulk packaging) and high volume production (reeled contacts): ? 50 pieces bulk packing (standard) ? 1000 pieces bulk packing ? 5000 pieces reeled machined contacts ? 3000 pieces reeled stamped & formed contacts
43 uts series contacts standard version crimp contacts (1) contact reeled (2) loose contact contact size type wire size part number max wire ? max insulator ? color band plating available awg mm2 male female front rear #20 ?1 mm machined 26-24 0.13-0.20 rm24w3- rc24w3- 1.58 max - - k s&f 26-24 0.13-0.25 sm24w3s26 (1) sc24w3s25 (1) 0.89-1.58 - - s25, s26 sm24wl3s26 (2) sc24wl3s25 (2) - - machined 22-20 0.32-0.52 rm20w3- rc20w3- 1.58 max - - k s&f 22-20 0.35-0.5 sm20w3s26 (1) sc20w3s25 (1) 1.17-2.08 - - s25, s26 sm20wl3s26 (2) sc20wl3s25 (2) - - machined 20-18 0.50-0.93 rm18w3- rc18w3- 2.10 max - - k #16 ?1.6 mm machined 30-28 0.05-0.08 rm28m1- rc28m1- 0.55 1.1 - - k, j, t machined 26-24 0.13-0.2 rm24m9- rc24m9- 0.8 1.6 red - k, j, t s&f 26-24 0.13-0.25 sm24m1- (1) sm24ml1- (2) sc24m1- (1) sc24ml1- (2) 0.89-1.28 - - s31, s18, tk6 machined 22-20 0.32-0.52 rm20m13- rc20m13- 1.18 1.8 black - k, j, t rm20m12- rc20m12- 2.2 blue - s&f 22-20 0.35-0.5 sm20m1- (1) sm20ml1- (2) sc20m1- (1) sc20ml1- (2) 1.17-2.08 - - s31, s18, tk6 machined 20-16 0.52-1.5 rm16m23- rc16m23- 1.8 3.2 - - k, j, t s&f 18-16 0.8-1.5 sm16m1- (1) sm16ml1- (2) sc16m1- (1) sc16ml1- (2) 3.0 - - s31, s18, tk6 s&f 18-16 0.8-1.5 sm16m11- (1) sm16ml11- (2) sc16m11- (1) sc16ml11- (2) 2.0-3.0 - - s31, s18, tk6 machined 16-14 1.5-2.5 rm14m50- rc14m50- 2.05 3.2 - - k, j, t machined 16-14 1.5-2.5 rm14m30- rc14m30- 2.28 3.2 - - k, j, t s&f 14 2.0 sm14m1- (1) sm14ml1- (2) sc14m1- (1) sc14ml1- (2) 3.2 - - s31, s18, tk6 #12 ?2.4 mm machined 22 0.13-0.4 8291 1457n- 8291 1456- - 4.9 - a, k 20 0.5 8291 1459n- 8291 1458- 18 0.75-1.0 8291 1461n- 8291 1460- 16 1.5 8291 1463n- 8291 1462- 14 2.5 8291 1465n- 8291 1464- 12 4 8291 1467n- 8291 1466- #8 ?3.6 mm machined 16 1.5 8291 3601- 8291 3600- - 6.5 - a 14 2.5 8291 3603- 8291 3602- 12 4 8291 3605- 8291 3604- 10 6.0 8291 3607- 8291 3606- 8 10.0 8291 3609- 8291 3608-
44 uts series first mate last break contacts contact size type wire size part number max wire ? max insulator ? color band plating available awg mm2 male female front rear #16 ?1.6 mm longer male contact (+1mm) machined 30-28 0.05-0.08 rm28m1ge1 - 0.55 1.1 - red = k, j or t 26-24 0.13-0.2 rm24m9ge1 0.8 1.6 red red 22-20 0.32-0.52 rm20m13ge1 1.18 1.8 black red rm20m12 ge1 2.2 blue red 20-16 0.52-1.5 rm16m23 ge1 1.8 3.2 - red 16-14 1.5-2.5 rm14m50 ge1 2.05 - - red 16-14 1.5-2.5 rm14m30 ge1 2.28 - - red #16 ?1.6 mm shorter fe - male contact (-0.7mm) machined 30-28 0.05-0.08 - rc28m1ge7 0.55 1.1 - blue = k, j or t 26-24 0.13-0.2 rc24m9ge7 0.8 1.6 red blue 22-20 0.32-0.52 rc20m13ge7 1.18 1.8 black blue rc20m12ge7 2.2 blue blue 20-16 0.52-1.5 rc16m23ge7 1.8 3.2 - blue 16-14 1.5-2.5 rc14m50ge7 2.05 - - blue 16-14 1.5-2.5 rc14m30ge7 2.28 - - blue contact 1 contact 2 standard male contact standard female contact longer male contact standard male contact standard female contact fmlb shorter female contact lmfb ? ? ? ? first mate last break contacts should be chosen only if the cavity is not marked with the earth symbol. for cavities marked with the earth symbol, standard contacts will fulfll the same role as a frst mate, last break contact used in a standard cavity. ground symbol how to make fmlb / lmfb connection crimp contacts
45 uts series contacts coaxial contacts coaxial contact range we provide 2 types of coaxial contacts suitable for 50 or 75 ? , coaxial cable or twisted pair cable. monocrimp coaxial contact ? the monocrimp one-piece coaxial contacts offer high reliability plus the economic advantage of a 95% reduction in installation time over conventional assembly methods. ? this economy is achieved by simultaneously crimping both the inner conductor and outer braid or drain wire. multipiece crimp coaxial contact ? the inner conductor and outer braid is crimped individually. ? the thermoplastic insulating bushing in the outer body is designed to accept and permanently retain the inner contact. ? an outer ferrule is used to connect the braid to the outer cont act and provide cable support to ensure against bending and vibration. suitable for coaxial cable or twisted cable ? for jacket diameter from 1.78 to 3.05mm inner conductor up to 2.44mm diameter ? for jacket diameter from 0.64 to 1.45mm inner conductor from awg30 to awg24 contacts for coaxial cable summary contact type contact range contact part number with cable combination cabling notice male contact female contact multipiece rmdxk10d28 rcdxk1d28 see page 68 see pages 72 & 73 monocrimp rmdx60xxd28 rcdx60xxd28 see page 74 contacts for twisted pairs cable summary contact type contact range contact part number with cable combination cabling notice male contact female contact multipiece rmdxk10d28 + york090 rcdxk1d28 + york090 see page 69 see page 70 monocrimp rmdx60xxd28 rcdx60xxd28 see page 71
46 uts series pcb contacts pcb contacts pcb soldering uts range can be carried out with a wave soldering process, but not refow soldering process. all high temperature processes are prohibited. contact size type part number plating male female #20 ?1mm short version rmw50a7 rcw50a7 = k long version rmw5016 rcw5016 #16 ?1.6mm short version rm20m12e8 rc20m12e8 = k or t long version rm20m12e83 rc20m12e83 rc20m12e84
47 uts series description fibre optic contacts size 16 fibre optic contacts for trim trio ? connectors size 16 fibre optic contacts are optical contacts designed for the integration of optical links in all trim trio ? cable connectors. the fibre optic contacts are designed to accommodate: ? plastic optical fibre (pof) 1 mm core and 2.2 mm jacket ? plastic clad fibre (pcf) 230m core and 2.2 mm jacket ? multimode silica fibre 62.5/125m type 2.0 mm max. jacket ? singlemode silica fibre 9/125m type 2.0 mm jacket typical features and benefits are: ? socket contact is spring loaded to avoid any air gap between the two optical faces. ? low insertion loss is provided by high precision pieces. ? single jumpers, multiway harness and active device housings can be supplied regarding customer requirement. contacts technical characteristics performance ? fibre type: po f/pcf multimode singlemode 62.5/1 25 m 9/1 25 m ? wave length: 650 nm 1 300 nm 1 310 nm ? optical insertion loss (typ.): 2 db max. < 0.5 db < 0.35 db ? jacketed external diameter: 2.2mm 2.0mm max. 2.0mm max. ? t emperature range: -25c to +7 0c -25c to +7 0c -25c to +7 0c ? cable retention: 49n ? m ating cycles without cleaning: 50 ? m ax. mating cycles: 500 construction ? contact body: copper alloy connector accommodation any trim trio ? size 16 contact can be used in any contact position in any connector in the trim trio ? size 16 interconnection system : utp, uts, utg, uto.
48 uts series ordering information pof contacts (plastic optical fibre) male contact r mpof1000 female contact r cpof1000b pcf contacts (plastic clad fibre) male contact r mpcf230 female contact r cpcf230b silica contacts - multimode male contact r mmmofa female contact r cmmofa silica contacts - monomode male contact r msmofa female contact r csmofa pof contact (plastic optical fibre) part numbers descriptions 80wd0005 stripping tool 80wd0025 automatic stripping tool for ? 0.5 mm, 0.6 mm, 0.7 mm & 3.8 mm 80wm0006 ruler 80wp0005 polishing plate 80wp0013 non slip base (to hold the polishing plate) 80wp0014 polishing disk (grain size 9m) 80wp0018 polishing tool 80wp0019 polishing disk (grain size 30m) 80ws0002 crimping plier standard tooling kit - p/n 80ms0004 the standard tooling kit is made of the part numbers below that can be ordered separately as well. part numbers descriptions 80wg0010 needle 80wg0015 capsule 80wg0016 syringe 80wn0005 dry air spray 80wn0006 optical paper 80wn0012 dropping bottle 80wn0008 wiping solvent specific tooling list - can be ordered only separately pcf contact (plastic clad fibre) standard tooling kit - p/n 80mg0039 descriptions stripping tool for ? 2.2 mm kevlar scissors stripping tool for ? 0.25 mm alumina blade polishing tool press ft tool microscope descriptions polishing disk (grain size 9m) polishing disk (grain size 0.3m) curing oven polishing plate non slip base (to hold the polishing plate) glue fibre optic contacts
49 uts series multimode contact - silica standard tooling kit - p/n 80mg0027 the standard tooling kit is made of the part numbers below that can be ordered separately as well. part numbers descriptions 80wc0001 aramid yarn scissors 80wc0003 cutter 80wc0004 alumina blade 80wd0008 stripping tool for ? 0.20 mm 80wd0010 stripping tool for ? 0.25 mm 80WD0014 stripping tool for ? 0.60 mm 80wd0025 automatic stripping tool for ? 0.5 mm, 0.6 mm, 0.7 mm & 3.8 mm 80wm0006 ruler 80wp0005 polishing plate 80wp0013 non slip base (to hold the polishing plate) 80wt0008 curing oven 80wt0009 protective tube part numbers descriptions 80wd0036 stripping tool for ? 0.9 mm & 0.25 mm 80wd0005 stripping tool for ? 2.2 mm & 1.5 mm 80wl0001 microscope x400 80wl0008 microscope adaptor 80wp0025 polishing tool 80ws0002 crimping tool 80wt0005 contact support for polymerisation 80wg0010 needle 80wg0014 glue 80wg0015 capsule 80wg0016 syringe 80wn0005 dry air spray 80wn0006 optical paper 80wn0012 dropping bottle 80wp0014 polishing disk (grain size 9m) 80wp0015 polishing disk (grain size 0.3 m) specific tooling list - can be ordered only separately contacts fibre optic contacts


▲Up To Search▲   

 
Price & Availability of 80WD0014

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X