Part Number Hot Search : 
CA3240E 21256SNF SS15L SG16036A MTN2130 BC317 SI3227 13001
Product Description
Full Text Search
 

To Download 6076-B-2800-B-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   connectors (inlets/outlets) 6076 www.schurter.com/pg0 7 connectors iec appliance inlet c10, screw-on mounting, front side, solder or quick-connect terminal c10 70 c description - panel mount: - screw-on mounting, from front side - appliance inlet, pin temperature 70 c protection class ii - solder terminals or quick connect terminals approvals - vde license number: 40009507 - ul license number: e45115 - csa license number: 27324 references general product informatio n weblinks approval s , roh s , china-roh s , mating connector s , e-stor e , distributor-stock-chec k , accessorie s technical data ratings iec 6 a / 250 vac; 50 hz ratings ul/csa 6 a / 250 vac; 60 hz dielectric strength > 3 kvac between l-n > 1.5 kvac between l/n-pe (1 min/50 hz) allowable operation temp. -25 c to 70 c degree of protection from front side ip 20 acc. to iec 60529 protection class suitable for appliances with protection class 2 acc. to iec 61140 material: housing pa, ul 94v-0 appliance inlet c10 acc. to iec/en 60320-1 ul 498, csa c22.2 no. 42 (for cold conditions) pin-temperature 70 c, 6 a, protection class 2 dimensions 29.5 mm 25.5 17.5 r 3 ? 3.2 +0.2 - 0 +0.2 - 0 29.5 10.9 3 21.3 19.4 17.3 41 32 32 5 25.3 lenght of the terminal please find at the order code configuration table
 connectors (inlets/outlets) 6076 www.schurter.com/pg0 7 connectors config. code product configurato r 6076 | - | h | - | a | b | c | 0- | d | - | e | the characters are placeholders for the correspondingly keys of selections from the key tables. 6076 | - | h | - | a | b | c | 0- | d | - | e | = type type configuration key protection class 2 b 6076 | - | h | - | a | b | c | 0- | d | - | e | = terminals terminal l configuration key short solder terminal (l=4,8mm) 2 long solder terminal (l=8,5mm) 3 blade terminal (4,8x0,8mm) 8 blade terminal (6,3x0,8mm) 9 6076 | - | h | - | a | b | c | 0- | d | - | e | = terminals terminal n configuration key short solder terminal (l=4,8mm) 2 long solder terminal (l=8,5mm) 3 blade terminal (4,8x0,8mm) 8 blade terminal (6,3x0,8mm) 9 symbols similar as in table a 6076 | - | h | - | a | b | c | 0- | d | - | e | = terminals terminal ground configuration key without terminal 0 symbols similar as in table a 6076 | - | h | - | a | b | c | 0- | d | - | e | = color color configuration key jet black; ral9005 a silver grey; ral7001 b pure white; ral9010 d standard color: black 6076 | - | h | - | a | b | c | 0- | d | - | e | = style style configuration key flange with countersunk holes 1 flange with through holes 2 packaging unit 50 pcs mating outlets/connector s category / description plug overview complet e iec connector c9, rewireable appliance internal 301 7 plug further types to 607 6 power cord overview complet e power cord with iec connector c9, straight 301 6 power cord with iec connector c9, angled 901 1 power cord further types to 607 6 the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 6076-B-2800-B-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X