Part Number Hot Search : 
BAV99W 1SV266 GI504 4LC21 VRA24 2E474J LB194 T312007
Product Description
Full Text Search
 

To Download 4140A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pomona ? all dimensions are in inches. tolerances (except noted): .xx = .02? (,51 mm), .xxx = .005? (,127 mm). all specifications are to the latest revisions. specifications are subject to change without notice. registered trademarks are the property of their respective companies. made in usa 4 / 16 / 02 pomona access 90220 (800) 444 - 6785 or (949) 253 - 3858 sy/eh/ls more drawings available at www.pomonaelectronics.com t: \ release \ datasheets \ flukedatasheet \ flukedatasheet \ dip_clips_4386_2_01.doc page 1 of 2 dip clips? for 8 - 14 - 16 - 20 - 24 - 40 pin clips and 8 through 40 pin dip removers sales: 909 - 469 - 2900 fax: 909 - 629 - 3317 technical assistance: 800 - 241 - 2060 pomona dip clip? test clips are designed for testing dual - in - line ic packages on pc boards. these devices incorporate many built - in features that assure a positive electrical connection as well as hands free testing. contacts (.040" wide on lower end) ar e serrated for the best electrical contact. .025" x .028" serrated test points on upper end will accept wire wraps or mini test clips. molded barriers between contacts allows live board connections without accidental shorting of contacts. can also be used as an insertion tool for dips. contacts are spring tempered nickel silver or gold plated beryllium copper alloy. oxide penetrating clips have a roughened stainless steel surface treatment. open back option allows probing on the chip leads while clip is at tached. pomona's dip clip? test clips are perfect for emulation, field service, failure analysis, and for use with logic analyzers. size pins clip width standard dip clip? open back dip clip? contact material and plating oxide penetrating dip clip? static control dip remover 8 .43 5108 5208 be - cu, gold plate 5649 5016 5014 5114 nickel silver 5650 5016 14 .72 5214 5314 be - cu, gold plate 5650 5016 3916a 4236a nickel silver 5692 5016 16 .83 5116 5216 be - cu, gold pl ate 5692 5016 20 1.03 5120 5220 be - cu, gold plate 5693 5016 4124a 4324a nickel silver 5694 5024 24 1.22 5124 5224 be - cu, gold plate 5694 5024 4140A 4340a nickel silver 5695 5040 40 2.02 5140 5240 be - cu, gold plate 5 695 5040
pomona ? all dimensions are in inches. tolerances (except noted): .xx = .02? (,51 mm), .xxx = .005? (,127 mm). all specifications are to the latest revisions. specifications are subject to change without notice. registered trademarks are the property of their respective companies. made in usa 4 / 16 / 02 pomona access 90220 (800) 444 - 6785 or (949) 253 - 3858 sy/eh/ls more drawings available at www.pomonaelectronics.com t: \ release \ datasheets \ flukedatasheet \ flukedatasheet \ dip_clips_4386_2_01.doc page 2 of 2 dip clips? for 8 - 14 - 16 - 20 - 24 - 40 pin clips and 8 through 40 pin dip removers sales: 909 - 469 - 2900 fax: 909 - 629 - 3317 technical assistance: 800 - 241 - 2060 features: for use with 14 or 16 dual - in - line i.c. packages. materials: insulation: glass filled nylon. color: red. hinge pin: stainless steel 302, passivated per qq - p - 35. ratings: operating temperature: +102c. (+216f.) max. order ing information: model 4386


▲Up To Search▲   

 
Price & Availability of 4140A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X