Part Number Hot Search : 
1233G0 LC02VS8 MUR160 SDT96306 309UA250 TLS346S 170M4058 P76A6115
Product Description
Full Text Search
 

To Download 3315Y-001-006L12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features miniature package for design exibility long operating life conductive plastic element bushing or pc board mount quadrature output rohs compliant* 3315 - 9 mm square sealed incremental encoder *rohs directive 2002/95/ec jan. 27, 2003 including annex and rohs recast 2011/65/eu june 8, 2011. speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. electrical characteristics output .................................................................................. 2-bit quadrature code, channel a leads channel b electrically turning clockwise (cw) closed circuit resistance ..................................................................................................... ..........................................................5 ohms maximum contact rating ............................................................................................................................... ............................................ ttl compatible loads insulation resistance (500 vdc) ............................................................................................... ........................................1,000 megohms minimum dielectric withstanding voltage sea level ................................................................................................................ ..................................................................900 vac minimum electrical travel ............................................................................................................. ............................................................................ continuous contact bounce ................................................................................................................ .................................................... 5 milliseconds maximum rpm (operating) ............................................................................................................... ....................................................................120 maximum environmental characteristics operating temperature range .........................................................................................................................-40 ? to +125 ? (-40 ? to +257 ?) storage temperature range ..................................................................................................... ....................... -55 ? to +125 ? (-67 ? to +257 ?) humidity ...................................................................................................................... .............................. mil-std-202, method 103b, condition b vibration ..................................................................................................................... ..........................................................................................30 g contact bounce ........................................................................................................... ...................................................5.0 millisecond maximum shock ......................................................................................................................... ........................................................................................100 g contact bounce ........................................................................................................... ...................................................5.0 millisecond maximum rotational life ............................................................................................................... ...................................................... 100,000 cycles @ 6 ppr 25,000 cycles @ 16 ppr ip rating ..................................................................................................................... ......................................................................................... ip 67 mechanical characteristics mechanical angle .............................................................................................................. ...............................................................360 ?continuous running torque ............................................................................................................... ..........................................3.53 n-cm (5 oz.-in.) maximum mounting torque plastic bushing .......................................................................................................... ........................................45.19 n-cm (4.0 lb.-in.) maximum metal bushing ............................................................................................................................... ..........................79 n-cm (7.0 lb.-in.) maximum weight ........................................................................................................................ ...................................................................... 4.5 gm (0.15 oz.) terminals ..................................................................................................................... ........................................................................solderable pins soldering condition manual soldering ..................................... 96.5sn/3.0ag/0.5cu solid wire or no-clean rosin cored wire; 370 ? (700 ?) max. for 3 seconds wave soldering .............................................................. 96.5sn/3.0ag/0.5cu solder with no-clean ux; 260 ? (500 ?) max. for 5 seconds wash processes ..............................................for recommended wash processes, please refer to http://w ww.bourns.com/pdfs/sldclen.pdf marking ............................................................................................................................... ..manufacturers trademark, part number, and date code hardware .................................... one lockwasher and one mounting nut are shipped with each encoder, except where no ted in the part number. suggested incremental control diagram quadrature output table 5 ms delay debounce (mc 14490) 9 7 magnitude (customer logic circuitry) decode logic up/down counter direction binary output channel a channel b channel c cw ccw *rohs compliant
speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. 3315 - 9 mm square sealed incremental encoder how to order 3315 y - 0 0 1 - 006 l model number designator 3315 = 9 mm encoder terminal style designator c = in-line straight terminals side exit r = in-line terminals rear exit p = 5.08 mm x 2.54 mm triangular pattern rear exit y = 5.08 mm x 5.08 mm triangular pattern rear exit shaft end designator 0 = shaft end slotted 1 = shaft end flatted shaft length designator 0 = 12.7 mm fms long plastic shaft (available w/bushing only) 1 = 19.05 mm fms long plastic shaft (available w/bushing only) 2 = 5.59 mm fms (bushingless version only) bushing designator 1 = 6.35 mm x 6.35 mm plastic 2 = 6.35 mm x 6.35 mm ni plated brass 5 = bushingless (board level) pulses per revolution code 006 = 6 ppr 016 = 16 ppr rohs identi er l = compliant
a a a a c c c c b b b b a c b common dimensions 3315-001 plastic bushing slotted shaft common dimensions 3315c-101 plastic flatted shaft 3315c-001 3315y-001 3315p-001 3315r-001 9.53 ?.25 (.375 ?.010) 9.53 ?.25 (.375 ?.010) 9.53 ?.25 (.375 ?.010) 9.53 ?.25 (.375 ?.010) 9.53 ?.25 (.375 ?.010) .391 ?.38 (.154 ?.015) 9.53 ?.25 (.375 ?.010) 5.97 ?.89 (.235 ?.035) 2.54 ?.25 (.100 ?.010) 2.54 ?.25 (.100 ?.010) 2.54 ?.25 (.100 ?.010) 2.54 ?.38 (.100 ?.015) mounting surface 4.83 (.190) 2.39 (.094) 5.08 ?.25 (.200 ?.010) 5.97 ?.89 (.235 ?.035) 2.54 ?.25 (.100 ?.010) 2.54 ?.25 (.100 ?.010) 2.54 ?.25 (.100 ?.010) 2.54 ?.25 (.100 ?.010) 2.54 ?.25 (.100 ?.010) 2.54 ?.25 (.100 ?.010) 5.97 ?.89 (.235 ?.035) 5.97 ?.89 (.235 ?.035) 2.54 ?.25 (.100 ?.010) .51 ?.05 (.020 ?.002) solder plated copper pins dia. 3.18 ?.05 (.125 ?.002) dia. .64 ?.10 (.025 ?.004) wide .76 ?.25 (.030 ?.010) deep x .51 (.020) 4 places dia. mounting surface 4.78 (.188) 7.62 (.300) .38 (.015) min. standoff .76 ?.05 x .76 (.030 ?.002 x .030) anti-rotation boss high r 6.35 ?.08 (.250 ?.003) mounting dia. 4.83 ?.25 (.190 ?.010) 4.83 ?.38 (.190 ?.015) 6.35 ?.08 (.250 ?.003) mounting dia. 12.70 ?.64 (.500 ?.025) from mounting surface 5.18 ?.38 (.204 ?.015) 12.70 ?.64 (.500 ?.025) adjustment slot 4.75 (.187) min. full thread 6.35 (.250) .38 (.015) min. standoff 1/4-32 unef-2a threaded plastic bushing mounting surface mounting hole pattern 1.70 ?0.03 (.067 ?.001) dia. 6.53 ?0.03 (.257 ?.001) dia. 4.78 (.188) dimensions: mm (inches) 3315 - 9 mm square sealed incremental encoder product dimensions speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications.
speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. 3312 - 2 mm smd trimming potentiometer 3315p-101 a c b 2.54 ?.25 (.100 ?.010) 2.54 ?.25 (.100 ?.010) 2.54 ?.25 (.100 ?.010) 2.54 ?.25 (.100 ?.010) 2.54 ?.25 (.100 ?.010) 2.54 ?.25 (.100 ?.010) 2.54 ?.25 (.100 ?.010) 5.97 ?.89 (.235 ?.035) 4.83 ?.38 (.190 ?.015) 3315r-101 3315y-101 c a b c a b 2.54 ?.25 (.100 ?.010) 2.54 ?.38 (.100 ?.015) 5.08 ?.25 (.200 ?.010) 5.97 ?.89 (.235 ?.035) 5.97 ?.89 (.235 ?.035) common dimensions 3315-002 metal bushing 9.53 ?.25 (.375 ?.010) 9.53 ?.38 (.375 ?.015) .51 ?.05 (.020 ?.002) solder plated copper pins dia. 2.54 ?.25 (.100 ?.010) 2.54 ?.25 (.100 ?.010) 5.97 ?.89 (.235 ?.035) 1/4-32 unef-2a threaded plastic bushing mounting surface .38 (.015) min. standoff 6.35 ?.08 (.250 ?.003) mounting dia. 3.18 ?.05 (.125 ?.002) dia. 6.35 (.250) .76 (.029) 12.70 ?.64 (.500 ?.025) 5.11 ?.25 (.201 ?.010) 6.35 ?.64 (.250 ?.025) .64 ?.10 (.025 ?.004) wide .76 ?.25 (.030 ?.010) deep x adjustment slot .76 ?.05 x .97 (.030 ?.002 x .038) anti-rotation boss high r dia. mounting surface 7.62 (.300) .38 (.015) min. standoff .76 (.030) 2 plcs. 3315c-002 5.6 ?.51 (.220 ?.020) a c b 3315p-002 3315r-002 3315y-002 a c b a c b a c b 2.54 ?.38 (.100 ?.015) 2.54 ?.38 (.100 ?.015) 5.08 ?.38 (.200 ?.015) 4.83 ?.38 (.190 ?.015) 5.97 ?.89 (.235 ?.035) 5.97 ?.89 (.235 ?.035) 3315 - 9 mm square sealed incremental encoder product dimensions dimensions: mm (inches)
speci cations are subject to change without notice. customers should verify actual device performance in their speci c applications. 3312 - 2 mm smd trimming potentiometer 3315 - 9 mm square sealed incremental encoder product dimensions bushingless 3315p-025 bushingless 3315y-025 9.53 ?.25 (.375 ?.010) 9.53 ?.25 (.375 ?.010) 9.53 ?.25 (.375 ?.010) a c b a c b 2.54 ?.25 (.100 ?.010) 2.54 ?.38 (.100 ?.015) 7.62 ?.20 (.300 ?.008) 2.54 ?.25 (.100 ?.010) 2.54 ?.25 (.100 ?.010) 2.54 ?.25 (.100 ?.010) 5.97 ?.89 (.235 ?.035) 5.97 ?.89 (.235 ?.035) 5.08 ?.25 (.200 ?.010) .51 ?.05 (.020 ?.002) solder plated copper pins dia. dia. 3.18 ?.05 (.125 ?.002) 5.59 ?.38 (.220 ?.015) 5.59 ?.38 (.220 ?.015) dia. 6.35 ?.20 (.250 ?.008) dia. .51 ?.05 (.020 ?.002) solder plated copper pins dia. 2.54 ?.25 (.100 ?.010) .38 (.015) min. standoff .38 (.015) min. standoff .64 ?.10 (.025 ?.004) wide .76 ?.25 (.030 ?.010) deep x adjustment slot 5.18 ?.64 (.204 ?.025) 5.18 ?.64 (.204 ?.025) .51 ?.10 (.020 ?.004) 4.83 ?.38 (.190 ?.015) .38 (.015) min. standoff .38 (.015) min. standoff dimensions: mm (inches) rev. 10/12


▲Up To Search▲   

 
Price & Availability of 3315Y-001-006L12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X