Part Number Hot Search : 
40N60 2SC1324 400JL6 ESD7321 16F16 1N4739AW S1205 MA4AGSW
Product Description
Full Text Search
 

To Download 2SA2012-TD-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d0413 tkim tc-00003071/40710ea tkim/21400ts (koto) ta-2520 no.6306-1/5 http://onsemi.com semiconductor components industries, llc, 2013 december, 2013 2sa2012 bipolar transistor ? 30v, ? 5a, low v ce ( sat ) pnp single pcp stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliabili ty. applicaitons ? relay drivers, lamp drivers, motor drivers, ash features ? adoption of mbit processes ? large current capacity ? low collector to emitter saturation voltage ? ultrasmall-sized package permitting applied sets to be made small and slim ? high allowable power dissipation speci cations absolute maximum ratings at ta=25c parameter symbol conditions ratings unit collector to base voltage v cbo --30 v collector to emitter voltage v ceo --30 v emitter to base voltage v ebo -- 5 v collector current i c -- 5 a collector current (pulse) i cp -- 8 a continued on next page. package dimensions unit : mm (typ) 7007b-004 ordering number : en6306b product & package information ? package : pcp ? jeita, jedec : sc-62, sot-89, to-243 ? minimum packing quantity : 1,000 pcs./reel packing type: td marking electrical connection td 1 : base 2 : collecto r 3 : emitter pcp 2.5 4.0 1.0 1.5 0.5 0.4 3.0 4.5 1.6 0.4 123 1.5 0.75 top view bottom view 2SA2012-TD-E as lot no. 2 3 1
2sa2012 no.6306-2/5 continued from preceding page. parameter symbol conditions ratings unit base current i b --600 ma collector dissipation p c when mounted on ceramic substrate (250mm 2 0.8mm) 1.3 w tc=25 c 3.5 w junction temperature tj 150 c storage temperature tstg --55 to +150 c electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max collector cutoff current i cbo v cb =--30v, i e =0a --0.1 a emitter cutoff current i ebo v eb =--4v, i c =0a --0.1 a dc current gain h fe v ce =--2v, i c =--500ma 200 560 gain-bandwidth product f t v ce =--10v, i c =--500ma 350 mhz output capacitance cob v cb =(--)10v, f=1mhz 30 pf collector to emitter saturation voltage v ce (sat)1 i c =--1.5a, i b =--30ma --140 --210 mv v ce (sat)2 i c =--2.5a, i b =--125ma --170 --260 mv base to emitter saturation voltage v be (sat) i c =--1.5a, i b =--30ma --0.83 --1.2 v collector to base breakdown voltage v (br)cbo i c =--10 a, i e =0a --30 v collector to emitter breakdown voltage v (br)ceo i c =--1ma, r be = --30 v emitter to base breakdown voltage v (br)ebo i e =--10 a, i c =0a --5 v turn-on time t on see speci ed test circuit. 50 ns storage time t stg 270 ns fall time t f 25 ns switching time test circuit ordering information device package shipping memo 2SA2012-TD-E pcp 1,000pcs./reel pb free + + 50 input output v r r b 24 v cc = --12v 100 f 470 f v be =5v pw=20 s i b1 i b2 d.c. 1% i c =20i b1 = --20i b2 = --500ma
2sa2012 no.6306-3/5 i c -- v ce collector current, i c -- a collector to emitter voltage, v ce -- v h fe -- i c collector current, i c -- a dc current gain, h fe f t -- i c gain-brandwidth product, f t -- mhz collector current, i c -- a -- 5 -- 4 -- 3 -- 2 -- 1 0 0 --0.2 --0.4 --0.6 --0.8 --1.0 --10ma --20ma --30ma --40ma --50ma --60ma --70ma --80ma --90ma --100ma i b =0ma it00134 ta=75 c 25 c --25 c 1000 100 7 5 3 2 7 5 3 2 10 --0.01 3 25 -- 1 0 -- 0 . 1 73 257 3 257 -- 1 . 0 v ce =--2v it00138 7 3 100 10 2 5 1000 7 5 3 2 --0.01 257 7 7 3 -- 0 . 1 25 325 3 --1.0 --10 57 it00148 v ce =--10v i c -- v be base to emitter voltage, v be -- v collector current, i c -- a ta=75 c 25 c --25 c v ce =--2v -- 5 . 0 -- 4 . 5 -- 4 . 0 -- 3 . 5 -- 3 . 0 -- 2 . 5 -- 2 . 0 -- 1 . 0 -- 0 . 5 -- 1 . 5 0 0 --0.2 --0.4 --0.6 --0.8 --1.4 -- 1 . 0 -- 1 . 2 it00136 collector to base voltage, v cb -- v output capacitance, cob -- pf cob -- v cb 5 3 2 7 5 3 2 7 5 3 2 100 10 7 -- 0 . 1 23 5 7 57 23 5 5 23 --1.0 --10 it00146 f=1mhz v ce (sat) -- i c collector current, i c -- a collector to emitter saturation voltage, v ce (sat) -- mv --1000 --100 2 3 5 7 2 3 5 7 -- 1 0 5 7 --0.01 --0.1 23 57 23 57 23 57 --1.0 --10 ta=75 c 25 c --25 c it00140 i c / i b =20 v ce (sat) -- i c collector current, i c -- a collector to emitter saturation voltage, v ce (sat) -- mv --0.01 --0.1 23 57 23 57 23 57 --1.0 --10 --1000 7 5 3 2 --100 7 5 3 2 -- 1 0 it00141 ta=75 c 25 c --25 c i c / i b =50 v be (sat) -- i c collector current, i c -- a base to emitter saturation voltage, v be (sat) -- v -- 1 0 -- 1 . 0 -- 0 . 1 --0.01 --0.1 --1.0 --10 ta=--25 c 25 c 75 c 7 5 3 2 7 5 3 2 23 57 23 57 23 57 i c / i b =50 it00144
2sa2012 no.6306-4/5 p c -- ta ambient temperature, ta -- c collector dissipation, p c -- w p c -- tc case temperature, tc -- c collector dissipation, p c -- w s o a collector to emitter voltage, v ce -- v collector current, i c -- a it00151 0 2.0 1.5 1.3 1.0 0.5 20 060 40 80 100 140 120 160 when mounted on ceramic substrate (250mm 2 ? 0.8mm) 4.0 0 3.5 3.0 2.0 1.5 1.0 0.5 2.5 20 060 40 80 100 140 120 160 it01532 -- 1 0 -- 1 . 0 --0.01 2 7 5 3 2 7 5 3 2 -- 0 . 1 7 5 3 2 -- 1 . 0 -- 0 . 1 -- 1 0 2 5 3 25 37 25 37 it00150 1ms 10ms 100ms 500 s 100 s dc operation i cp = --8a i c = --5a tc=25 c single pulse
2sa2012 ps no.6306-5/5 on semiconductor and the on logo are registered trademarks of semiconductor components industries, llc (scillc). scillc owns th e rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. a listing of scillc?s product/patent covera ge may be accessed at www.onsemi.com/site/pdf/patent-marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc ass ume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation sp ecial, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different ap plications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life , or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchas e or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiarie s, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the d esign or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws a nd is not for resale in any manner. outline drawing land pattern example 2SA2012-TD-E mass (g) unit 0.058 * for reference mm unit: mm 2.2 1.0 1.8 1.5 0.9 3.7 1.5 3.0 1.0 45 45


▲Up To Search▲   

 
Price & Availability of 2SA2012-TD-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X