Part Number Hot Search : 
06151 AP1512A H50N6 08501 UDN2981A 4040M 11EQS10 D5701
Product Description
Full Text Search
 

To Download 22-27-2041 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/26/2013 please check www.molex.com for latest part information part number: 22-27-2041 status: active overview: kk? interconnection system description: 2.54mm pitch kk? wire-to-board header, vertical, with friction lock, 4 circuits, tin (sn) plating documents: 3d model product specification ps-99020-0088 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 6410 application signal, wire-to-board overview kk? interconnection system product name kk? upc 800753644601 physical breakaway no circuits (loaded) 4 circuits (maximum) 4 color - resin natural (white) first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - metal brass material - plating mating tin material - plating termination tin material - resin nylon net weight 0.460/g number of rows 1 orientation vertical pc tail length 3.56mm pcb locator no pcb retention none pcb thickness - recommended 1.60mm packaging type bag pitch - mating interface 2.54mm pitch - termination interface 2.54mm plating min - mating 5.080m plating min - termination 5.080m polarized to mating part yes polarized to pcb no shrouded partial stackable no surface mount compatible (smc) no temperature range - operating see product specification termination interface: style through hole series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no low-halogen status low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 6410 series mates with kk? crimp terminal housing 2695 , 6471
electrical current - maximum per contact 4a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 235 material info old part number ae-6410-04a(222) reference - drawing numbers product specification ps-99020-0088 sales drawing sdae-6410-n this document was generated on 04/26/2013 please check www.molex.com for latest part information
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: molex: ? 22-27-2041


▲Up To Search▲   

 
Price & Availability of 22-27-2041

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X