Part Number Hot Search : 
IRFD211 17572 HSMS282E PSDS10 OSO5M G208I 17572 74HC2
Product Description
Full Text Search
 

To Download 20-354000-11-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bristol, pa 19007-6810 usa tel (215) 781-9956 ? fax (215) 781-9845 printouts of this document may be out of date and should be considered uncontrolled ? info@arieselec.com www.arieselec.com features ? convenient, cost-effective means of converting dip-to-soic pc board layouts general specifications ? socket body: black, ul 94v-0 glass-filled 4/6 nylon 170c continuous use temperature ? pcb: 0.062 [1.58] thick fr-4 or is410 per ipc4101a/26 with 1-oz. cu traces, both sides finished with enig (immersion au over electroless ni) ? male adaptor pin : brass 360 1/2-hard per uns c36000 astm-b16-00 ? male pin plating: 10 [0.254] min. au per mil-g-45204 over 100 [2.54] min. ni per sae-ams-qq-n-290 ? female contact pin : brass 360 1/2-hard per uns c36000 astm-b16-00 ? female pin plating: 10 [0.254] min. au per mil-g-45204 over 100 [2.54] min. ni per sae-ams-qq-n-290 ? 4-finger collet contact : becu per uns c17200 astm b194-01 ? female contact plating : 10 [0.254] min. au per mil-g-45204 over 50 [1.27] min. ni per sae-ams-qq-n-290 ? contact current rating: 3 amps ? operating temperature: 221f [105c] ? insertion force: 180g/pin; based on a 0.018 [0.46] dia. test lead ? withdrawal force: 90g/pin; based on a 0.018 [0.46] dia. test lead ? normal force: 140g/pin; based on a 0.018 [0.46] dia. test lead ? socket accepts: leads 0.015-0.025 [0.38-0.64] in dia., 0.0100-0.125 [2.54-3.18] long mounting considerations ? suggested pcb solder pad size : 0.028 [0.71] min. width 18009rc rev. aa series 354000 rohs/weee-compliant dip-to-soic adapter p/n suffx dim. x dim. y -11 0.265 [6.73] 0.050 [1.27] -21 0.325 [8.26] 0.110 [2.79] pins dim. a dim.b dim.c dim.d 8 0.400 [10.16] 0.400 [10.16] 0.100 [2.54] 0.125 [3.18] 14 0.700 [17.78] 0.600 [15.24] 0.300 [7.62] 0.225 [5.72] 16 0.800 [20.32] 0.700 [17.78] 0.350 [8.89] 0.225 [5.72] 20 1.000 [25.40] 0.900 [22.86] 0.450 [11.43] 0.275 [6.99] 24 1.200 [30.48] 1.100 [27.94] 0.550 [13.97] 0.325 [8.26] 28 1.400 [35.56] 1.300 [33.02] 0.650 [16.51] 0.375 [9.53] pins 8,14, 16, 20, 24, 28 series ordering information xx - 354000 - x1 - rc plating au pin rohs-compliant adapter pin options (see p/n suffix table) 1 = short adaptor pin 2 = long adaptor pin customization : in addition to the standard products shown on this page, aries specializes in custom design and production. special materials, platings, sizes, and configurations can be furnished, depending on the quantity. note : aries reserves the right to change product general specifications without notice. all dimensions: inches [millimeters] all tolerances: 0.005 [0.13] unless otherwise specified a = no. of pins per row x 0.100 [2.54] b = (no. of pins per row -1) x 0.100 [2.54] consult factory for other sizes and configurations


▲Up To Search▲   

 
Price & Availability of 20-354000-11-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X