Part Number Hot Search : 
BZQ55CXX K1149DAD LTC2123 215005 MTD800 X9421WS NTE2340 C502J1N2
Product Description
Full Text Search
 

To Download 15KP100A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  v r : 12 - 240 volts p pk : 15,000 watts excellent clamping capability fast response time low zener impedance low leakage current case : molded plastic epoxy : ul94v-o rate flame retardant lead : axial lead solderable per mil-std-202, method 208 guaranteed polarity : cathode polarity band mounting position : any weight : 2.73 grams maximum ratings rating at 25 c ambient temperature unless otherwise specified. rating symbol value unit peak pulse power dissipation (10x1000m s, see fig.1 ) p pk 15,000 watts steady state power dissipation p d 7.0 watts peak forward surge current, 8.3ms single half sine wave (uni-directional devices only) operating and storage temperature range t j , t stg - 55 to + 150 c this pulse is a standard test waveform used for protection devices. fig. 1 i fsm 200 amps. t1 x 1.25 = 10m s 1000m s 0.1 ipp 0.5 ipp 0.9 ipp ipp (peak value) time current 0.053 (1.35) 0.050 (1.27) 0.250 (6.4) 0.235 (6.0) ar - l dimensions in inches and ( millimeter ) 1.00 (25.4) min. 0.410 (10.4) 0.380 (9.7) 15kp series transient voltage supperssor features mechanical data http://www.luguang.cn mail:lge@luguang.cn
electrical characteristics rating at 25 c ambient temperature unless otherwise specified reverse breakdown maximum maximum maximum max. voltage part part stand off voltage @ i t reverse leakage clamping peak pulse temperature number number voltage @ v r voltage @ i pp current variation (uni-directional) (bi-directional) v r v br (v) i t i r v c i pp of v br (v) min. (ma) ( m a) (v) (a) (mv/ c) 15kp12 15kp12c 12 13.3 50.0 10,000 22.0 658 12 15kp12a 15kp12ca 12 13.3 50.0 10,000 19.9 725 12 15kp13 15kp13c 13 14.4 50.0 10,000 23.8 607 13 15kp13a 15kp13ca 13 14.4 50.0 10,000 21.5 669 13 15kp14 15kp14c 14 15.6 50.0 8,000 25.8 564 14 15kp14a 15kp14ca 14 15.6 50.0 8,000 23.2 622 14 15kp15 15kp15c 15 16.7 50.0 8,000 26.9 526 16 15kp15a 15kp15ca 15 16.7 50.0 8,000 24.4 580 16 15kp16 15kp16c 16 17.8 50.0 8,000 28.8 493 19 15kp16a 15kp16ca 16 17.8 50.0 8,000 26.0 544 17 15kp17 15kp17c 17 18.9 50.0 5,000 32.2 464 19 15kp17a 15kp17ca 17 18.9 50.0 5,000 29.3 512 17 15kp18 15kp18c 18 20.0 50.0 5,000 34.2 439 20 15kp18a 15kp18ca 18 20.0 50.0 5,000 30.9 485 18 15kp20 15kp20c 20 22.2 20.0 1,500 37.9 396 24 15kp20a 15kp20ca 20 22.2 20.0 1,500 34.3 437 21 15kp22 15kp22c 22 24.4 10.0 500 41.1 365 27 15kp22a 15kp22ca 22 24.4 10.0 500 37.1 404 24 15kp24 15kp24c 24 26.7 5.0 150 45.0 333 30 15kp24a 15kp24ca 24 26.7 5.0 150 40.7 369 27 15kp26 15kp26c 26 28.9 5.0 50 48.7 308 32 15kp26a 15kp26ca 26 28.9 5.0 50 44.0 341 29 15kp28 15kp28c 28 31.1 5.0 25 52.4 286 35 15kp28a 15kp28ca 28 31.1 5.0 25 47.5 316 31 15kp30 15kp30c 30 33.3 5.0 15 56.2 267 37 15kp30a 15kp30ca 30 33.3 5.0 15 50.7 296 33 15kp33* 15kp33c 33 36.7 5.0 10 60.6 248 42 15kp33a* 15kp33ca 33 36.7 5.0 10 54.8 274 38 15kp36* 15kp36c* 36 40.0 5.0 10 66.0 227 46 15kp36a* 15kp36ca* 36 40.0 5.0 10 59.7 251 41 15kp40* 15kp40c 40 44.4 5.0 10 72.8 206 51 15kp40a* 15kp40ca 40 44.4 5.0 10 65.8 228 46 15kp43 15kp43c 43 47.8 5.0 10 77.1 195 55 15kp43a 15kp43ca 43 47.8 5.0 10 69.7 215 50 15kp45 15kp45c 45 50.0 5.0 10 80.7 186 57 15kp45a 15kp45ca 45 50.0 5.0 10 73.0 205 52 15kp48* 15kp48c* 48 53.3 5.0 10 85.9 175 62 15kp48a* 15kp48ca* 48 53.3 5.0 10 77.7 193 56 15kp51 15kp51c 51 56.7 5.0 10 91.5 164 66 15kp51a 15kp51ca 51 56.7 5.0 10 82.5 181 60 15kp54 15kp54c 54 60.0 5.0 10 96.8 155 70 15kp54a 15kp54ca 54 60.0 5.0 10 87.5 171 63 15kp58 15kp58c 58 64.4 5.0 10 104 144 76 15kp58a 15kp58ca 58 64.4 5.0 10 94 160 68 15kp60 15kp60c 60 66.7 5.0 10 107 140 78 15kp60a 15kp60ca 60 66.7 5.0 10 97.3 154 70 15kp64 15kp64c 64 71.1 5.0 10 115 130 84 15kp64a 15kp64ca 64 71.1 5.0 10 104 144 76 15kp70 15kp70c* 70 77.8 5.0 10 126 119 92 15kp70a 15kp70ca* 70 77.8 5.0 10 114 132 83 15kp series transient voltage supperssor http://www.luguang.cn mail:lge@luguang.cn
electrical characteristics rating at 25 c ambient temperature unless otherwise specified reverse breakdown maximum maximum maximum max. voltage part part stand off voltage @ i t reverse leakage clamping peak pulse temperature number number voltage @ v r voltage @ i pp current variation (uni-directional) (bi-directional) v r v br (v) i t i r v c i pp of v br (v) min. (ma) ( m a) (v) (a) (mv/ c) 15kp75 15kp75c 75 83.3 5.0 10 135 111 100 15kp75a 15kp75ca 75 83.3 5.0 10 122 123 89 15kp78 15kp78c 78 86.7 5.0 10 140 107 104 15kp78a 15kp78ca 78 86.7 5.0 10 126 119 93 15kp85 15kp85c 85 94.4 5.0 10 152 99 113 15kp85a 15kp85ca 85 94.4 5.0 10 137 109 102 15kp90 15kp90c 90 100 5.0 10 160 94 120 15kp90a 15kp90ca 90 100 5.0 10 146 103 110 15kp100 15kp100c 100 111 5.0 10 179 84 134 15KP100A 15kp100ca 100 111 5.0 10 162 93 123 15kp110 15kp110c 110 122 5.0 10 196 77 147 15kp110a 15kp110ca 110 122 5.0 10 178 84 133 15kp120 15kp120c 120 133 5.0 10 214 70 161 15kp120a 15kp120ca 120 133 5.0 10 193 78 146 15kp130 15kp130c 130 144 5.0 10 231 65 174 15kp130a 15kp130ca 130 144 5.0 10 209 72 158 15kp150 15kp150c 150 167 5.0 10 268 56 202 15kp150a 15kp150ca 150 167 5.0 10 243 62 184 15kp160 15kp160c 160 178 5.0 10 287 52 216 15kp160a 15kp160ca 160 178 5.0 10 259 58 196 15kp170 15kp170c 170 189 5.0 10 304 49 229 15kp170a 15kp170ca 170 189 5.0 10 275 55 208 15kp180 15kp180c 180 200 5.0 10 321 47 242 15kp180a 15kp180ca 180 200 5.0 10 287 52 220 15kp200 15kp200c 200 222 5.0 10 356 42 296 15kp200a 15kp200ca 200 222 5.0 10 325 46 274 15kp220 15kp220c 220 245 5.0 10 393 38 297 15kp220a 15kp220ca 220 245 5.0 10 347 43 273 15kp240 15kp240c 240 267 5.0 10 428 35 324 15kp240a 15kp240ca 240 267 5.0 10 387 39 300 note: suffix " a " denotes 5% tolerance device , no suffix denotes a 10% tolerance device. * prefered voltages. fig. 2 - peak pulse power vs. pulse time fig. 3 - typical capacitance vs. breakdown voltage td pulse time - sec pp peak pulse power - kw 100ns 1 m s 10 ms 100 m s 1ms 10ms 1.0 10 100 1,000 10,000 c - capacitance (pf) 1,000 10 1 1v 10v 100v 1,000v v br - breakdown voltage - volts measued at stad-off voltage 15kp series transient voltage supperssor http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of 15KP100A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X