Part Number Hot Search : 
AN7362 73J25P SA57608 SC94516 ADV473 2SD1012 TFS70S VIPER50B
Product Description
Full Text Search
 

To Download ZM2BG91W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.sunled.com published date : feb 27,2008 drawing no : sdsa6430 v1 checked : b.l.liu p.1/4 part number: ZM2BG91W 4.0x3.0mm right angle smd chip led lamp part number emitting color emitting material lens-color luminous intensity (if=20ma) mcd wavelength nm p viewing angle 2 1/2 min. typ. ZM2BG91W blue ingan water clear 480 995 525 90 notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.2(0.008") unless otherwise noted. 3.specifications are subjec t to change without no- features z 4.0mmx3.0mm right angle smt led, 2.65mm thickness. z low power consumption. z wide viewing angle. z ideal for backlight and indicator. z package :500pcs / reel. z moisture sensitivity level : level 4. z rohs compliant. preliminary spec m2bg (ingan) unit forward voltage (typ.) (i f =20ma) v f 3.2 v forward voltage (max.) (i f =20ma) v f 3.7 v reverse current (max.) (v r =5v) i r 10 ua wavelength of peak emission (typ.) (i f =20ma) p 525 nm wavelength of dominant emission (typ.) (i f =20ma) d 535 nm spectral line full width at half-maximum (typ.) (i f =20ma) ? 39 nm capacitance (typ.) (v f =0v, f=1mhz) c 65 pf operating characteristics (t a =25c ) absolute maximum ratings (t a =25c ) m2bg (ingan) unit reverse voltage v r 5 v forward current i f 30 ma forward current (peak) 1/10 duty cycle 0.1ms pulse width i fs 100 ma power dissipation p t 111 mw operating temperature t a -40 ~ +85 c storage temperature tstg -40 ~ +85 electrostatic discharge threshold (hbm) 1000 v attention observe precautions for handling electrostatic discharge sensitive devices
www.sunled.com published date : feb 27,2008 drawing no : sdsa6430 v1 checked : b.l.liu p.2/4 part number: ZM2BG91W 4.0x3.0mm right angle smd chip led lamp ? m2bg
www.sunled.com published date : feb 27,2008 drawing no : sdsa6430 v1 checked : b.l.liu p.3/4 part number: ZM2BG91W 4.0x3.0mm right angle smd chip led lamp ? tape specification (units : mm) ? recommended soldering pattern (units : mm;tolerance: 0.1) ? the device has a single mounting surface. the device must be mounted according to the specifica- remarks: if special sorting is required (e.g. binn ing based on forward voltage, luminous intensity / luminous flux, or wavelength), the typical accuracy of the so rting process is as follows: 1. wavelength: +/-1nm 2. luminous intensity / luminous flux: +/-15% 3. forward voltage: +/-0.1v note: accuracy may depend on the sorting parameters.
www.sunled.com published date : feb 27,2008 drawing no : sdsa6430 v1 checked : b.l.liu p.4/4 part number: ZM2BG91W 4.0x3.0mm right angle smd chip led lamp packing & label specifications ZM2BG91W


▲Up To Search▲   

 
Price & Availability of ZM2BG91W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X