Part Number Hot Search : 
STV2112B SDA316A L6208 MAX2034 0101A ER208 TFB3869 X1N2822B
Product Description
Full Text Search
 

To Download WRB2415YD-8W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  wra-yd-8w&wrb-yd-8w wra-yd-8w&wrb-yd-8w series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 1 of 4 selection selection guide guide order code input voltage range output voltage output current max. e f ficiency typ. wrb0503yd-2000 4.5 C 9 vd c 3.3vdc 2000m a 80% wrb0503yd-2400 4.5 C 9 vd c 3.3vdc 2 4 00m a 8 2 % wrb0505yd-8w 4.5 C 9 vd c 0 5vdc 1500m a 83% wrb0512yd-8w 4.5 C 9 vd c 12vdc 665ma 88% wrb0515yd-8w 4.5 C 9 vd c 15vdc 535ma 87% wra0505yd-8w 4.5 C 9 vd c 0 5vdc 800ma 83% wra0512yd-8w 4.5 C 9 vd c 12vdc 335ma 87% wra0515yd-8w 4.5 C 9 vd c 15vdc 265ma 85% wrb1203yd-2000 9 C 18vd c 3.3vdc 2000m a 80% wrb1203yd-2400 9 C 18vd c 3.3vdc 2 4 00m a 8 1 % wrb1205yd-8w 9 C 18vd c 0 5vdc 1500m a 83% wrb1212yd-8w 9 C 18vd c 12vdc 665ma 88% wrb1215yd-8w 9 C 18vd c 15vdc 535ma 87% wra1205yd-8w 9 C 18vd c 0 5vdc 800ma 83% wra1212yd-8w 9 C 18vd c 12vdc 335ma 87% wra1215yd-8w 9 C 18vd c 15vdc 265ma 85% wrb2403yd-2000 18 C 36vd c 3.3vdc 2000m a 80% wrb2403yd-2400 18 C 36vd c 3.3vdc 2 4 00m a 8 3 % wrb2405yd-8w 18 C 36vd c 0 5vdc 1500m a 83% wrb2412yd-8w 18 C 36vd c 12vdc 665ma 86% WRB2415YD-8W 18 C 36vd c 15vdc 535ma 85% wra2405yd-8w 18 C 36vd c 0 5vdc 800ma 82% wra2412yd-8w 18 C 36vd c 12vdc 335ma 86% wra2415yd-8w 18 C 36vd c 15vdc 265ma 85% wrb4803yd-2000 36 C 75vd c 3.3vdc 2000m a 80% wrb4803yd-2400 36 C 75vd c 3.3vdc 2 4 00m a 8 4 % wrb4805yd-8w 36 C 75vd c 0 5vdc 1500m a 83% wrb4812yd-8w 36 C 75vd c 12vdc 665ma 86% wrb4815yd-8w 36 C 75vd c 15vdc 535ma 86% wra4805yd-8w 36 C 75vd c 0 5vdc 800ma 85% wra4812yd-8w 36 C 75vd c 12vdc 335ma 87% wra4815yd-8w 36 C 75vd c 15vdc 265ma 87% *input voltage can t exceed this value,or will cause the permanent damage. model model selection selection wrb wrb 24 24 15 15 y y d d - - 8 8 w w product series input voltage output voltage wide (2:1) input range dip 24 package style rated power microdc r eserves the copyright 8 w, wide input, isolated & regulated dual/single output dc-dc converter features features dip - 24 package with industry stand ard footprint wide 2:1 input voltage range input f ilter meets en 55022,class a extended operating temperature range: -40 85 remote on/off shielded metal case with insulated baseplate lead free design, rohs compliant 3 year product warranty applications applications the wra-yd-8w&wrb-yd-8w wra-yd-8w&wrb-yd-8w series is a family of high performance 8w dc/dc converter modules featuring wide 2:1 input voltage ranges in a di p -24 package with industry standard footprint. a very high e f ficiency allows an operating temperature range of C 40 c to +85 c. a built-in emi input f ilter complies with en 55022, class a with external components. further standard features include remote on/off and short-circuit protection. typical applications for these converters are battery operated equipment, instrumentation, communication and industrial electronics, everywhere where isolated,tightly regulated voltages are required and space is limited on the pcb.
wra-yd-8w&wrb-yd-8w wra-yd-8w&wrb-yd-8w series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 2 of 4 input input specifications specifications input current (no load) 05 vin models: 2 5 ma typ. 12 vin models: 20 ma typ. 24 vin models: 15 ma typ. 48 vin models: 10 ma typ. input current (full load) 05 vin; 3.3 v out models: 20 00 ma typ. 05 vin; other output models: 160 0 ma typ. 12 vin; 3.3 v out models: 700 ma typ. 12 vin; other output models: 820 ma typ. 24 vin; 3.3 vout models: 350 ma typ. 24 vin; other output models: 400 ma typ 48 vin; 3.3 vout models: 170 ma typ. 48 vin; other output models: 200 ma typ. surge voltage (100 msec. max.) 12 vin models: 36 v max. 24 vin models: 50 v max. 48 vin models: 100 v max. conducted noise (input) en 55022 level a, fcc part 15, level a esd (input) en 61000-4-2, perf. criteria b fast transient (input) en 61000-4-4, perf. criteria b surge (input) en 61000-4-5, perf. criteria b output output specifications specifications voltage set accuracy 2 % regulation C input variation vin min. to vin ma x 0.2 % max. C load variation 25 C 100 % single output models: 1 % max. dual output models: 1 % max. C load cross variation 25 % / 100 % 5 % max. temperature coefficient 0.02 % /k ripple and noise (20 mhz bandwidth) 50 mvpk-pk max. start up time (nominal vin and constant 600 ms typ . transient response(25% load step change) 200 s typ . short circuit protection continuous (automatic recovery) over load protection 150% of i out max typ. foldback minimum load (only for dual output models) 10% of rated max current (operation at lower load condition will not damage these converters, however, they may not meet all listed specifications) capacitive load 3.3 vout models: 3300 f max 5 vout models / 5 vout models: 1600 f max. / 1000 f max. 12 vout models / 12 vout models: 350 f max. / 160 f max. 15 vout models / 15 vout models: 240 f max. / 100 f max. general general specifications specifications temperature ranges C operatin g C 40 c to +85 c C case temperatur e +100 c max . C storag e C 55 c to +105 c derating 3.3% /k above 70 c humidity (non condensing) 95 % rel h max.
wra-yd-8w&wrb-yd-8w wra-yd-8w&wrb-yd-8w series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 3 of 4 outline outline dimensions dimensions dimensions in [mm], () = inch pin diameter ? 0.5 0.05 (0.02 0.00 2) tolerances 0.5 (0.02 ) pin pich tolerances 0.35 (0.014 ) spec if ication s can be changed any time without notice n c : n0 connection general general specifications specifications reliability, calculated mtbf (mil-hdbk-217f ground benign) >715000 h @ +25 isolation voltage (60sec.) C input/outpu t 1500 vd c isolation capacity C input/outpu t 300 pf max. isolation resistance C input/outpu t > 1000 m oh m switching frequency 300 khz typ. (pulse width modulation pwm) vibration 10-55hz, 2g, 30 minutes along x,y,z safety standards ul/cul 60950-1, iec/en 60950-1 compliance up to 60 vdc input voltage (selv limit ) safety approvals C ul/cu l certifications - file e188913 remote on/off on: 3.5 ... 12 vdc or open circuit off: 0 ... 1.2 vdc or short circuit pin 1 and pin 2/3 off idle current: 2.5 ma physical physical specifications specifications case material copper , nickel plated baseplate material non conductive fr4 potting material epoxy (ul94v-0 rated) weight 17 g (0.60 oz) soldering temperature max. 265 / 10 sec. footprint footprint details details pin single dual 1 remote on/off remote on/off 2 C vin (gnd C vin (gnd 3 C vin (gnd C vin (gnd 9 no con . common 11 no con . C vou t 14 +vout +vout 16 C vout common 22 +vin (vcc) +vin (vcc) 23 +vin (vcc) +vin (vcc)
wra-yd-8w&wrb-yd-8w wra-yd-8w&wrb-yd-8w series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 4 of 4 microdc professional power module,inc. tel:0086-20-86000646 e-mail:tech@microdc.cn website:http://www.microdc.cn rohs compliant information this series is compatible with rohs soldering systems with a peak wave solder temperature of 300 c for 10 seconds. the pin termination finish on the sip package type is tin plate, hot dipped over matte tin with nickel preplate. the dip types are matte tin over nickel preplate. both types in this series are backward compatible with sn/pb soldering systems. reach compliant information this series has proven that this product does not contain harmful chemicals, it also has harmful chemical substances through the registration, inspection and approval. recommended recommended footprint footprint recommended footprint top view grid:2.54mm(0.1inch) diameter:1.00mm(0.039inch) tube tube outline outline dimensions dimensions note: unit :mm[inch] general tolerances: 0.50mm[ 0.020inch] l=530mm[20.866inch] tube quantity: 15pcs l=220mm[8.661inch] tube quantity: 6pcs note: 1. the load shouldn't be less than 10%, otherwise ripple will increase dramatically. 2. operation under 10% load will not damage the converter; however, they may not meet all specification listed. 3. all specifications measured at ta=25 c, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 4. in this datasheet, all the test methods of indications are based on corporate standards. 5. only typical models listed, other models may be different, please contact our technical person for more details.


▲Up To Search▲   

 
Price & Availability of WRB2415YD-8W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X