Part Number Hot Search : 
STR30134 CS833B1 L5122 SHS26 03GEHG3J NCP1393B RLP732H SHS26
Product Description
Full Text Search
 

To Download ULN200112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this is information on a product in full production. june 2012 doc id 5279 rev 8 1/16 16 uln2001, uln2002 uln2003, uln2004 seven darlington array datasheet ? production data features seven darlingtons per package output current 500 ma per driver (600 ma peak) output voltage 50 v integrated suppression diodes for inductive loads outputs can be paralleled for higher current ttl/cmos/pmos/dtl compatible inputs inputs pinned opposite outputs to simplify layout description the uln2001, uln2002, uln2003 and uln 2004 are high voltage, high current darlington arrays each containing seven open collector darlington pairs with common emitters. each channel rated at 500 ma and can withstand peak currents of 600 ma. suppression diodes are included for inductive load driving and the inputs are pinned opposite the outputs to simplify board layout. the versions interface to all common logic families: ? uln2001 (general purpose, dtl, ttl, pmos, cmos) ? uln2002 (14 - 25 v pmos) ? uln2003 (5 v ttl, cmos) ? uln2004 (6 - 15 v cmos, pmos) these versatile devices are useful for driving a wide range of loads including solenoids, relays dc motors, led displays filament lamps, thermal printheads and high power buffers. the uln2001a/2002a/2003a and 2004a are supplied in 16 pin plastic dip packages with a copper leadframe to reduce thermal resistance. they are available also in small outline package (so-16) as uln2001d1/2002d1/2003d1/ 2004d1 dip-16 so-16 (narrow) table 1. device summary order codes uln2001a uln2001d1013tr uln2002a uln2002d1013tr uln2003a uln2003d1013tr uln2004a uln2004d1013tr www.st.com
contents uln2001, uln2002, uln2003, uln2004 2/16 doc id 5279 rev 8 contents 1 diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 pin configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 3 maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 4 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 5 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 6 typical performance characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 7 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 8 order codes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 9 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
uln2001, uln2002, uln2003, uln2004 diagram doc id 5279 rev 8 3/16 1 diagram figure 1. schematic diagram uln2001 (each driver) uln2002 (each driver) uln2003 (each driver) uln2004 (each driver)
pin configuration uln2001, uln2002, uln2003, uln2004 4/16 doc id 5279 rev 8 2 pin configuration figure 2. pin connections (top view)
uln2001, uln2002, uln2003, uln2004 maximum ratings doc id 5279 rev 8 5/16 3 maximum ratings table 2. absolute maximum ratings symbol parameter value unit v o output voltage 50 v v i input voltage (for uln2002a/d - 2003a/d - 2004a/d) 30 v i c continuous collector current 500 ma i b continuous base current 25 ma t a operating ambient temperature range - 40 to 85 c t stg storage temperature range - 55 to 150 c t j junction temperature 150 c table 3. thermal data symbol parameter dip-16 so-16 unit r thja thermal resistance junction-ambient, max. 70 120 c/w
electrical characteristics uln2001, uln2002, uln2003, uln2004 6/16 doc id 5279 rev 8 4 electrical characteristics t a = 25 c unless otherwise specified. table 4. electrical characteristics symbol parameter test condition min. typ. max. unit i cex output leakage current v ce = 50 v, ( figure 3. )50 a t a = 85c, v ce = 50 v ( figure 3. )100 t a = 85c for uln2002, v ce = 50 v, v i = 6 v ( figure 4. ) 500 t a = 85c for uln2002, v ce = 50 v, v i = 1v ( figure 4. ) 500 v ce(sat) collector-emitter saturation voltage ( figure 5. ) i c = 100 ma, i b = 250 a 0.9 1.1 v i c = 200 ma, i b = 350 a 1.1 1.3 i c = 350 ma, i b = 500 a 1.3 1.6 i i(on) input current ( figure 6. ) for uln2002, v i = 17 v 0.82 1.25 ma for uln2003, v i = 3.85 v 0.93 1.35 for uln2004, v i = 5 v 0.35 0.5 v i = 12 v 1 1.45 i i(off) input current ( figure 7. )t a = 85c, i c = 500 a 50 65 a v i(on) input voltage ( figure 8. ) v ce = 2 v, for uln2002 i c = 300 ma for uln2003 i c = 200 ma i c = 250 ma i c = 300 ma for uln2004 i c = 125 ma i c = 200 ma i c = 275 ma i c = 350 ma 13 2.4 2.7 3 5 6 7 8 v h fe dc forward current gain ( figure 5. ) for uln2001, v ce = 2 v, i c = 350 ma 1000 c i input capacitance 15 25 pf t plh turn-on delay time 0.5 v i to 0.5 v o 0.25 1 s t phl turn-off delay time 0.5 v i to 0.5 v o 0.25 1 s i r clamp diode leakage current ( figure 9. ) v r = 50 v 50 a t a = 85c , v r = 50 v 100 v f clamp diode forward voltage ( figure 10. ) i f = 350 ma 1.7 2 v
uln2001, uln2002, uln2003, uln2004 test circuits doc id 5279 rev 8 7/16 5 test circuits figure 3. output leakage current figure 4. output leakage current (for uln2002 only) figure 5. collector-emitter saturation voltage figure 6. input current (on) figure 7. input current (off) figure 8. input voltage
test circuits uln2001, uln2002, uln2003, uln2004 8/16 doc id 5279 rev 8 figure 9. clamp diode leakage current figure 10. clamp diode forward voltage
uln2001, uln2002, uln2003, uln2004 typical performance characteristics doc id 5279 rev 8 9/16 6 typical performance characteristics figure 11. collector current vs. saturation voltage (t j = 25c) figure 12. collector current vs. saturation voltage figure 13. input current vs. input voltage figure 14. input current vs. input voltage (ta = 25c) figure 15. collector current vs. input current figure 16. h fe vs. output current i out [ma] 8 5c 25c - 3 0c vce s at [v] i in = 500 a uln2003a typ max min ul n2003a ta = 25 c iout=100ma iout=200ma i ou t=300ma i in [ a] i out [ma] - 3 0c 8 5c 25 c v ce = 2 v 1 10 100 1000 10000 1 10 100 1000 dc c u rrent tr a n s fer r a tio (h fe ) o u tp u t c u rrent i out [ma] 8 5 c - 40 c 25 c v ce = 2 v
typical performance characteristics uln2001, uln2002, uln2003, uln2004 10/16 doc id 5279 rev 8 figure 17. peak collector current vs. duty cycle (dip-16) figure 18. peak collector current vs. duty cycle (so-16) 0204060 8 0dc 0 100 200 3 00 400 500 ic pe a k (ma) t a m b =70c (dip16) 7 6 5 4 3 2 number of active output d96in451 0204060 8 0 100 dc 0 100 200 3 00 400 500 ic pe a k (ma) d96in452a 7 5 3 2 number of active output t a m b =70c ( s o16)
uln2001, uln2002, uln2003, uln2004 package mechanical data doc id 5279 rev 8 11/16 7 package mechanical data in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark. table 5. dip-16l mechanical data dim. mm. min. typ. max. a 5.33 a1 0.38 a2 2.92 3.30 4.95 b 0.36 0.46 0.56 b2 1.14 1.52 1.78 c 0.20 0.25 0.36 d 18067 19.18 19.69 e 7.62 7.87 8.26 e1 6.10 6.35 7.11 e2.54 e1 17.78 ea 7.62 eb 10.92 l 2.92 3.30 3.81
package mechanical data uln2001, uln2002, uln2003, uln2004 12/16 doc id 5279 rev 8 figure 19. dip-16l package dimensions 0015 8 95_e
uln2001, uln2002, uln2003, uln2004 package mechanical data doc id 5279 rev 8 13/16 table 6. so-16 narrow mechanical data dim. mm. inch. min. typ. max. min. typ. max. a 1.75 0.069 a1 0.1 0.25 0.004 0.009 a2 1.6 0.063 b 0.35 0.46 0.014 0.018 b1 0.19 0.25 0.007 0.010 c 0.5 0.020 c1 45 (typ.) d (1) 9.8 10 0.386 0.394 e 5.8 6.2 0.228 0.244 e 1.27 0.050 e3 8.89 0.350 f (1) 3.8 4.0 0.150 0.157 g 4.60 5.30 0.181 0.208 l 0.4 1.27 0.150 0.050 m 0.62 0.024 s 8 (max.) figure 20. so-16 package dimensions
order codes uln2001, uln2002, uln2003, uln2004 14/16 doc id 5279 rev 8 8 order codes table 7. order codes part numbers packages uln2001a dip-16 uln2002a dip-16 uln2003a dip-16 uln2004a dip-16 uln2001d1013tr so-16 in tape and reel uln2002d1013tr so-16 in tape and reel uln2003d1013tr so-16 in tape and reel uln2004d1013tr so-16 in tape and reel
uln2001, uln2002, uln2003, uln2004 revision history doc id 5279 rev 8 15/16 9 revision history table 8. revision history date revision changes 05-dec-2006 5 order code updated and document reformatted. 28-aug-2007 6 added ta bl e 1 in cover page. 07-may-2012 7 modified: figure 12 on page 9 . added: figure 13 , 14 , 15 and figure 16 on page 9 . 01-jun-2012 8 updated: dip-16l package mechanical data table 5 on page 11 and figure 19 on page 12 .
uln2001, uln2002, uln2003, uln2004 16/16 doc id 5279 rev 8 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a particular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by two authorized st representatives, st products are not recommended, authorized or warranted for use in military, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or register ed trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2012 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of ULN200112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X