Part Number Hot Search : 
C3216X7R MV64520 ACTQ963 GS881E36 DMC4002 TF541M 0CS14 R2157
Product Description
Full Text Search
 

To Download TM24RSG-5A-88 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 modular jack connector for high-speed transmission tm24r series 2006.10 features 1. supports high-speed transmission meets requirements of 10g ethernet standard ieee802.3an for fext, return loss and z bal. 2. unique contact configuration (patented) and board-mounting pattern the adjacent contacts have different angles of engagement thus increasing the distance between them, in effect reducing the cross talk within connector and its footprint. contact #3 and # 6, affecting the cross talk the most; have been isolated from other contacts resulting in maximum next noise suppression. in addition, the board layout allows easy tracing of the differential signal lines. 3. full emi shielding the entire connector is covered with a metal shell. multiple panel ground contact springs (2 on each side of the mating opening) and 4 board ground connection solder contacts placed at each corner of the connector guarantee effective suppression of noise radiation. 4. sequential mating separate ground springs (patent pending) make contact with the mating connectors ground before the signal contacts, allowing equalization of any ground differential. 5. conforms to fcc (federal communications commission) standards meets requirements of fcc title 47, part 68, subpart f. applications lan related equipment, measuring instruments, office equipment and other high transmission speed applications requiring use of high performance modular jacks. unique contact configuration recommended board layout for differential routing separate ground springs 38? 31? 33? a b c c b a a-a (contact no. 1, 4, and 8) b-b (contact no. 2, 5, and 7) c-c (contact no. 3 and 6) 1 2 5 6 3 7 4 8 differential pair 4 differential pair 3 differential pair 2 differential pair 1 panel ground contact springs board ground connection solder contacts metal shell separation ground spring new the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
2 materials part material finish remarks insulator contact shield ground spring pbt phosphor bronze brass phosphor bronze color: black tin reflow plated 1m tin reflow plated 1m ul94v-0 ------------- ------------- ------------- 100v dc 500v ac / one minute 1500v ac / one minute 100ma frequency: 10 to 55 hz, single amplitude of 0.75mm, 3 axis, 10 cycles acceleration of 490 m/s2, 11 ms duration, sine half-wave waveform, 3 cycles / each of 3 axis 700 cycles (temperature: -55? +15? to +35? +85 +15? to +35? duration: 30 2 to 3 30 2 to 3 (minutes) 5 cycles 500 hours at 40?, hr 90% to 95% 5% water solution for 48 hours 100m ohms min. no flashover or insulation breakdown. no flashover or insulation breakdown. 50m ohms max. no electrical discontinuity of 5s or more. no damage, cracks, or parts dislocation. no electrical discontinuity of 5s or more. contact resistance: 60 m ohms max. contact resistance: 60 m ohms max. insulation resistance: 100 m ohms min. contact resistance: 60 m ohms max. insulation resistance: 1 m ohms min. (high hujmidity) insulation resistance: 10 m ohms min. (dry state) contact resistance: 60 m ohms max. 1. insulation resistance 2. withstanding voltage (basic terminal between 123-456-78) 3. withstanding voltage (terminal to shield) 4. contact resistance 5. vibration 6. shock 7. durability (insertion/withdrawal) 8. temperature cycle 9. humidity 10. salt spray ratings current rating 1a voltage rating 125v ac operating temperature range: -25? to +80? (note) product specifications item specification conditions note: includes temperature rise caused by current flow. temperature range for mechanical operation : -25? to +60? contact area: gold plated 1.27 m termination area: gold plated 0.03 m under plate: nickel plated 1m ordering information series name : tm24 connector type : r ... jack shell type : sg... separate ground spring Couter shell jack type : 5a... right-angle dip jack opening code : 8... 8 contacts number of inserted contact : 8... 8 contacts 1 2 3 5 4 6 tm24 r sg - 5a 8 8 1 2 3 4 5 6 the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
3 modular jack connectors cl no. rohs part number 222-2946-7-00 yes TM24RSG-5A-88 * precautions and recommendations for board and panel design 1 . recommended board thickness: 1.6 mm. 2 . no conductive traces in the crosshatched areas. 3 . make sure that the panel cutout has enough clearance to assure free operation of the lock lever of the mating plug. 4 . make sure that the panel cutout bottom edge is 0.15 mm below the board-mounting surface. 5 . connector can be cleaned with isopropyl alcohol (ipa) at room temperature. b recommended pcb mounting pattern b recommended panel cutout TM24RSG-5A-88 4.95 4 6 8.925 13.25 15.25 (17) 4 2.54 contact no.8 contact no.1 0.43 15.5 (17.5 ) 16 14 13.75 0.6 3 1 1 2.1 (1) 11 1 0.25 1 2 3 4 5 6 7 8 11 13.25 no conductive traces 12.25max 18.25min board edge 1.016 3.048 5.08 7.112 15.25 8-?0.8( signal line through hole ) 2.4 4 2.54 6 8.925 2-?1.63 (separate ground spring through hole) 4-?1.63 (outer shell through hole) 2.6 2 2.4 2 board edge lock lever panel thickness: 2 mm max. tm21p-88p plug 15.9 4.5min 14.1 0.6min 0.15 panel cutout bottom edge board surface 3 3 the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
4 signal integrity data these are the representative values of the electrical performance demanded for modular connectors according to ieee802.3-an (10gbase-t). measurement outline drawing fext data measurement point : fext ? sdd21 return loss ? sdd11 impedance balance ? scd11 through hole solder through hole solder frequency ( ghz ) fext ( db ) the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.
5 return loss data impedance balance data 0 -10 -20 -30 -40 -50 -60 -70 -80 zbal ( db ) 0 0.5 frequency ( ghz ) 1 1.5 2 pair1 pair2 pair3 pair4 limit frequency ( ghz ) return loss ( db ) zbal ( db ) frequency ( ghz ) the product information in this catalog is for reference only. please request the engineering drawing for the most current and accurate design information. all non-rohs products have been discontinued, or will be discontinued soon. please check the products status on the hirose website rohs search at www.hirose-connectors.com, or contact your hirose sales representative.


▲Up To Search▲   

 
Price & Availability of TM24RSG-5A-88

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X